Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS5A3159DCKTG4 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TS5A3159DCKTG4
Description  1-R SPDT ANALOG SWITCH
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TS5A3159DCKTG4 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TS5A3159DCKTG4 Datasheet HTML 6Page - Texas Instruments TS5A3159DCKTG4 Datasheet HTML 7Page - Texas Instruments TS5A3159DCKTG4 Datasheet HTML 8Page - Texas Instruments TS5A3159DCKTG4 Datasheet HTML 9Page - Texas Instruments TS5A3159DCKTG4 Datasheet HTML 10Page - Texas Instruments TS5A3159DCKTG4 Datasheet HTML 11Page - Texas Instruments TS5A3159DCKTG4 Datasheet HTML 12Page - Texas Instruments TS5A3159DCKTG4 Datasheet HTML 13Page - Texas Instruments TS5A3159DCKTG4 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
TS5A3159
1 W SPDT ANALOG SWITCH
SCDS174B − AUGUST 2004 – REVISED MAY 2005
www.ti.com
10
Electrical Characteristics for 1.8-V Supply (continued)
V+ = 1.65 V to 1.95 V and TA = −40°C to 85°C (unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
TA
V+
MIN
TYP(1)
MAX
UNIT
Dynamic
Turn-on time
tON
VCOM = V+,
CL = 35 pF,
25
°C
1.65 V to
65
70
ns
Turn-on time
tON
VCOM = V+,
RL = 50 Ω,
CL = 35 pF,
See Figure 15
Full
1.65 V to
1.95 V
95
ns
Turn-off time
tOFF
VCOM = V+,
CL = 35 pF,
25
°C
1.65 V to
40
55
ns
Turn-off time
tOFF
VCOM = V+,
RL = 50 Ω,
CL = 35 pF,
See Figure 15
Full
1.65 V to
1.95 V
70
ns
Break-before-make
time
tBBM
VNC = VNO = V+/2,
CL = 35 pF,
25
°C
1.65 V to
1
60
72
ns
Break-before-make
time
tBBM
VNC = VNO = V+/2,
RL = 50 Ω,
CL = 35 pF,
See Figure 16
Full
1.65 V to
1.95 V
0.5
ns
Charge injection
QC
CL = 1 nF, VGEN = 0 V,
See Figure 20
25
°C
1.8 V
13
pC
NC, NO
OFF capacitance
CNC(OFF),
CNO(OFF)
VNC or VNO = V+ or GND,
Switch OFF,
See Figure 14
25
°C
1.8 V
23
pF
NC, NO
ON capacitance
CNC(ON),
CNO(ON)
VNC or VNO = V+ or GND,
Switch ON,
See Figure 14
25
°C
1.8V
84
pF
COM
ON capacitance
CCOM(ON)
VCOM = V+ or GND,
Switch ON,
See Figure 14
25
°C
1.8 V
84
pF
Digital input
capacitance
CIN
VIN = V+ or GND,
See Figure 14
25
°C
1.8 V
2.1
pF
Bandwidth
BW
RL = 50 Ω,
Switch ON,
See Figure 17
25
°C
1.8 V
100
MHz
OFF isolation
OISO
RL = 50 Ω,
f = 1 MHz,
Switch OFF,
See Figure 18
25
°C
1.8 V
−63
dB
Crosstalk
XTALK
RL = 50 Ω,
f = 1 MHz,
Switch ON,
See Figure 19
25
°C
1.8 V
−63
dB
Supply
Positive supply
current
I+
VIN = V+ or GND,
Switch ON or
OFF
Full
1.95 V
0.1
µA
(1) TA = 25°C


Similar Part No. - TS5A3159DCKTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS5A3159DCKR TI-TS5A3159DCKR Datasheet
232Kb / 21P
[Old version datasheet]   1 SPDT ANALOG SWITCH
More results

Similar Description - TS5A3159DCKTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS5A3159 TI-TS5A3159 Datasheet
232Kb / 21P
[Old version datasheet]   1 SPDT ANALOG SWITCH
TS5A3159-Q1 TI-TS5A3159-Q1 Datasheet
919Kb / 25P
[Old version datasheet]   1- SPDT ANALOG SWITCH
logo
SG Micro Corp
SGM4157 SGMICRO-SGM4157_15 Datasheet
317Kb / 11P
   SPDT 1 Analog Switch
logo
Global Mixed-mode Techn...
G3202 GMT-G3202 Datasheet
294Kb / 3P
   1 SPDT Analog Switch
G3202A GMT-G3202A Datasheet
679Kb / 2P
   1 SPDT Analog Switch
logo
Texas Instruments
TS5A3159 TI1-TS5A3159_14 Datasheet
712Kb / 28P
[Old version datasheet]   1 SPDT ANALOG SWITCH
TS5A3159-Q1 TI-TS5A3159-Q1_15 Datasheet
923Kb / 25P
[Old version datasheet]   1-廓 SPDT ANALOG SWITCH
TS5A3159-EP TI-TS5A3159-EP Datasheet
364Kb / 22P
[Old version datasheet]   1-廓 SPDT ANALOG SWITCH
logo
Global Mixed-mode Techn...
G3205 GMT-G3205 Datasheet
100Kb / 1P
   Dual 1 SPDT Analog Switch
logo
Texas Instruments
TS5A3159-EP TI1-TS5A3159-EP_14 Datasheet
876Kb / 27P
[Old version datasheet]   1-W SPDT ANALOG SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com