Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

72347-002 Datasheet(PDF) 2 Page - FCI connector

Part # 72347-002
Description  SCA-2 & FIBER CHANNEL 20 POS, RECEPT, ASSY
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI-CONNECTOR [FCI connector]
Direct Link  http://www.fciconnect.com
Logo FCI-CONNECTOR - FCI connector

72347-002 Datasheet(HTML) 2 Page - FCI connector

  72347-002 Datasheet HTML 1Page - FCI connector 72347-002 Datasheet HTML 2Page - FCI connector 72347-002 Datasheet HTML 3Page - FCI connector  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PDM: Rev:J
Released
.
STATUS:
Printed: May 26, 2010


Similar Part No. - 72347-002

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
7234 GILWAY-7234 Datasheet
143Kb / 2P
   T-1 Subminiature Lamps
logo
Molex Electronics Ltd.
7234-02-100B MOLEX3-7234-02-100B Datasheet
225Kb / 4P
   2.54mm (.100") Pitch Round Conductor Flat Cable
7234-03-100B MOLEX3-7234-03-100B Datasheet
225Kb / 4P
   2.54mm (.100") Pitch Round Conductor Flat Cable
7234-04-100B MOLEX3-7234-04-100B Datasheet
225Kb / 4P
   2.54mm (.100") Pitch Round Conductor Flat Cable
7234-05-100B MOLEX3-7234-05-100B Datasheet
225Kb / 4P
   2.54mm (.100") Pitch Round Conductor Flat Cable
More results

Similar Description - 72347-002

ManufacturerPart #DatasheetDescription
logo
FCI connector
87566 FCI-CONNECTOR-87566 Datasheet
303Kb / 3P
   SCA-2 & FIBER CHANNEL 80 POS, RECEPT, ASSY
71781 FCI-CONNECTOR-71781 Datasheet
311Kb / 4P
   SCA-2 & FIBER CHANNEL 40 POS, RECEPT, ASSY
87567 FCI-CONNECTOR-87567 Datasheet
263Kb / 3P
   SCA-2 & FIBER CHANNEL 40 POS, RECEPT, ASSY
71780 FCI-CONNECTOR-71780 Datasheet
324Kb / 4P
   SCA-2 & FIBER CHANNEL 80 POS, RECEPT, ASSY
84517-001LF FCI-CONNECTOR-84517-001LF Datasheet
161Kb / 3P
   4.0mm RECPT, ASSY 10 X 20 = 200 POS
logo
TE Connectivity Ltd
C-2286945 TEC-C-2286945 Datasheet
1Mb / 1P
   2 POS. HVP800, 90, 50 SQMM, CABLE ASSY
2345284 TEC-2345284 Datasheet
851Kb / 1P
   2 POS,MCON 1.2 REC HSG ASSY, SLD
Rev. A2
C-2286947 TEC-C-2286947 Datasheet
1Mb / 1P
   2 POS. HVP800, 90, 25 SQMM, CABLE ASSY
logo
Tyco Electronics
2-1419158-8 MACOM-2-1419158-8 Datasheet
84Kb / 1P
   GET MALE CONNECTOR, ASSY, 2x11 POS. GET STIFTGEHAEUSE, ASSY, 2x11 POS
2-1419158-7 MACOM-2-1419158-7 Datasheet
84Kb / 1P
   GET MALE CONNECTOR, ASSY, 2x11 POS. GET STIFTGEHAEUSE, ASSY, 2x11 POS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com