Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4120-1110-10-B Datasheet(PDF) 3 Page - 3M Electronics

Part # 4120-1110-10-B
Description  Mini D Ribbon (MDR) Cable Assembly
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

4120-1110-10-B Datasheet(HTML) 3 Page - 3M Electronics

  4120-1110-10-B Datasheet HTML 1Page - 3M Electronics 4120-1110-10-B Datasheet HTML 2Page - 3M Electronics 4120-1110-10-B Datasheet HTML 3Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
Printed in USA.
Minimum 10%
Post-Consumer Fiber
Important Notice
All statements, technical information, and recommendations
related to 3M’s products are based on information believed to be
reliable, but the accuracy or completeness is not guaranteed.
Before using this product, you must evaluate it and determine if it
is suitable for your intended application. You assume all risks and
liability associated with such use. Any statements related to the
product which are not contained in 3M’s current publications, or
any contrary statements contained on your purchase order shall
have no force or effect unless expressly agreed upon, in writing,
by an authorized officer of 3M.
Warranty; Limited Remedy; Limited Liability.
This product will be free from defects in material and
manufacture for a period of one (1) year from the time of
purchase. 3M MAKES NO OTHER WARRANTIES INCLUDING,
BUT NOT LIMITED TO, ANY IMPLIED WARRANTY OF
MERCHANTABILITY OR FITNESS FOR A PARTICULAR
PURPOSE. If this product is defective within the warranty period
stated above, your exclusive remedy shall be, at 3M’s option, to
replace or repair the 3M product or refund the purchase price of
the 3M product. Except where prohibited by law, 3M will not
be liable for any indirect, special, incidental or consequential
loss or damage arising from this 3M product, regardless of
the legal theory asserted.
3M Electronics
6801 River Place Blvd.
Austin, TX 78726-9000
800/225-5373
www.3M.com/electronics
© 3M 2006


Similar Part No. - 4120-1110-10-B

ManufacturerPart #DatasheetDescription
logo
ETAL Group
4120-G ETAL-4120-G Datasheet
268Kb / 4P
   Extra low voltage wiring systems on all types of vehicles for land sea and air
4120-G110-J1M1 ETAL-4120-G110-J1M1 Datasheet
268Kb / 4P
   Extra low voltage wiring systems on all types of vehicles for land sea and air
4120-G110-J2M1 ETAL-4120-G110-J2M1 Datasheet
268Kb / 4P
   Extra low voltage wiring systems on all types of vehicles for land sea and air
4120-G110-J3M1 ETAL-4120-G110-J3M1 Datasheet
268Kb / 4P
   Extra low voltage wiring systems on all types of vehicles for land sea and air
4120-G110-K1M1 ETAL-4120-G110-K1M1 Datasheet
268Kb / 4P
   Extra low voltage wiring systems on all types of vehicles for land sea and air
More results

Similar Description - 4120-1110-10-B

ManufacturerPart #DatasheetDescription
logo
3M Electronics
14H26-SZ3M-050-04C 3M-14H26-SZ3M-050-04C Datasheet
713Kb / 6P
   3M Mini D Ribbon (MDR) Cable Assembly
14H26-SZ3M-050-0LC 3M-14H26-SZ3M-050-0LC Datasheet
1Mb / 6P
   3M Mini D Ribbon (MDR) Cable Assembly
14B26-SZ3B-050-03C 3M-14B26-SZ3B-050-03C Datasheet
1Mb / 6P
   3M Mini D Ribbon (MDR) Cable Assembly
14H26-SZ3M-050-03C 3M-14H26-SZ3M-050-03C Datasheet
339Kb / 6P
   3M Mini D Ribbon (MDR) Cable Assembly
14B26-SZ3B-050-04C 3M-14B26-SZ3B-050-04C Datasheet
676Kb / 6P
   3M Mini D Ribbon (MDR) Cable Assembly
14T36-SZ6B-100-0HC 3M-14T36-SZ6B-100-0HC Datasheet
351Kb / 7P
   3M Mini D Ribbon (MDR) Cable Assembly
14T50-SZWB-100-0NC 3M-14T50-SZWB-100-0NC Datasheet
125Kb / 5P
   3M Mini D Ribbon (MDR) Cable Assembly
14526-EZ5B-050-02C 3M-14526-EZ5B-050-02C Datasheet
317Kb / 4P
   3M Mini D Ribbon (MDR) Cable Assembly
10214-1S10PL 3M-10214-1S10PL Datasheet
979Kb / 6P
   3M Mini D Ribbon (MDR) Connectors
101XX-6000EC 3M-101XX-6000EC Datasheet
58Kb / 3P
   050, Mini D Ribbon (MDR) Connectors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com