Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

QS5100 Datasheet(PDF) 8 Page - Altonics Co., Ltd.

Part # QS5100
Description  Digital FX LSI
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTONICS [Altonics Co., Ltd.]
Direct Link  http://www.altonics.com
Logo ALTONICS - Altonics Co., Ltd.

QS5100 Datasheet(HTML) 8 Page - Altonics Co., Ltd.

Back Button QS5100 Datasheet HTML 4Page - Altonics Co., Ltd. QS5100 Datasheet HTML 5Page - Altonics Co., Ltd. QS5100 Datasheet HTML 6Page - Altonics Co., Ltd. QS5100 Datasheet HTML 7Page - Altonics Co., Ltd. QS5100 Datasheet HTML 8Page - Altonics Co., Ltd. QS5100 Datasheet HTML 9Page - Altonics Co., Ltd. QS5100 Datasheet HTML 10Page - Altonics Co., Ltd. QS5100 Datasheet HTML 11Page - Altonics Co., Ltd. QS5100 Datasheet HTML 12Page - Altonics Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
6-2. AC Characteristics
모든 Timing Condition은 내부 System Clock이 24MHz (출력 Sample Frequency는 48 KHz)로 동작한
다고 가정하였다.
6-2-1. External CPU Interface Timing
ITEM
SYMBOL
MIN
TYP
MAX
UNIT
Read Cycle Time
t
RC
136
ns
Access Time from AB0
t
ACC
113
ns
Chip Enable Setup Time
t
CS
0
ns
Chip Enable Hold Time
t
CH
0
ns
AB0 Setup Time
t
AS
0
ns
Write Pulse Width
t
WP
42
ns
Write Enable to Read Enable Delay
t
WR
85
ns
Data Setup Time
t
DS
5
ns
Data Hold Time
t
DH
0
ns
Read Enable to Data setup time
t
RE
5
ns
Hold Time from rising edge of CPU_RDB
t
OH
5
ns
QS5100
Digital FX LSI
t
RC
CSB
CPU AB0
CPU WEB
CPU REB
CPU DATA
t
ACC
t
CS
t
AS
t
CH
t
WR
t
WP
t
DS
t
DH
t
RE
t
OH
Valid Address
Valid Data
6-2-1-1. READ Operation


Similar Part No. - QS5100

ManufacturerPart #DatasheetDescription
logo
PULS GmbH
QS5.241 PULS-QS5.241 Datasheet
838Kb / 26P
   24V, 5A, SINGLE PHASE INPUT
QS5.241-60 PULS-QS5.241-60 Datasheet
798Kb / 27P
   24V, 100W, DC/DC CONVERTER
QS5.DNET PULS-QS5.DNET Datasheet
686Kb / 21P
   24V, 3.8A, NEC CLASS 2, DEVICENET POWER SUPPLY
logo
TDK Electronics
QS50001M TDK-QS50001M Datasheet
218Kb / 2P
   AC-DC Power Supplies
QS50002N TDK-QS50002N Datasheet
218Kb / 2P
   AC-DC Power Supplies
More results

Similar Description - QS5100

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LC78616PE ONSEMI-LC78616PE_16 Datasheet
335Kb / 27P
   Digital Servo Processor LSI
August 2016 - Rev. 0
logo
Nippon Precision Circui...
SM5852DS NPC-SM5852DS Datasheet
106Kb / 14P
   Digital Audio Processor LSI
logo
ON Semiconductor
LC717A00AR ONSEMI-LC717A00AR Datasheet
139Kb / 13P
   Capacitance-Digital-Converter LSI
October, 2017 ??Rev. 3
LC717A30UJ ONSEMI-LC717A30UJ Datasheet
335Kb / 14P
   Capacitance-Digital-Converter LSI
2016 December - Rev. 0
LC717A10AJ ONSEMI-LC717A10AJ Datasheet
146Kb / 11P
   Capacitance-Digital-Converter LSI
August, 2013 Ver1.0.1
logo
List of Unclassifed Man...
FX-101P-CC2 ETC2-FX-101P-CC2 Datasheet
5Mb / 16P
   Digital Fiber Sensor FX-100 SERIES
logo
Panasonic Semiconductor
MN82860 PANASONIC-MN82860 Datasheet
192Kb / 4P
   Digital RGB Processor LSI
logo
ON Semiconductor
LC717A10AR ONSEMI-LC717A10AR Datasheet
147Kb / 11P
   Capacitance-Digital-Converter LSI
August, 2013 Ver1.0.1
LC717A00AJ ONSEMI-LC717A00AJ Datasheet
149Kb / 11P
   Capacitance-Digital-Converter LSI
August, 2013 Ver1.0.1
LC717A10PJ ONSEMI-LC717A10PJ Datasheet
240Kb / 14P
   Capacitance-Digital-Converter LSI
May, 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com