Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1776263-4 Datasheet(PDF) 1 Page - Tyco Electronics

Part # 1776263-4
Description  TERMINAL BLOCK, 90 DEGREE, STACKING W/WIRE PROTECTION, 5.0mm PITCH, HIGH TEMP
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

1776263-4 Datasheet(HTML) 1 Page - Tyco Electronics

  1776263-4 Datasheet HTML 1Page - Tyco Electronics 1776263-4 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image


Similar Part No. - 1776263-4

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1776265 PHOENIX-1776265 Datasheet
41Kb / 2P
   Printed-circuit board connector - MSTBV 2,5/ 3-G-5,08 PIN 13,9
More results

Similar Description - 1776263-4

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
C-1776280 MACOM-C-1776280 Datasheet
147Kb / 1P
   TERMINAL BLOCK , 90 DEGREE, STACKING W/WIRE PROTECTION 5.0mm PITCH, HIGH TEMP
C-1546173 MACOM-C-1546173 Datasheet
115Kb / 1P
   TERMINAL BLOCK, PLUG, 90 DEGREE, STACKING, 5.0mm PITCH
C-1776252 MACOM-C-1776252 Datasheet
165Kb / 2P
   TERMINAL BLOCK 45 DEGREE WIRE INLET W/INTERLOCK, 5.0mm PITCH, HIGH TEMP
C-284052 MACOM-C-284052 Datasheet
45Kb / 1P
   TERMINAL BLOCK MULTIPLE HEADER ASSEMBLY 90 ? STACKING W/INTERLOCK 5.0mm PITCH
C-1546018 MACOM-C-1546018 Datasheet
98Kb / 1P
   TERMINAL BLOCK PLUG 90/180 DEGREE 5.0mm PITCH
C-282830 MACOM-C-282830 Datasheet
215Kb / 2P
   TERMINAL BLOCK PLUG 90/180 DEGREE 5.0mm PITCH
C-1546226 MACOM-C-1546226 Datasheet
81Kb / 1P
   TERMINAL BLOCK PLUG 90/270 DEGREE 5.0mm PITCH
C-796748 MACOM-C-796748 Datasheet
55Kb / 1P
   TERMINAL BLOCK, PCB MOUNT TOP ENTRY WIRE, STACKING W/INTERLOCK, 5.0mm PITCH
C-284056 MACOM-C-284056 Datasheet
113Kb / 1P
   TERMINAL BLOCK MULTIPLE HEADER, 180 STACKING W/INTERLOCK, 5.0mm PITCH
C-1776141 MACOM-C-1776141 Datasheet
107Kb / 1P
   TERMINAL BLOCK HEADER ASSEMBLY, 90 DEGREE, OPEN ENDS, STACKING 5.08mm PITCH
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com