Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AM26LV32C Datasheet(PDF) 4 Page - Texas Instruments

Part # AM26LV32C
Description  LOW-VOLTAGE HIGH-SPEED QUADRUPLE DIFFERENTIAL LINE RECEIVER
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM26LV32C Datasheet(HTML) 4 Page - Texas Instruments

  AM26LV32C Datasheet HTML 1Page - Texas Instruments AM26LV32C Datasheet HTML 2Page - Texas Instruments AM26LV32C Datasheet HTML 3Page - Texas Instruments AM26LV32C Datasheet HTML 4Page - Texas Instruments AM26LV32C Datasheet HTML 5Page - Texas Instruments AM26LV32C Datasheet HTML 6Page - Texas Instruments AM26LV32C Datasheet HTML 7Page - Texas Instruments AM26LV32C Datasheet HTML 8Page - Texas Instruments AM26LV32C Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
AM26LV32C, AM26LV32I
LOW VOLTAGE HIGHSPEED QUADRUPLE DIFFERENTIAL LINE RECEIVER
SLLS202E − MAY 1995 − REVISED JUNE 2005
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended supply-voltage and operating free-air temperature
ranges (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VIT+
Differential input high-threshold voltage
0.2
V
VIT−
Differential input low-threshold voltage
−0.2
V
VIK
Enable input clamp voltage
II = − 18 mA
−0.8
−1.5
V
VOH
High-level output voltage
VID = 200 mV,
IOH = − 5 mA
2.4
3.2
V
VOL
Low-level output voltage
VID = − 200 mV,
IOL = 5 mA
0.17
0.5
V
IOZ
High-impedance-state output current
VO = 0 to VCC
±50
µA
IIH(E)
High-level enable input current
VCC = 0 or 3 V,
VI = 5.5 V
10
A
IIL(E)
Low-level enable input current
VCC = 3.6 V,
VI = 0 V
−10
µA
rI
Input resistance
7
12
k
II
Input current
VI = 5.5 V or − 0.3 V,
All other inputs GND
±700
µA
ICC
Supply current
VI(E) = VCC or GND, No load, line inputs open
8
17
mA
Cpd
Power dissipation capacitance‡
One channel
150
pF
† All typical values are at VCC = 3.3 V and TA = 25°C.
‡ Cpd determines the no-load dynamic current: IS = Cpd × VCC × f + ICC.
switching characteristics, VCC = 3.3 V, TA = 25°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tPLH
Propagation delay time, low- to high-level output
See Figure 1
8
16
20
ns
tPHL
Propagation delay time, high- to low-level output
See Figure 1
8
16
20
ns
tt
Transistion time (tr or tf)
See Figure 1
5
ns
tPZH
Output-enable time to high level
See Figure 2
17
40
ns
tPZL
Output-enable time to low level
See Figure 3
10
40
ns
tPHZ
Output-disable time from high level
See Figure 2
20
40
ns
tPLZ
Output-disable time from low level
See Figure 3
16
40
ns
tsk(p)§
Pulse skew
4
6
ns
tsk(o)¶
Pulse skew
4
6
ns
tsk(pp)#
Pulse skew (device to device)
6
9
ns
§ tsk(p) is |tPLH − tPHL| of each channel of the same device.
¶ tsk(o) is the maximum difference in propagation delay times between any two channels of the same device switching in the same direction.
# tsk(pp) is the maximum difference in propagation delay times between any two channels of any two devices switching in the same direction.


Similar Part No. - AM26LV32C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AM26LV32C TI-AM26LV32C Datasheet
523Kb / 21P
[Old version datasheet]   LOW-VOLTAGE HIGH-SPEED QUADRUPLE DIFFERENTIAL LINE RECEIVER
AM26LV32CD TI-AM26LV32CD Datasheet
371Kb / 19P
[Old version datasheet]   LOW-VOLTAGE HIGH-SPEED QUADRUPLE DIFFERENTIAL LINE RECEIVER
AM26LV32CD TI-AM26LV32CD Datasheet
523Kb / 21P
[Old version datasheet]   LOW-VOLTAGE HIGH-SPEED QUADRUPLE DIFFERENTIAL LINE RECEIVER
AM26LV32CDE4 TI-AM26LV32CDE4 Datasheet
371Kb / 19P
[Old version datasheet]   LOW-VOLTAGE HIGH-SPEED QUADRUPLE DIFFERENTIAL LINE RECEIVER
AM26LV32CDE4 TI-AM26LV32CDE4 Datasheet
523Kb / 21P
[Old version datasheet]   LOW-VOLTAGE HIGH-SPEED QUADRUPLE DIFFERENTIAL LINE RECEIVER
More results

Similar Description - AM26LV32C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AM26LV32C TI-AM26LV32C Datasheet
523Kb / 21P
[Old version datasheet]   LOW-VOLTAGE HIGH-SPEED QUADRUPLE DIFFERENTIAL LINE RECEIVER
AM26LV32 TI-AM26LV32 Datasheet
371Kb / 19P
[Old version datasheet]   LOW-VOLTAGE HIGH-SPEED QUADRUPLE DIFFERENTIAL LINE RECEIVER
AM26LV31C TI-AM26LV31C Datasheet
247Kb / 12P
[Old version datasheet]   LOW-VOLTAGE HIGH-SPEED QUADRUPLE DIFFERENTIAL LINE DRIVERS
AM26LV31 TI-AM26LV31 Datasheet
113Kb / 8P
[Old version datasheet]   LOW-VOLTAGE HIGH-SPEED QUADRUPLE DIFFERENTIAL LINE DRIVER
REVISED DECEMBER 1999
AM26LV31C TI-AM26LV31C_07 Datasheet
393Kb / 14P
[Old version datasheet]   LOW-VOLTAGE HIGH-SPEED QUADRUPLE DIFFERENTIAL LINE DRIVERS
AM26LV31C TI-AM26LV31C_08 Datasheet
500Kb / 15P
[Old version datasheet]   LOW-VOLTAGE HIGH-SPEED QUADRUPLE DIFFERENTIAL LINE DRIVERS
AM26C32-EP TI1-AM26C32-EP_16 Datasheet
170Kb / 10P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVER
AM26C32 TI-AM26C32 Datasheet
541Kb / 17P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVER
SN75ALS193 TI-SN75ALS193 Datasheet
162Kb / 12P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVER
AM26C32 TI-AM26C32_07 Datasheet
691Kb / 19P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com