Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


PT2262 Datasheet(PDF) 7 Page - Princeton Technology Corp

Part No. PT2262
Description  Remote Control Encoder
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PTC [Princeton Technology Corp]
Homepage  http://www.princeton.com.tw
Logo 

   
 7 page
background image
Tel : 886-2-29162151
Fax : 886-2-29174598
URL: http://www.princeton.com.tw
Remote Control Encoder
PT2262
Princeton Technology Corp.
Valid Product No.
Package
PT2262
18 Pins, DIP
PT2262-S18
18 Pins, SO
PT2262-IR
18 Pins, DIP
PT2262-S
20 Pins, SO
PT2262-IR-S
20 Pins, SO
PT 2262 - XX - X
Package Code :
Output Type :
Product Number
PTC Prefix
P
: Plastic DIP (this code can be omitted)
S
: Small Outline, 20 Pins
S18 : Small Outline, 18 Pins
RF : RF Application (can be omitted)
IR : IR Application




Html Pages

1  2  3  4  5  6  7 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
M145026REMOTE CONTROL ENCODER/DECODER CIRCUIT 1 2 3 4 5 MoreSTMicroelectronics
HT6026Remote Control Encoder 1 2 3 4 5 MoreHoltek Semiconductor Inc
TRC1300MARCSTAR I E/D REMOTE CONTROL ENCODER/DECODERS 1 2 3 4 5 MoreTexas Instruments
BA6340Infrared Remote Control Encoder 1 2 3 4 5 Rohm
SPRC205A5-FUNCTION REMOTE CONTROL ENCODER / DECODER 1 2 3 4 5 MoreList of Unclassifed Manufacturers
SC5260-R2REMOTE CONTROL ENCODER 1 2 3 4 5 MoreSilan Microelectronics Joint-stock
PT2607Remote Control Encoder IC 1 2 3 Princeton Technology Corp
SC5262REMOTE CONTROL ENCODER 1 2 3 4 5 MoreSilan Microelectronics Joint-stock
SM5212ESM5212E is a RF remote control encoder paired with SM5212D 1 2 3 4 5 MoreSamHop Microelectronics Corp.
SM5162RF remote control encoder paired with SM5172. 1 2 3 4 5 MoreSamHop Microelectronics Corp.

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl