Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT2261A Datasheet(PDF) 4 Page - Princeton Technology Corp

Part # PT2261A
Description  Remote Control Encoder?
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT2261A Datasheet(HTML) 4 Page - Princeton Technology Corp

  PT2261A Datasheet HTML 1Page - Princeton Technology Corp PT2261A Datasheet HTML 2Page - Princeton Technology Corp PT2261A Datasheet HTML 3Page - Princeton Technology Corp PT2261A Datasheet HTML 4Page - Princeton Technology Corp PT2261A Datasheet HTML 5Page - Princeton Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Tel : 886-2-29162151
Fax : 886-2-29174598
URL: http://www.princeton.com.tw
Remote Control Encoder
PT2261A
PT2261a v1.0
Page 4
Revised July 1999
Princeton Technology Corp.
18 17 16 15 14 13 12 11 10
1
2
3
4
5
6
7
8
9
PT2 2 6 1 A
4.7 M
47 K
5P
25 P
MP S H 1 0
+
_
12 V
SW
LE D
10
H
Note: 1. Address-only (Zero Data) Transmitter Circuit is recommended.
2. If the Address Bit is "floating", the respective code bit will have the value of "1".


Similar Part No. - PT2261A

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT2260 PTC-PT2260 Datasheet
118Kb / 2P
   REMOTE CONTROL ENCODER?
PT2260 PTC-PT2260 Datasheet
302Kb / 16P
   Remote Control Encoder
logo
Silvan Chip Electronics...
PT2260 SILVAN-PT2260 Datasheet
109Kb / 2P
   remote control encoder paired
logo
Princeton Technology Co...
PT2260-D PTC-PT2260-D Datasheet
302Kb / 16P
   Remote Control Encoder
PT2260-R2 PTC-PT2260-R2 Datasheet
118Kb / 2P
   REMOTE CONTROL ENCODER?
More results

Similar Description - PT2261A

ManufacturerPart #DatasheetDescription
logo
Silan Microelectronics ...
SC5262 SILAN-SC5262 Datasheet
168Kb / 10P
   REMOTE CONTROL ENCODER
logo
Princeton Technology Co...
PT2260 PTC-PT2260 Datasheet
118Kb / 2P
   REMOTE CONTROL ENCODER?
PT2262 PTC-PT2262 Datasheet
355Kb / 7P
   Remote Control Encoder
PT2265 PTC-PT2265 Datasheet
163Kb / 3P
   Remote Control Encoder?
logo
Holtek Semiconductor In...
HT6026 HOLTEK-HT6026 Datasheet
361Kb / 7P
   Remote Control Encoder
logo
Princeton Technology Co...
PT2262 PTC-PT2262_08 Datasheet
462Kb / 20P
   Remote Control Encoder
logo
Silan Microelectronics ...
SC2268 SILAN-SC2268 Datasheet
104Kb / 6P
   REMOTE CONTROL ENCODER
SC5260-R2 SILAN-SC5260-R2 Datasheet
137Kb / 8P
   REMOTE CONTROL ENCODER
logo
Holtek Semiconductor In...
HT6026 HOLTEK-HT6026_09 Datasheet
112Kb / 12P
   Remote Control Encoder
logo
Princeton Technology Co...
PT2260 PTC-PT2260_06 Datasheet
302Kb / 16P
   Remote Control Encoder
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com