Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT2240P-16S Datasheet(PDF) 3 Page - Princeton Technology Corp

Part # PT2240P-16S
Description  Programmable Encoder IC
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT2240P-16S Datasheet(HTML) 3 Page - Princeton Technology Corp

  PT2240P-16S Datasheet HTML 1Page - Princeton Technology Corp PT2240P-16S Datasheet HTML 2Page - Princeton Technology Corp PT2240P-16S Datasheet HTML 3Page - Princeton Technology Corp PT2240P-16S Datasheet HTML 4Page - Princeton Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Princeton Technology Corp.
Tel: 886-2-29162151
Fax: 886-2-29174598
URL: http://www.princeton.com.tw
Programmable Encoder IC
PT2240
PT2240 v 1.4
Page 3
Revised Nov.1999
Vss
VPG
PGM
D1/CODE
VDD
DOUT
OSC
D0/CLK
PT2240 (8 PINS)
RF
12V
Rosc
+
_
Figure 2: PT2240 (8-pin) Application Circuit
Note: In order that IC protection is assured, please make sure that a diode is connected between the battery and the
VDD. If the diode is not connected and the battery polarity was inverted, then the IC will fail.
Vss
PGM
D1/CODE
D2
VDD
DOUT
OSC
D0/CLK
PT2240-D3 (8 PINS)
RF
12V
Rosc
+
_
Note: In order that IC protection is assured, please make sure that a diode is connected between the battery and the
VDD. If the diode is not connected and the battery polarity was inverted, then the IC will fail.


Similar Part No. - PT2240P-16S

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT2240P-16S PTC-PT2240P-16S Datasheet
301Kb / 15P
   Programmable Encoder IC
More results

Similar Description - PT2240P-16S

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT2241 PTC-PT2241_06 Datasheet
357Kb / 22P
   Programmable Encoder IC
PT2241 PTC-PT2241 Datasheet
48Kb / 3P
   Programmable Encoder IC?
PT2240 PTC-PT2240_06 Datasheet
301Kb / 15P
   Programmable Encoder IC
PT2283 PTC-PT2283 Datasheet
814Kb / 5P
   Programmable Rolling Code Encoder IC
PT2283A PTC-PT2283A Datasheet
262Kb / 4P
   Programmable Rolling Code Encoder IC
PT2282 PTC-PT2282 Datasheet
88Kb / 3P
   Programmable Rolling Code Encoder IC
logo
AVAGO TECHNOLOGIES LIMI...
AEAT-6600-T16 AVAGO-AEAT-6600-T16 Datasheet
539Kb / 11P
   10 to16-Bit Programmable Angular Magnetic Encoder IC
logo
Princeton Technology Co...
PT2240B PTC-PT2240B_09 Datasheet
279Kb / 8P
   Encoder IC
PT4203 PTC-PT4203 Datasheet
495Kb / 4P
   Encoder IC
PT2240B PTC-PT2240B Datasheet
73Kb / 3P
   Encoder IC
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com