Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

6EBF1 Datasheet(PDF) 1 Page - Tyco Electronics

Part # 6EBF1
Description  Accessory Outlet Filter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

6EBF1 Datasheet(HTML) 1 Page - Tyco Electronics

  6EBF1 Datasheet HTML 1Page - Tyco Electronics 6EBF1 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Accessory Outlet Filter
The EBF accessory outlet filters provides an innovative
means of connecting accessories while filtering noise
between a system and the accessories attached. These
filters provide enhanced performance utilizing common
mode inductance and differential mode capacitance for
attenuation of noise across the frequency range.
The filtered connector offers the additional advantage of
a grounded connection and features low leakage current
required for international usage.
Specifications
Maximum leakage current,each line-to-ground
@ 120 VAC 60 Hz:
.25 mA
@ 250 VAC 50 Hz:
.50 mA
Hipot rating (one minute):
line-to-ground
1500 VAC
line-to-line
1450 VDC
Operating frequency:
50/60 Hz
Rated voltage (max.):
250 VAC
Minimum insertion loss in dB:
Line-to-ground in 50 ohm circuit
Current
Frequency-MHz
Rating
.05
.15
.5
1
5
10
30
1A
23
32
41
47
47
47
40
3A
10
19
30
36
48
50
47
6A
1
10
22
28
42
48
47
10A
1
5
14
20
32
38
47
Line-to-line in 50 ohm circuit
Current
Frequency-MHz
Rating
.15
.5
1
3
5
10
30
1A
3
14
23
41
47
50
44
3A
2
11
14
25
38
44
40
6A
2
10
14
20
33
42
40
10A
2
10
16
19
19
39
40
28
Catalog 1654001
Dimensions are in inches and
Dimensions are shown for
USA Cust. Svc.: 1-800-468-2023
www.corcom.com
Revised 05-07
millimeters unless otherwise
reference purposes only.
CORCOM Prods: 1-847-680-7400
www.tycoelectronics.com
specified. Values in italics
Specifications subject
Germany:
49-89-6089-0
are metric equivalents.
to change.
EBF Series
EBF Series
CORCOM Product Guide
Electrical Schematic
LINE
ACCESSORY
OUTLET
Resistor location for reference only.
EBF4
EBF1
UL Recognized
CSA Certified
VDE Approved


Similar Part No. - 6EBF1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
6EBF1 MACOM-6EBF1 Datasheet
185Kb / 3P
   Accessory Outlet Filter
More results

Similar Description - 6EBF1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1EBF1 MACOM-1EBF1_11 Datasheet
185Kb / 3P
   Accessory Outlet Filter
logo
Harris Corporation
HA-TF-30-520 HARRIS-HA-TF-30-520 Datasheet
81Kb / 2P
   TUNABLE FILTER ACCESSORY
logo
List of Unclassifed Man...
6609018-7 ETC2-6609018-7 Datasheet
198Kb / 4P
   Accessory IEC 60320-1 C13 filtered outlet
logo
Contec Co., Ltd
ATLF-8A CONTEC-ATLF-8A Datasheet
250Kb / 2P
   Low Pass Filter Accessory for Analog Input
logo
Ledil, Inc.
F16453 LEDIL-F16453 Datasheet
1Mb / 4P
   Linnea Accessory
logo
CUI INC
PPR-1U CUI-PPR-1U Datasheet
1Mb / 11P
   RACK ACCESSORY
logo
Pepperl+Fuchs Inc.
VOS-LE-C-35MM PF-VOS-LE-C-35MM Datasheet
689Kb / 2P
   Accessory camera lens
logo
Zilog, Inc.
Z8927302ZAC ZILOG-Z8927302ZAC Datasheet
145Kb / 4P
   Z89273 ACCESSORY KIT
Z8927301ZAC ZILOG-Z8927301ZAC Datasheet
155Kb / 4P
   Z89273 ACCESSORY KIT
logo
Mallory Sonalert Produc...
22MMPLUG-4 MSPI-22MMPLUG-4 Datasheet
42Kb / 1P
   Sonalert Accessory Drawing
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com