Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3100-20U6999 Datasheet(PDF) 2 Page - Tyco Electronics

Part # 3100-20U6999
Description  Definite Purpose Contactor 1- or 2-pole, 20-40 FLA AC Coil
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

3100-20U6999 Datasheet(HTML) 2 Page - Tyco Electronics

  3100-20U6999 Datasheet HTML 1Page - Tyco Electronics 3100-20U6999 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
831
PRODUCTS UNLIMITED
Dimensions are shown for
reference purposes only.
Dimensions are in inches over
(millimeters) unless otherwise
specified.
Catalog 1308242
Issued 3-03
Specifications and availability
subject to change.
www.tycoelectronics.com
Technical support:
Refer to inside back cover.
3100-15Q2999
3100-15T2999
3100-15U2999
3100-20Q6999
3100-20T6999
3100-20U6999
3100-20Q18999CL
3100-20T18999CL
3100-20U18999CL
Standard part numbers listed below are more likely to be available from stock.
Ordering Information
ORDERING NOTE: “Standard” terminals need not be specified in the “Ordering Information” chart above. “Special” terminals are offered on a special order basis.
Special order items may be subject to extended leadtimes and significant minimum order quantities. Your Tyco Electronics sales engineer must
consult with the factory before providing price and availability information regarding items with these options.
Typical Part No.
B
3100
-
20
Q
6
999
1. Series:
3100 = 1- or 2-pole, 20-40 FLA contactor
2.Packaging:
Y = Individual Pack
- = Bulk Pack
A-ZZZ = Customer specific information (assigned by factory)
3.Pole Configuration:
10 = 1 Form X (SPST-NO-DM)
15 = 1 Form X (SPST-NO-DM) with Shunt
20 = 2 Form X (DPST-NO-DM)
4.Coil Voltage (50/60 Hz.):
Q = 24VAC
T = 120VAC
U = 208/240VAC
P = 100VAC
S = 200VAC
V = 277VAC
5.Contact Ratings (Inductive):
1 = 25 FLA on 1-pole models
3 = 20 FLA on 2-pole models
2 = 30 FLA on 1-pole models
5 = 26 FLA on 2-pole models
14 = 35 FLA on 1-pole models
6 = 30 FLA on 2-pole models
19 - 40 FLA on 1-pole models
18 = 40 FLA on 2-pole models
6.Customer ID Suffix:
999 = Standard Model
000-998 = Factory assigned customer ID
7. Option Code:
Leave Blank = No customer-specific options
A - ZZ = Factory assigned customer-specific options.
Outline Dimensions
Termination Options
Standard
on 20, 25, 30, 35 FLA
#10-32 Combination
Phillips, Slotted &
5/16 Hex Head
#12 Washer
3.30
(83.8)
2.445
(62.1)
2.541
(64.5)
2.10 Max.
(53.3)
2.313
(57.75)
1.625 (41.3)
2.00 (50.8)
.875
(22.2)
.215 TYP
(5.46)
1.625
(41.28)
Special
on 20, 25, 30, 35 FLA
#10-32 Sems Screw
with Pressure Plate
Standard
on 40 FLA
Lug accepts 14-4
Cu/Al AWG
.253
(6.43)
3.30
(83.8)
2.445
(62.1)
2.610
(66.3)
2.10 Max.
(53.3)
2.313
(57.75)
1.625 (41.3)
2.00 (50.8)
.875
(22.2)
.215 TYP
(5.46)
1.625
(41.28)
1-Pole
2-Pole


Similar Part No. - 3100-20U6999

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
3100-20U6999 MACOM-3100-20U6999 Datasheet
753Kb / 2P
   Definite Purpose Contactor 1- or 2-pole, 20-40 FLA AC Coil
logo
TE Connectivity Ltd
3100-20U6999 TEC-3100-20U6999 Datasheet
753Kb / 2P
   Convenient mounting plate
More results

Similar Description - 3100-20U6999

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1308242 MACOM-1308242 Datasheet
753Kb / 2P
   Definite Purpose Contactor 1- or 2-pole, 20-40 FLA AC Coil
98-3100 MACOM-98-3100 Datasheet
79Kb / 2P
   Definite Purpose Contactor 3-pole, 20-40 FLA AC Coil
logo
TE Connectivity Ltd
1308242 TEC-1308242 Datasheet
267Kb / 2P
   Definite Purpose Contactor 4-pole, 25-40 FLA AC Coil
logo
Tyco Electronics
A-3100 MACOM-A-3100 Datasheet
106Kb / 3P
   Definite Purpose Contactor 3-pole, 120 FLA AC Coil
96-3186 MACOM-96-3186 Datasheet
100Kb / 2P
   Definite Purpose Contactor 3-pole, 75-90 FLA AC Coil
3100-30K16999CJ MACOM-3100-30K16999CJ Datasheet
100Kb / 2P
   Definite Purpose Contactor 3-pole, 50-60 FLA AC Coil
logo
TE Connectivity Ltd
DPC TEC-DPC Datasheet
242Kb / 4P
   Definite Purpose Contactor3- or 4-pole, 20-40 FLAAC Coil
logo
Tyco Electronics
93-3100 MACOM-93-3100 Datasheet
100Kb / 2P
   Definite Purpose Contactor 3-pole, 50-60 FLA 3-pole, 50-60 FLA
9100 MACOM-9100 Datasheet
50Kb / 2P
   Power Relay 1- and 2-pole, 3-12 FLA AC or DC Coil
logo
Schneider Electric
8910DP41V04 SCHNEIDER-8910DP41V04 Datasheet
156Kb / 2P
   Contactor, Definite Purpose, 40A, 1 pole, 277 VAC 60 Hz coil, open
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com