Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3100-20U6999 Datasheet(PDF) 1 Page - Tyco Electronics

Part # 3100-20U6999
Description  Definite Purpose Contactor 1- or 2-pole, 20-40 FLA AC Coil
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

3100-20U6999 Datasheet(HTML) 1 Page - Tyco Electronics

  3100-20U6999 Datasheet HTML 1Page - Tyco Electronics 3100-20U6999 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
830
PRODUCTS UNLIMITED
Dimensions are shown for
reference purposes only.
Dimensions are in inches over
(millimeters) unless otherwise
specified.
Catalog 1308242
Issued 3-03
Specifications and availability
subject to change.
www.tycoelectronics.com
Technical support:
Refer to inside back cover.
Contact Ratings
Features
• Robust 1- and 2-pole contactors.
• Shunt available on 1-pole models.
• Convenient mounting plate.
Coil Data
1-Pole Models
2-Pole Models
Nominal Coil Voltage
24
120
208/240
277
24
120
208/240
277
Maximum Pickup Volts
18
88
177
221
18
88
177
221
Drop-Out Volts Range
6 - 15
20 - 70
40 - 140
50 - 165
6 - 15
20 - 70
40 - 140
50 - 165
Nominal Inrush VA @ 50 Hz
22.5
22.5
22.5
22.5
37
37
37
37
Nominal Inrush VA @ 60 Hz
20
20
20
20
35
35
35
35
Nominal Sealed VA @ 50 Hz
77778888
Nominal Sealed VA @ 60 Hz
5.25
5.25
5.25
5.25
7777
Nominal DC Resistance - Ohms
16.5
420
1850
2650
11
250
1000
1600
Users should thoroughly review the technical data before selecting a product part
number. It is recommended that users also seek out the pertinent approvals files of
the agencies/laboratories and review them to ensure the product meets the
requirements for a given application.
Full
Number
Line
Locked
Resistive
Maximum Horsepower
Load
of
Voltage
Rotor
Amps
Voltage
Single
Amps
Poles
Amps
Rating
Phase
240/277
120
30
120
2
20
2
480
100
30
240
3
600
80
30
240/277
150
30
120
1
25
1
480
50
30
240
2
600
40
30
240/277
150
35
120
2
25
2
480
125
35
240
3
600
100
35
240/277
150
40
120
1
30
1
480
75
40
240
2
600
50
40
240/277
150
40
120
2
30
2
480
125
40
240
3
600
100
40
240/277
240
50
120
2
40
1
480
200
50
240
3
600
160
50
240/277
240
50
120
2
40
2
480
200
50
240
3
600
160
50
Contact Data @ 25°C
Arrangements: 1 Form X (SPST-NO-DM) with or without shunt and
2 Form X (DPST-NO-DM).
Maximum Ratings: See Contact Ratings Table.
Material: Silver Cadmium Oxide.
Coil Data @ 25°C
Voltage: 24 - 277 VAC, 50/60 Hz. See Coil Data Table below.
Insulation Class: UL Class B (130°C).
Duty Cycle: Continuous.
Environmental Data
Temperature Range: Storage and Operating: -40°C – +65°C.
Flammability: UL 94-HB housing.
Mechanical Data
Contact Termination:
20, 25, 30 FLA Models
Type: #10-32 Screw with quad 0.250” (6.35 mm) quick connects.
Wire Size: 16-8 AWG (Stranding must be split for 8 AWG wire.)
Tightening Torque: 25 in.-lbs.
40 FLA Models
Type: Box Lug with dual 0.250” (6.35 mm) quick connects.
Wire Size: 14-4 Cu/Al AWG
Tightening Torque: 40 in.-lbs.
Coil Termination: Dual 0.250” (6.35 mm) quick connects.
Arc Cover: Optional on 20-30 FLA models, standard on 40 FLA models.
Weight: One Pole Types: 8 oz. (227 g) approximately.
Two Pole Types: 9.6 oz. (273 g) approximately
Model 96 - 3100 series
Definite Purpose Contactor
1- or 2-pole, 20-40 FLA
AC Coil
File E75492
File EN60947-4-1:1991
IEC 947-4-1


Similar Part No. - 3100-20U6999

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
3100-20U6999 MACOM-3100-20U6999 Datasheet
753Kb / 2P
   Definite Purpose Contactor 1- or 2-pole, 20-40 FLA AC Coil
logo
TE Connectivity Ltd
3100-20U6999 TEC-3100-20U6999 Datasheet
753Kb / 2P
   Convenient mounting plate
More results

Similar Description - 3100-20U6999

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1308242 MACOM-1308242 Datasheet
753Kb / 2P
   Definite Purpose Contactor 1- or 2-pole, 20-40 FLA AC Coil
98-3100 MACOM-98-3100 Datasheet
79Kb / 2P
   Definite Purpose Contactor 3-pole, 20-40 FLA AC Coil
logo
TE Connectivity Ltd
1308242 TEC-1308242 Datasheet
267Kb / 2P
   Definite Purpose Contactor 4-pole, 25-40 FLA AC Coil
logo
Tyco Electronics
A-3100 MACOM-A-3100 Datasheet
106Kb / 3P
   Definite Purpose Contactor 3-pole, 120 FLA AC Coil
96-3186 MACOM-96-3186 Datasheet
100Kb / 2P
   Definite Purpose Contactor 3-pole, 75-90 FLA AC Coil
3100-30K16999CJ MACOM-3100-30K16999CJ Datasheet
100Kb / 2P
   Definite Purpose Contactor 3-pole, 50-60 FLA AC Coil
logo
TE Connectivity Ltd
DPC TEC-DPC Datasheet
242Kb / 4P
   Definite Purpose Contactor3- or 4-pole, 20-40 FLAAC Coil
logo
Tyco Electronics
93-3100 MACOM-93-3100 Datasheet
100Kb / 2P
   Definite Purpose Contactor 3-pole, 50-60 FLA 3-pole, 50-60 FLA
9100 MACOM-9100 Datasheet
50Kb / 2P
   Power Relay 1- and 2-pole, 3-12 FLA AC or DC Coil
logo
Schneider Electric
8910DP41V04 SCHNEIDER-8910DP41V04 Datasheet
156Kb / 2P
   Contactor, Definite Purpose, 40A, 1 pole, 277 VAC 60 Hz coil, open
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com