Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KUHP-5D17-24 Datasheet(PDF) 2 Page - Tyco Electronics

Part # KUHP-5D17-24
Description  30 Amp Power Relays
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

KUHP-5D17-24 Datasheet(HTML) 2 Page - Tyco Electronics

  KUHP-5D17-24 Datasheet HTML 1Page - Tyco Electronics KUHP-5D17-24 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
804
P&B
Dimensions are shown for
reference purposes only.
Dimensions are in inches over
(millimeters) unless otherwise
specified.
Catalog 1308242
Issued 3-03
Specifications and availability
subject to change.
www.tycoelectronics.com
Technical support:
Refer to inside back cover.
Plain Case
Top Flange Enclosure
1.968 MAX.
(49.99)
1.406
(35.71)
1.531 MAX.
(38.89)
.178 TYP.
(4.52)
1.496
± .015
(38.05
± .38)
1.875
± .005
(47.63
± .13)
2.382 MAX.
(60.50)
1.393 MAX.
(35.38)
.138 TYP.
(3.51)
2.461 MAX.
(62.51)
Terminal Dimensions
.250" (6.35mm) Quick
Printed Circuit
Connect/Solder
Wiring Diagrams
PC Board Layouts (Bottom Views)
2.500
(63.50)
.75
(19.05)
2.90 MAX.
(73.66)
.078 R. TYP.
(1.98)
1.968 MAX.
(49.99)
.375
(9.53)
1.531 MAX.
(38.89)
.312 TYP.
(7.92)
.625 TYP.
(15.88)
.437
(11.10)
.06
(1.52)
.07
(1.78)
1.406 MAX.
(35.71)
.125 DIA.
(3.18)
.035
(.89)
.250
± .003
(6.35
± .08)
HEADER
.305
(7.75)
.312
(7.92)
.106
(2.69)
.358 REF.
(9.09)
THICKNESS .032
(0.81)
.125 DIA.
(3.18)
.156
(3.96)
.250
(6.35)
HEADER
.047
(1.19)
.312
(7.92)
.106
(2.69)
.343 REF.
(8.71)
THICKNESS .032
(0.81)
.305
(7.75)
2
5
7
AB
1
4
7
3
6
9
AB
1 Form C
2 Form C
1 Form A (Delete 2)
2 Form A (Delete 1 & 3)
1 Form B (Delete 5)
2 Form B (Delete 4 & 6)
1 Pole Model
2 Pole Model
.243
(6.17)
.076 DIA. TYP.
(1.93)
.637
(16.18)
.240
(6.10)
.437
(11.1)
.875
(22.23)
.875
(22.23)
.243
(6.17)
.240
(6.10)
.397
(10.08)
.076 DIA. TYP.
(1.93)
Bracket Mount Case
Outline Dimensions


Similar Part No. - KUHP-5D17-24

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
KUHP TEC-KUHP Datasheet
317Kb / 3P
   Side flange and top flange mounting
More results

Similar Description - KUHP-5D17-24

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
188 MACOM-188 Datasheet
196Kb / 3P
   30 Amp Power Relays
187 MACOM-187 Datasheet
194Kb / 3P
   20-25 Amp Power Relays
logo
ZETTLER Electronics
AZ2704 ZETTLER-AZ2704 Datasheet
75Kb / 3P
   30 AMP POWER RELAY
logo
American Zettler, Inc.
AZ2704 AZETTLER-AZ2704 Datasheet
103Kb / 2P
   30 AMP POWER RELAY
AZ2705 AZETTLER-AZ2705 Datasheet
108Kb / 2P
   30 AMP POWER RELAY
AZ2702 AZETTLER-AZ2702 Datasheet
102Kb / 2P
   30 AMP POWER RELAY
AZ2703 AZETTLER-AZ2703 Datasheet
104Kb / 2P
   30 AMP POWER RELAY
logo
Picker Components
PC730 PICKER-PC730_16 Datasheet
626Kb / 3P
   30 Amp Power Relay
logo
American Zettler, Inc.
AZ2701 AZETTLER-AZ2701 Datasheet
91Kb / 2P
   30 AMP POWER RELAY
logo
Picker Components
PC730 PICKER-PC730 Datasheet
207Kb / 3P
   30 Amp Power Relay
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com