Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3AYO1 Datasheet(PDF) 1 Page - Tyco Electronics

Part # 3AYO1
Description  Lower Current Three Phase RFI Filters
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

3AYO1 Datasheet(HTML) 1 Page - Tyco Electronics

  3AYO1_1 Datasheet HTML 1Page - Tyco Electronics 3AYO1_1 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Lower Current Three Phase RFI Filters
Specifications
Maximum leakage current, each line-to-ground:
3, 6, 10A
20A
@ 120 VAC 60 Hz:
2.0 mA
3.5mA
@ 250 VAC 50 Hz:
3.0 mA
5.5mA
Hipot rating (one minute):
line-to-ground
1500 VAC
line-to-line
1450 VDC
Operating frequency:
50/60 Hz
Rated voltage (max.):
phase-to-phase
440 VAC
phase-to-neutral/ground
250 VAC
Rated current:
03AYO1
3A
06AYO1
6A
10AYO1
10A
20AYO1
20A
Minimum insertion loss in dB:
Line-to-ground in 50 ohm circuit
Current
Frequency-MHz
Rating
.15
.5
1
5
10
30
03A
12
23
29
33
38
35
06A
7
23
30
40
50
30
10A
5
16
28
15
20A
7
11
32
23
12
Line-to-line in 50 ohm circuit
Current
Frequency-MHz
Rating
.15
.5
1
5
10
30
03A
12
20
50
35
30
06A
10
18
24
31
28
28
10A
10
18
24
42
28
22
20A
10
18
24
42
38
23
18
Catalog 1654001
Dimensions are in inches and
Dimensions are shown for
USA Cust. Svc.: 1-800-468-2023
www.corcom.com
Revised 05-07
millimeters unless otherwise
reference purposes only.
CORCOM Prods: 1-847-680-7400
www.tycoelectronics.com
specified. Values in italics
Specifications subject
Germany:
49-89-6089-0
are metric equivalents.
to change.
AYO Series
AYO Series
CORCOM Product Guide
UL Recognized
CSA Certified
VDE Approved
The AYO series filters are designed for 3-phase, four wire,
WYE applications providing filtering in each of the three
lines plus neutral.
These lower current RFI filters provide filtering to industrial
3-phase applications.
Electrical Schematic
N
N
LINE
LOAD
AYO1
Resistor location for reference only.
Resistor location for reference only.


Similar Part No. - 3AYO1_1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
3AYO1 MACOM-3AYO1_11 Datasheet
172Kb / 2P
   Compact Low Current 3-phase WYE RFI Filters
More results

Similar Description - 3AYO1_1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
3AYO1 MACOM-3AYO1 Datasheet
58Kb / 2P
   Lower Current Three Phase RFI Filters
16AYA6A MACOM-16AYA6A Datasheet
1Mb / 2P
   Three Phase RFI Line Filters
3AYO1 MACOM-3AYO1_11 Datasheet
172Kb / 2P
   Compact Low Current 3-phase WYE RFI Filters
logo
TE Connectivity Ltd
AYO TEC-AYO Datasheet
172Kb / 2P
   Compact Low Current 3-phase WYE RFI Filters
ADT TEC-ADT Datasheet
213Kb / 3P
   High Performance High Current 3-phase Delta RFI Filters
logo
Tyco Electronics
63ADT6 MACOM-63ADT6_11 Datasheet
213Kb / 3P
   High Performance High Current 3-phase Delta RFI Filters
logo
List of Unclassifed Man...
FN3359-600-99 ETC2-FN3359-600-99 Datasheet
227Kb / 4P
   High-current EMC/RFI Filter 3-Phase Filters FN 3359
logo
PREMO CORPORATION S.L
PFT-3Z PREMO-PFT-3Z Datasheet
224Kb / 2P
   Three Phase Neutral Filters
logo
Tyco Electronics
63ADT6 MACOM-63ADT6 Datasheet
64Kb / 2P
   High Performance Filters for High Current Three Phase Applications
63ADT6 MACOM-63ADT6_1 Datasheet
1Mb / 2P
   High Performance Filters for High Current Three Phase Applications
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com