Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PBC-1562-C Datasheet(PDF) 1 Page - Bud Industries, Inc.

Part # PBC-1562-C
Description  POTTING BOXES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BUD [Bud Industries, Inc.]
Direct Link  http://www.budind.com
Logo BUD - Bud Industries, Inc.

PBC-1562-C Datasheet(HTML) 1 Page - Bud Industries, Inc.

  PBC-1562-C Datasheet HTML 1Page - Bud Industries, Inc. PBC-1562-C Datasheet HTML 2Page - Bud Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BUD INDUSTRIES, INC. • 4605 E. 355th Street • Willoughby,
Ohio 44094 • (440) 946-3200 • Fax (440) 951-4015
E-MAIL: saleseast@budin d.com • WEB SITE: www.budind.com
BUD WEST • 10000 N. 31st Ave • Suite D-410 • Phoenix, AZ
85051 • (602)870-8377 • Fax (602) 870-8477
POTTING BOXES
Style A
Ordering Information
Catalog
Number
Style A
Size
Optional Cover
PB-1560
.79 x .79 x .51
PBC-1560-C
PB-1561
1.97 x .52 x .59
PBC-1561-C
PB-1562
.97 x .97 x .97
PBC-1562-C
PB-1563
1.57 x 1.57 x .78
PBC-1563-C
PB-1564
1.80 x 1.20 x .63
PBC-1564-C
PB-1565
2.72 x 1.90 x 1.37
PBC-1565-C
Packaged in quantities of twenty five (25)
Priced and sold in quantities of one package
Available June 1, 2009


Similar Part No. - PBC-1562-C

ManufacturerPart #DatasheetDescription
logo
Powerbox
PBC-150-13.5-SC POWERBOX-PBC-150-13.5-SC Datasheet
135Kb / 2P
   1 5 0 - 3 0 0 WAT T S - A C / D C S I N G L E O U T P U T
PBC-150-27-SC POWERBOX-PBC-150-27-SC Datasheet
135Kb / 2P
   1 5 0 - 3 0 0 WAT T S - A C / D C S I N G L E O U T P U T
More results

Similar Description - PBC-1562-C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GPL1 ETC2-GPL1 Datasheet
113Kb / 1P
   Potting Boxes
logo
FERYSTER Inductive Comp...
TW1-70W FERYSTER-TW1-70W Datasheet
151Kb / 1P
   BOXES
logo
Glenair, Inc.
M85049-75-08-1 GLENAIR-M85049-75-08-1 Datasheet
60Kb / 1P
   Potting Boot
logo
FERYSTER Inductive Comp...
TWP2-32 FERYSTER-TWP2-32 Datasheet
84Kb / 1P
   BOXES
logo
Glenair, Inc.
M85049-74-08-1 GLENAIR-M85049-74-08-1 Datasheet
83Kb / 1P
   Potting Boot
logo
Pepperl+Fuchs Inc.
V1-6A-E2-10M-PUR PF-V1-6A-E2-10M-PUR Datasheet
576Kb / 3P
   Splitter boxes
2022-03-28
logo
List of Unclassifed Man...
K825 ETC1-K825 Datasheet
42Kb / 2P
   Junction Boxes
MB1G ETC2-MB1G Datasheet
110Kb / 1P
   Multipurpose Boxes
BM11W ETC2-BM11W Datasheet
94Kb / 1P
   ABS Boxes
logo
Pepperl+Fuchs Inc.
V1-8A-E2-5M-PUR PF-V1-8A-E2-5M-PUR Datasheet
610Kb / 3P
   Splitter boxes
2022-03-28
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com