Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3100Y30U12999CJ Datasheet(PDF) 3 Page - Tyco Electronics

Part # 3100Y30U12999CJ
Description  Definite Purpose Contactor 3-pole, 120 FLA AC Coil
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

3100Y30U12999CJ Datasheet(HTML) 3 Page - Tyco Electronics

  3100Y30U12999CJ Datasheet HTML 1Page - Tyco Electronics 3100Y30U12999CJ Datasheet HTML 2Page - Tyco Electronics 3100Y30U12999CJ Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
842
PRODUCTS UNLIMITED
Dimensions are shown for
reference purposes only.
Dimensions are in inches over
(millimeters) unless otherwise
specified.
Catalog 1308242
Issued 3-03
Specifications and availability
subject to change.
www.tycoelectronics.com
Technical support:
Refer to inside back cover.
Engineering Notes


Similar Part No. - 3100Y30U12999CJ

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
3100Y30U10999 MACOM-3100Y30U10999 Datasheet
79Kb / 2P
   Definite Purpose Contactor 3-pole, 20-40 FLA AC Coil
More results

Similar Description - 3100Y30U12999CJ

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
96-3186 MACOM-96-3186 Datasheet
100Kb / 2P
   Definite Purpose Contactor 3-pole, 75-90 FLA AC Coil
3100-30K16999CJ MACOM-3100-30K16999CJ Datasheet
100Kb / 2P
   Definite Purpose Contactor 3-pole, 50-60 FLA AC Coil
98-3100 MACOM-98-3100 Datasheet
79Kb / 2P
   Definite Purpose Contactor 3-pole, 20-40 FLA AC Coil
logo
TE Connectivity Ltd
1308242 TEC-1308242 Datasheet
267Kb / 2P
   Definite Purpose Contactor 4-pole, 25-40 FLA AC Coil
logo
Tyco Electronics
93-3100 MACOM-93-3100 Datasheet
100Kb / 2P
   Definite Purpose Contactor 3-pole, 50-60 FLA 3-pole, 50-60 FLA
1308242 MACOM-1308242 Datasheet
753Kb / 2P
   Definite Purpose Contactor 1- or 2-pole, 20-40 FLA AC Coil
96-3100 MACOM-96-3100 Datasheet
160Kb / 2P
   Definite Purpose Contactor 1- or 2-pole, 20-40 FLA AC Coil
logo
Schneider Electric
8910DP32V02 SCHNEIDER-8910DP32V02 Datasheet
116Kb / 2P
   Contactor, Definite Purpose, 30A, 2 pole, 110/120 VAC 50/60 Hz coil, open
8910DP42V02 SCHNEIDER-8910DP42V02 Datasheet
154Kb / 2P
   Contactor, Definite Purpose, 40A, 2 pole, 110/120 VAC 50/60 Hz coil, open
8910DP32V02 SCHNEIDER-8910DP32V02_V01 Datasheet
126Kb / 2P
   Contactor, Definite Purpose, 30A, 2 pole, 110/120 VAC 50/60 Hz coil, open
May 19, 2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com