Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CNS-SBP-BR81-B Datasheet(PDF) 1 Page - Yamaichi Electronics Co., Ltd.

Part # CNS-SBP-BR81-B
Description  PCMCIA II Slot - Single Deck (SMT Type)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAMAICHI [Yamaichi Electronics Co., Ltd.]
Direct Link  http://yamaichi.com
Logo YAMAICHI - Yamaichi Electronics Co., Ltd.

CNS-SBP-BR81-B Datasheet(HTML) 1 Page - Yamaichi Electronics Co., Ltd.

  CNS-SBP-BR81-B Datasheet HTML 1Page - Yamaichi Electronics Co., Ltd. CNS-SBP-BR81-B Datasheet HTML 2Page - Yamaichi Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Trading Division
Card
Connectors
SPECIFICATIONS AND DRAWINGS ARE SUBJECT TO ALTERATION WITHOUT PRIOR NOTICE - DIMENSIONS IN MILLIMETER
Card
Connectors
SPECIFICATIONS AND DRAWINGS ARE SUBJECT TO ALTERATION WITHOUT PRIOR NOTICE - DIMENSIONS IN MILLIMETER
Connectors
A-46
Specifications
Insulation Resistance:
1,000M
Ω min.
Withstanding Voltage: 500V ACrms for 1 minute
Contact Resistance:
40m
Ω max.
Current Rating:
0.5A per contact
Soldering Temp.:
Rear socket: 220°C /40 sec.,
240°C peak
Materials and Finish
Insulator:
PBT, glass filled (UL94V-0)
Contact:
Phosphor Bronze
Plating:-
Header:
Card side - Au 0.3µm over Ni 2.0µm
Rear side - Au flash over Ni 2.0µm
Rear Socket:
Mating side - Au 0.2µm over Ni 1.0µm
Solder side - Au flash over Ni 1.0µm
Plate:
Stainless Steel
Side Contact:
Phosphor Bronze
Plating:
Au over Ni
Features
SMT connector makes assembly and rework easier
Small, light and low profile connector meets
all kinds of PC card system requirements
Various product combinations single
or double deck, right or left eject lever,
polarization styles, various stand-off heights,
fully supports the customer’s design needs
Convenience of PC card removal with
push type eject lever
PCMCIA - 1260
- *
Part Number (Details) for Rear Socket
CNS
-
S T P - A R - 8 3 - A - 1
Part Number (Details)
Series
S = Single Deck
PCB Mounting Style:
T = Top
B = Bottom
Voltage Style:
P = 3.3V / 5V Card
A = Plastic Lever
B = Metal Lever
C = Foldable Lever
D = 2 Step Lever
E = Without Ejector
Eject Lever:
R = Right
L = Left
*Height of Stand-off:
1 = 0mm
4 = 2.2mm
8 = 5.0mm
Nut Insert:
0 = None (on request)
1 = Header (on request)
2 = Guide (on request)
3 = Header / Guide (standard)
Shield Plate:
A = None
B = Top
C = Bottom
D = Top / Bottom
Kapton Film:
no mark = None
1 = Top
2 = Bottom
3 = Top and Bottom
Packing Number
Available Types
0 = Without Kapton Film (Tray)
1 = With Kapton Film (Tray)
9 = With Kapton Film
(Tape & Reel,1,500 pcs. per reel)
*Stand-off products 0.0 and 2.2mm are subject to a
minimum order quantity of 1,120 pcs.
Series CNS
PCMCIA II Slot - Single Deck (SMT Type)


Similar Part No. - CNS-SBP-BR81-B

ManufacturerPart #DatasheetDescription
logo
Advanced Energy Industr...
CNS-BBAR-KIT ADVANCEDENERGY-CNS-BBAR-KIT Datasheet
1Mb / 11P
   ARTESYN CNS650-M SERIES
01 4.20
logo
Yamaichi Electronics Co...
CNS-DBP-ALL-10-A YAMAICHI-CNS-DBP-ALL-10-A Datasheet
198Kb / 2P
   PCMCIA II Slot - Double Deck (SMT Type)
CNS-DBP-ALL-10-A-1 YAMAICHI-CNS-DBP-ALL-10-A-1 Datasheet
198Kb / 2P
   PCMCIA II Slot - Double Deck (SMT Type)
CNS-DBP-ALL-10-B YAMAICHI-CNS-DBP-ALL-10-B Datasheet
198Kb / 2P
   PCMCIA II Slot - Double Deck (SMT Type)
CNS-DBP-ALL-10-B-1 YAMAICHI-CNS-DBP-ALL-10-B-1 Datasheet
198Kb / 2P
   PCMCIA II Slot - Double Deck (SMT Type)
More results

Similar Description - CNS-SBP-BR81-B

ManufacturerPart #DatasheetDescription
logo
Yamaichi Electronics Co...
CNS-DTP-ARR-10-A-1 YAMAICHI-CNS-DTP-ARR-10-A-1 Datasheet
198Kb / 2P
   PCMCIA II Slot - Double Deck (SMT Type)
logo
FCI connector
71299-625CA FCI-CONNECTOR-71299-625CA Datasheet
974Kb / 11P
   CARDBUS SINGLE DECK ASSY SMT TYPE 123
logo
List of Unclassifed Man...
G571 ETC-G571 Datasheet
151Kb / 11P
   Single-Slot PCMCIA/CardBus Power Controllers
logo
WJ Communication. Inc.
MPR6000 WJCI-MPR6000 Datasheet
538Kb / 2P
   EPC Class 0/1 and 0 in PCMCIA Type II Pkg.
MPR7000 WJCI-MPR7000 Datasheet
602Kb / 2P
   EPC Class 0/1 and 0 in PCMCIA Type II Pkg.
logo
Advantech Co., Ltd.
PCM-3110C ADVANTECH-PCM-3110C_V01 Datasheet
304Kb / 1P
   1-slot PCMCIA Module
22-April-2010
logo
Grayhill, Inc
50M45-01-1-02N GRAYHILL-50M45-01-1-02N Datasheet
582Kb / 7P
   Single Deck Rotary Switches
56SDP30-01-2-AJS GRAYHILL-56SDP30-01-2-AJS Datasheet
72Kb / 4P
   Single Deck Rotary Switches
56A36-01-1-10N-F GRAYHILL-56A36-01-1-10N-F Datasheet
72Kb / 4P
   Single Deck Rotary Switches
77-SERIES GRAYHILL-77-SERIES Datasheet
1Mb / 5P
   Single Deck Rotary Switches
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com