Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP7365 Datasheet(PDF) 11 Page - Diodes Incorporated

Part # AP7365
Description  600mA, Low Quiescent Current, Fast Transient Low Dropout Linear Regulator
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP7365 Datasheet(HTML) 11 Page - Diodes Incorporated

Back Button AP7365 Datasheet HTML 7Page - Diodes Incorporated AP7365 Datasheet HTML 8Page - Diodes Incorporated AP7365 Datasheet HTML 9Page - Diodes Incorporated AP7365 Datasheet HTML 10Page - Diodes Incorporated AP7365 Datasheet HTML 11Page - Diodes Incorporated AP7365 Datasheet HTML 12Page - Diodes Incorporated AP7365 Datasheet HTML 13Page - Diodes Incorporated AP7365 Datasheet HTML 14Page - Diodes Incorporated AP7365 Datasheet HTML 15Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
AP7365
600mA, Low Quiescent Current, Fast Transient
Low Dropout Linear Regulator
AP7365
Document number: DS32260 Rev. 1 - 2
11 of 21
www.diodes.com
July 2010
© Diodes Incorporated
Application Note
Input Capacitor
A 1
μF ceramic capacitor is recommended between IN and GND pins to decouple input power supply glitch and
noise. The amount of the capacitance may be increased without limit. This input capacitor must be located as
close as possible to the device to assure input stability and reduce noise. For PCB layout, a wide copper trace is
required for both IN and GND pins. A lower ESR capacitor type allows the use of less capacitance, while higher
ESR type requires more capacitance.
Output Capacitor
The output capacitor is required to stabilize and improve the transient response of the LDO. The AP7365 is stable
with very small ceramic output capacitors. Using a ceramic capacitor value that is at least
1μF with ESR > 15mΩ
on the output ensures stability. Higher capacitance values help to improve line and load transient response. The
output capacitance may be increased to keep low undershoot and overshoot. Output capacitor must be placed as
close as possible to OUT and GND pins.
Region of Stable COUT ESR vs. Load Current
0.001
0.01
0.1
1
10
100
0
100
200
300
400
500
600
Load Current (mA)
Stable Range
Unstable Range
Unstable Range
VIN=4.3V
CIN=COUT=1μF


Similar Part No. - AP7365

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP7365 DIODES-AP7365 Datasheet
326Kb / 20P
   600mA, Low Quiescent Current, Fast Transient
DS32260 Rev. 2 - 2
AP7365-XXEG-13 DIODES-AP7365-XXEG-13 Datasheet
326Kb / 20P
   600mA, Low Quiescent Current, Fast Transient
DS32260 Rev. 2 - 2
AP7365-XXERG-13 DIODES-AP7365-XXERG-13 Datasheet
326Kb / 20P
   600mA, Low Quiescent Current, Fast Transient
DS32260 Rev. 2 - 2
AP7365-XXSNG-7 DIODES-AP7365-XXSNG-7 Datasheet
326Kb / 20P
   600mA, Low Quiescent Current, Fast Transient
DS32260 Rev. 2 - 2
AP7365-XXWG-7 DIODES-AP7365-XXWG-7 Datasheet
326Kb / 20P
   600mA, Low Quiescent Current, Fast Transient
DS32260 Rev. 2 - 2
More results

Similar Description - AP7365

ManufacturerPart #DatasheetDescription
logo
Zhaoxingwei Electronics...
ZX7365 ZHAOXINGWEI-ZX7365 Datasheet
1Mb / 12P
   600mA, LOW QUIESCENT CURRENT FAST TRANSIENT LOW DROPOUT LINEAR REGULATOR
logo
Diodes Incorporated
AP7366EA DIODES-AP7366EA Datasheet
1Mb / 17P
   600mA, LOW QUIESCENT CURRENT FAST TRANSIENT LOW DROPOUT LINEAR REGULATOR
Rev. 1 - 2 July 2022
logo
Unisonic Technologies
LR1112 UTC-LR1112 Datasheet
181Kb / 6P
   LOW QUIESCENT CURRENT, FAST TRANSIENT LOW DROPOUT LINEAR REGULATOR
logo
Diodes Incorporated
AP7311 DIODES-AP7311 Datasheet
266Kb / 13P
   150mA, Low Quiescent Current, Fast Transient Low Dropout Linear Regulator
AP7311 Rev. 2
AP7331-28WG-7 DIODES-AP7331-28WG-7 Datasheet
372Kb / 13P
   300mA, LOW QUIESCENT CURRENT, FAST TRANSIENT LOW DROPOUT LINEAR REGULATOR
AP7335A DIODES-AP7335A Datasheet
273Kb / 12P
   300mA, LOW QUIESCENT CURRENT, FAST TRANSIENT LOW DROPOUT LINEAR REGULATOR
AP133 DIODES-AP133 Datasheet
970Kb / 14P
   300mA, LOW QUIESCENT CURRENT, FAST TRANSIENT LOW DROPOUT LINEAR REGULATOR
AP133 Rev. 2
AP7333 DIODES-AP7333 Datasheet
358Kb / 12P
   300mA, Low Quiescent Current, Fast Transient Low Dropout Linear Regulator
AP7333 Rev. 2
AP7335 DIODES-AP7335 Datasheet
237Kb / 18P
   300mA, Low Quiescent Current, Fast Transient Low Dropout Linear Regulator
DS32259 Rev. 1 - 2
AP7313 DIODES-AP7313 Datasheet
277Kb / 13P
   150mA, Low Quiescent Current, Fast Transient Low Dropout Linear Regulator
AP7313 Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com