Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XWD4815 Datasheet(PDF) 1 Page - Power-One

Part # XWD4815
Description  DUAL OUTPUT, 180 WATT
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

XWD4815 Datasheet(HTML) 1 Page - Power-One

  XWD4815 Datasheet HTML 1Page - Power-One XWD4815 Datasheet HTML 2Page - Power-One XWD4815 Datasheet HTML 3Page - Power-One  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
(888) IPD-CONVerters q (888) 473-2668 q www.ipdconverters.com
1
XWD dual output, DC to DC converters are high
powered converters that cover a wide range of
applications. Available input voltages include 12V,
24V, 40V, and 48V. Output voltages are available
from 5V to 15V. The XWD features remote sense
leads for accurate point of load regulation, and has
short circuit and overcurrent protection.
For single
and triple output high power solutions, see the XWS
and XWT series of converters.
• High Power Package
• Wide Input Range
• Trim and Enable
• Remote Sense Pins
• 500V Isolation
• Short Circuit
Protection
DESCRIPTION
FEATURES
XWD SERIES - DUAL OUTPUT, 180 WATT
Output
Setpoint Accuracy
±1%
Line Regulation V
in Min. - Vin Max., Iout Rated
±1% V
out
Load Regulation I
out Min. - Iout Max., Vin Nom.
±1% V
out
Minimum Output Current
10 %
Dynamic Regulation, Loadstep
25% I
out
Pk Deviation
4% V
out
Settling Time
500
µs
Voltage Trim Range
±10%
Current Limit Threshold Range, % of I
out Rated
110 - 130%
Turn-On Time
10 ms
Remote Shutdown
Positive Logic
Switching Frequency
200 kHz
Isolation
Input - Output
500 VDC
Temperature Coefficient
±0.02%/°C
Case Temperature
Operating Range
-25 To +85°C††
Storage Range
-40 To +125°C
Thermal Shutdown Range
105 - 115°C
Humidity Max., Non-Condensing
95%
Vibration, 3 Axes, 5 Min Each
5 g, 10 - 55 Hz
MTBF(Bellcore TR-NWT-000332)
Consult Factory
Safety
Consult Factory
Weight (Approx.)
15.4 oz
General
TECHNICAL SPECIFICATIONS
Voltage Range
12 VDC Nominal
10 - 20 VDC
24 VDC Nominal
18 - 36 VDC
48 VDC Nominal
36 - 72 VDC
40 VDC Nominal (Wide Input)
20 - 60 VDC
Input Ripple Current
20% I
in Max.
Reverse Input Current
100% I
in Max.
Input
XWD2405
65
70
75
80
85
90
10
20
30
40
50
60
70
80
90
100
LOAD %
(18v)
(24v)
(36v)
Efficiency vs. Load (24V Input)
70
75
80
85
90
10
20
30
40
50
60
70
80
90
100
LOAD %
XWD4812
XWD4815
Efficiency vs. Load (48V Input)
Notes
† MTBF predictions may vary slightly from model to model.
†† Industrial temp range of -40 to +85°C available.
Specifications typically at 25°C, normal line, and full load, unless otherwise stated.
Soldering Conditions: I/O pins, 260°C, ten seconds; fully compatible with
commercial wave-soldering equipment.
Safety: Agency approvals may vary from model to model. Please consult factory
for specific model information.


Similar Description - XWD4815

ManufacturerPart #DatasheetDescription
logo
Tumbler Technologies + ...
3G-18-180 TRUMPOWER-3G-18-180 Datasheet
217Kb / 2P
   180 WATT POWER ADAPTERS
3G TRUMPOWER-3G Datasheet
217Kb / 2P
   180 WATT POWER ADAPTERS
logo
Power-One
DRD512 POWER-ONE-DRD512 Datasheet
46Kb / 2P
   DUAL OUTPUT, 2 WATT
DUD512 POWER-ONE-DUD512 Datasheet
45Kb / 2P
   DUAL OUTPUT, 6 WATT
OBD025YGG POWER-ONE-OBD025YGG Datasheet
76Kb / 3P
   DUAL OUTPUT, 25 WATT
TQD100YGE POWER-ONE-TQD100YGE Datasheet
118Kb / 3P
   DUAL OUTPUT, 100 WATT
EWD POWER-ONE-EWD Datasheet
78Kb / 3P
   DUAL OUTPUT, 5 WATT
BWD POWER-ONE-BWD Datasheet
81Kb / 3P
   DUAL OUTPUT, 2.5 WATT
FRD POWER-ONE-FRD Datasheet
86Kb / 3P
   DUAL OUTPUT, 5 WATT
logo
Recom International Pow...
RD-XX05D RECOM-RD-XX05D Datasheet
99Kb / 2P
   Watt SIP7 Dual Output
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com