Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCF51EM256 Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # MCF51EM256
Description  MCF51EM256-based Poly Phase Energy Meter Reference Design 110V Technical Specifications
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCF51EM256 Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  MCF51EM256_1 Datasheet HTML 1Page - Freescale Semiconductor, Inc MCF51EM256_1 Datasheet HTML 2Page - Freescale Semiconductor, Inc MCF51EM256_1 Datasheet HTML 3Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MCF51EM256-based Poly Phase Energy Meter Reference Design 110V Technical Specification, Rev. 0
2
Freescale Semiconductor
Mechanical
Dimensions (WxHxD)
168 x 242 x 84 mm
Weight
1.745kg
Enclosure
Plastic (PC/ABS blends)
Sealing
Sealing screws provision
Environmental
Compliance
IEC 60529
Ingress protection
IP 51 (Indoor type meter)
Operating Temperature
-25˚C to +55˚C
Storage Temperature
-25˚C to +70˚C
Humidity
95%
Features
Measurement parameters
Voltage, Current, Frequency, kWh import/export, kVArh
import/export/lead/lag, kW, kVAr, Power factor.
Tamper Recording
Logging of tampers with time stamp for Voltage Failure, Current
Failure, Voltage unbalance, Current Unbalance and Cover open.
LED indication for tamper
Tamper counter showing number tampers from last reset of counter.
Load profile
Load profile interval period: 5, 10, 15, 30, 60 minutes and 1 day.
Maximum demand
Programmable MD interval period of 30 minutes and 60 minutes
MD can be reset by using Reset key.
Display
Custom built metering specific LCD with backlight. Eight digits 7
segment display for parameters with symbol identifiers.
Auto scroll
Manual scroll using UP and DOWN keys
Communication
Optical port as per standard IEC 62056-21
RS 232 port for debug and BDM port for programming.
Data security
Data storage in non-volatile memory
2 Levels of password: for programming, configuration and for auto
calibration.
Output device
LED pulses proportional to kWh, kVArh
LED for Power on indication


Similar Part No. - MCF51EM256_1

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MCF51EM256CLK FREESCALE-MCF51EM256CLK Datasheet
1Mb / 54P
   ColdFire Microcontroller
MCF51EM256CLL FREESCALE-MCF51EM256CLL Datasheet
1Mb / 54P
   ColdFire Microcontroller
MCF51EM256 FREESCALE-MCF51EM256_2 Datasheet
89Kb / 3P
   MCF51EM256-based Poly Phase Energy Meter Reference Design 220V Technical Specifications
More results

Similar Description - MCF51EM256_1

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MCF51EM256 FREESCALE-MCF51EM256_2 Datasheet
89Kb / 3P
   MCF51EM256-based Poly Phase Energy Meter Reference Design 220V Technical Specifications
logo
Microchip Technology
PIC18F87J72 MICROCHIP-PIC18F87J72_11 Datasheet
2Mb / 50P
   Single-Phase Energy Meter Reference Design
2011
MCP3901 MICROCHIP-MCP3901_12 Datasheet
2Mb / 46P
   Energy Meter Reference Design
2012
logo
STMicroelectronics
STEVAL-IPE007V1 STMICROELECTRONICS-STEVAL-IPE007V1 Datasheet
155Kb / 8P
   Mono-phase energy meter based on ST7Flite
STPMC1 STMICROELECTRONICS-STPMC1_V01 Datasheet
2Mb / 10P
   Programmable poly-phase energy calculator IC
November 2012
STPMC1 STMICROELECTRONICS-STPMC1 Datasheet
2Mb / 77P
   Programmable poly-phase energy calculator IC
AN2288 STMICROELECTRONICS-AN2288 Datasheet
247Kb / 29P
   Single-phase energy meter with tamper detection based on ST7FLITE2x
logo
List of Unclassifed Man...
BL6501 ETC-BL6501 Datasheet
345Kb / 15P
   Single Phase Energy Meter IC
logo
Analog Devices
ADSST-EM-2030 AD-ADSST-EM-2030_15 Datasheet
153Kb / 20P
   Three-Phase Energy Meter Chipset
REV. 0
logo
SHANGHAI BELLING CO., L...
BL0952A BELLING-BL0952A Datasheet
516Kb / 13P
   Three-phase Active Energy Meter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com