Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NJW4351D Datasheet(PDF) 5 Page - New Japan Radio

Part # NJW4351D
Description  Unipolar Stepper Motor Driver
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJW4351D Datasheet(HTML) 5 Page - New Japan Radio

  NJW4351D Datasheet HTML 1Page - New Japan Radio NJW4351D Datasheet HTML 2Page - New Japan Radio NJW4351D Datasheet HTML 3Page - New Japan Radio NJW4351D Datasheet HTML 4Page - New Japan Radio NJW4351D Datasheet HTML 5Page - New Japan Radio NJW4351D Datasheet HTML 6Page - New Japan Radio NJW4351D Datasheet HTML 7Page - New Japan Radio NJW4351D Datasheet HTML 8Page - New Japan Radio NJW4351D Datasheet HTML 9Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
NJW4351
- 5 -
PIN/ CIRCUIT OPERATIONAL DEFINITION
♦ Logic Input Pins Operational Voltage Definition
♦ Logic Input Pins Timing Definition
0V
V
0.8V
5.0V
2.0V
∆VHYS
At VDD=3.3V
L level
H level
L lebvel
H level
L level
L level input voltage
H level input voltage
0V
VIN
VDD
2.0V
0.8V
H level input voltage
L level input voltage
At VDD=3.3V
Master Pin
STEP
V
VIH=2.0V
VIL=0.8V
Slave Pins
VIH=2.0V
VIL=0.8V
t
tDS2
tDH1
RESET, PD
Data Setup Time and Data Hold Time are defined to positive edge of STEP.
tDS1,tDS2=Data Setup Time, tDH1,tDH2=Data Hold Time
tDS1,tDH1=HSM,DIR,RESET, PD, tDS2,tDH2=HSM,DIR
tDS1
tDH2
tp
tp
HSM, DIR
tp
tp


Similar Part No. - NJW4351D

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJW4301 NJRC-NJW4301 Datasheet
225Kb / 11P
   2 CHANNEL BRIDGE DRIVER IC
NJW4301D NJRC-NJW4301D Datasheet
225Kb / 11P
   2 CHANNEL BRIDGE DRIVER IC
NJW4301M NJRC-NJW4301M Datasheet
225Kb / 11P
   2 CHANNEL BRIDGE DRIVER IC
NJW4302 NJRC-NJW4302 Datasheet
209Kb / 18P
   THREE-PHASE DC BRUSHLESS MOTOR CONTROL IC
NJW4302FA1 NJRC-NJW4302FA1 Datasheet
209Kb / 18P
   THREE-PHASE DC BRUSHLESS MOTOR CONTROL IC
More results

Similar Description - NJW4351D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8805 TI1-DRV8805_12 Datasheet
780Kb / 19P
[Old version datasheet]   UNIPOLAR STEPPER MOTOR DRIVER IC
DRV8805 TI1-DRV8805 Datasheet
598Kb / 16P
[Old version datasheet]   UNIPOLAR STEPPER MOTOR DRIVER IC
JULY2011
DRV8805 TI-DRV8805_15 Datasheet
970Kb / 21P
[Old version datasheet]   UNIPOLAR STEPPER MOTOR DRIVER IC
logo
Shindengen Electric Mfg...
MTD1121F SHINDENGEN-MTD1121F Datasheet
84Kb / 5P
   Unipolar PWM Stepper Motor Driver
logo
Sanken electric
SLA7050M SANKEN-SLA7050M Datasheet
438Kb / 14P
   2-Phase Unipolar Stepper Motor Driver
logo
Allegro MicroSystems
SLA7052M ALLEGRO-SLA7052M Datasheet
349Kb / 12P
   UNIPOLAR STEPPER-MOTOR TRANSLATOR/PWM DRIVER
logo
Sanken electric
SLA7060M SANKEN-SLA7060M Datasheet
705Kb / 18P
   2-Phase Unipolar Stepper Motor Driver
SLA707XM SANKEN-SLA707XM Datasheet
528Kb / 20P
   2-Phase Unipolar Stepper Motor Driver
logo
Allegro MicroSystems
SLA7050M ALLEGRO-SLA7050M Datasheet
350Kb / 12P
   UNIPOLAR STEPPER-MOTOR TRANSLATOR/PWM DRIVER
SLA7051M ALLEGRO-SLA7051M Datasheet
349Kb / 12P
   UNIPOLAR STEPPER-MOTOR TRANSLATOR/PWM DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com