Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3100-30U8999 Datasheet(PDF) 2 Page - Tyco Electronics

Part # 3100-30U8999
Description  Definite Purpose Contactor 3-pole, 20-40 FLA AC Coil
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

3100-30U8999 Datasheet(HTML) 2 Page - Tyco Electronics

  3100-30U8999 Datasheet HTML 1Page - Tyco Electronics 3100-30U8999 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
833
PRODUCTS UNLIMITED
Dimensions are shown for
reference purposes only.
Dimensions are in inches over
(millimeters) unless otherwise
specified.
Catalog 1308242
Issued 3-03 (PDF Rev. 3-04)
Specifications and availability
subject to change.
www.tycoelectronics.com
Technical support:
Refer to inside back cover.
3100-30Q9999CY
3100-30T9999CY
3100-30U9999CY
3100-30Q10999CG
3100-30T10999CG
3100-30U10999CG
Standard part numbers listed below are more likely to be available from stock.
Ordering Information
ORDERING NOTE: “Standard” terminals need not be specified
in the “Ordering Information” chart above. “Special” terminals
are offered on a special order basis. Special order items may be
subject to extended leadtimes and significant minimum order
quantities. Your Tyco Electronics sales engineer must consult
with the factory before providing price and availability
information regarding items with these options.
Typical Part No.
B
3100
-
30
Q
9
999
1. Series:
3100 = 3-pole, 20-40 FLA contactor
2.Packaging:
Y = Individual Pack
- = Bulk Pack
A-ZZZ = Customer specific information (assigned by factory)
3.Pole Configuration:
30 = 3 Form X (3PST-NO-DM)
4.Coil Voltage (50/60 Hz.):
Q = 24VAC
U = 208/240VAC
H = 480VAC
J = 120VAC, molded
M = 277VAC, molded
T = 120VAC
V = 277VAC
I = 24VAC, molded
K = 208/240VAC, molded
W = 480VAC, molded
5.Contact Ratings (Inductive):
7 = 20 FLA
8 = 25 FLA
9 = 30 FLA
10 = 40 FLA
6.Customer ID Suffix:
999 = Standard Model
000-998 = Factory assigned customer ID
7. Option Code:
Leave Blank = No customer-specific options
A - ZZ = Factory assigned customer-specific options.
2.0 MAX.
(50.8)
3.00
(76.2)
3.39
(86.1)
2.97
(75.44) 1.19
(30.23)
1.78
(45.21)
2.00
(50.8)
.250 TYP.
(6.35)
.203 TYP.
(5.156)
.455 DIA.
(11.56)
.203 TYP.
(5.156)
2.375 TYP.
(60.325)
.125
(3.175)
3.25
(82.55)
3.75
(95.25)
Outline Dimensions
Termination Options
Standard on
20, 25, 30, 35 FLA
#10-32 Combination
Phillips, Slotted &
5/16 Hex Head
#12 Washer
Special on
20, 25, 30, 35 FLA
#10-32 Sems
Screw
with Pressure
Plate
Standard
on 40 FLA
Lug accepts 14-4
Cu/Al AWG
.253
(6.43)
Factory Modifications
Field Added Kits
Description
Contact Config.
Kit Catalog
Number of
NO
NC
Number
Kits Required
Single unit interlock
1
0
98220-303
1
configurations listed.
0
1
98220-331
1
Maximum of two.
1
1
98220-332
1
(One on each side.)
2
0
98220-303
2
0
2
98220-331
2
See footnote (1) for ratings.
2
2
98220-332
2
SPDT Circuit
1
1
98220-337
1
(Either one or two
2
2
98220-338
1
switches per side.)
2
2
98220-337
2
See footnote (2) for ratings.
4
4
98220-338
2
SPDT Dry Circuit
1
1
98220-341
1
0.1 amp max.
2
2
98220-340
1
Gold Flashed Contacts
4
4
98220-340
2
Factory Modifications
Field Added Kits
Description
Contact Config.
Kit Catalog
Number of
NO
NC
Number
Kits Required
Single unit interlock
1
0
98220-303
1
configurations listed.
0
1
98220-331
1
Maximum of two.
1
1
98220-332
1
(One on each side.)
2
0
98220-303
2
0
2
98220-331
2
See footnote (1) for ratings.
2
2
98220-332
2
Auxiliary Switches
Various interlock / auxiliary switches are available for the Model 98 contactor.
All auxiliary switches for the Model 98 are snap-on design, no tools required.
Footnotes: Ratings of Auxiliary Interlocks / Switches
(1) Contact Rating Single Circuit NO or NC and two circuit NO/NC:
120V
240V
480V
600V
Amperes - Break
3.0
1.5
0.75
0.6
Amperes - Make
30
15
7.5
6
Amperes - Continuous
10
10
10
10
(2) Contact Rating SPDT (337):
10A, 1/3 HP, 125 or 250 VAC
1/2A, 125 VDC; 1/4A, 250 VDC:
4A 120 VAC on Lamp Load
1 N/O / 1 N/C
Equipped with 0.250” (6.35) Quick Connect Terminals
Equipped with #6-32 Screw Terminals & Saddle Clamps
Shown with Optional Auxiliary Switches
TWO SPDT
SWITCHES
PER SIDE
ONE SPDT
SWITCH
PER SIDE


Similar Part No. - 3100-30U8999

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
3100-30U12999 MACOM-3100-30U12999 Datasheet
106Kb / 3P
   Definite Purpose Contactor 3-pole, 120 FLA AC Coil
More results

Similar Description - 3100-30U8999

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
A-3100 MACOM-A-3100 Datasheet
106Kb / 3P
   Definite Purpose Contactor 3-pole, 120 FLA AC Coil
1308242 MACOM-1308242 Datasheet
753Kb / 2P
   Definite Purpose Contactor 1- or 2-pole, 20-40 FLA AC Coil
96-3100 MACOM-96-3100 Datasheet
160Kb / 2P
   Definite Purpose Contactor 1- or 2-pole, 20-40 FLA AC Coil
logo
TE Connectivity Ltd
1308242 TEC-1308242 Datasheet
267Kb / 2P
   Definite Purpose Contactor 4-pole, 25-40 FLA AC Coil
logo
Tyco Electronics
96-3186 MACOM-96-3186 Datasheet
100Kb / 2P
   Definite Purpose Contactor 3-pole, 75-90 FLA AC Coil
3100-30K16999CJ MACOM-3100-30K16999CJ Datasheet
100Kb / 2P
   Definite Purpose Contactor 3-pole, 50-60 FLA AC Coil
93-3100 MACOM-93-3100 Datasheet
100Kb / 2P
   Definite Purpose Contactor 3-pole, 50-60 FLA 3-pole, 50-60 FLA
logo
TE Connectivity Ltd
DPC TEC-DPC Datasheet
242Kb / 4P
   Definite Purpose Contactor3- or 4-pole, 20-40 FLAAC Coil
logo
Schneider Electric
8910DPA23V04 SCHNEIDER-8910DPA23V04_V01 Datasheet
141Kb / 3P
   Contactor, Definite Purpose, 25A, 3 pole, 20 HP at 575 VAC, 3 phase, 277 VAC 60 Hz coil, open
May 20, 2022
8910DPA23V04 SCHNEIDER-8910DPA23V04 Datasheet
130Kb / 3P
   Contactor, Definite Purpose, 25A, 3 pole, 20 HP at 575 VAC, 3 phase, 277 VAC 60 Hz coil, open
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com