Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NJU7680SED Datasheet(PDF) 8 Page - New Japan Radio

Part # NJU7680SED
Description  2ch switching regulator IC
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJU7680SED Datasheet(HTML) 8 Page - New Japan Radio

Back Button NJU7680SED Datasheet HTML 3Page - New Japan Radio NJU7680SED Datasheet HTML 4Page - New Japan Radio NJU7680SED Datasheet HTML 5Page - New Japan Radio NJU7680SED Datasheet HTML 6Page - New Japan Radio NJU7680SED Datasheet HTML 7Page - New Japan Radio NJU7680SED Datasheet HTML 8Page - New Japan Radio NJU7680SED Datasheet HTML 9Page - New Japan Radio NJU7680SED Datasheet HTML 10Page - New Japan Radio NJU7680SED Datasheet HTML 11Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
NJU7680
- 8 -
Ver.2010-03-31
■TYPICAL CHARACTERISTICS
100
1000
10
100
Oscillation Frequency vs. Timing Resistance
(V+=3.3V, Ta=25oC)
Timing Resistance R
T
(k
Ω)
660
680
700
720
740
02
468
Operating Voltage V
+ (V)
Oscillation Frequency vs. Operating Voltage
(R
T
=47k
Ω, Ta=25oC)
0.99
0.995
1
1.005
1.01
1.015
1.02
02
46
8
Operating Voltage V
+ (V)
Reference Voltage vs. Operating Voltage
(Ta=25oC)
V
B2
V
B1
-30
-20
-10
0
10
0
2468
Output Current I
REG
(mA)
Voltage Regulator Block Load Regulation
(Ta=25oC)
V+=2.3V
V
+=3.3V
V
+=7.0V
0
500
1000
1500
2000
02
4
6
8
Operating Voltage V
+ (V)
Quiescent Current vs. Operating Voltage
(R
T
=47k
Ω, R
L
=Non Load, Ta=25oC)
I
DD1
I
DD2
0
0.5
1
1.5
2
2.5
3
02
468
Operating Voltage V
+ (V)
Standby Current vs. Operating Voltage
(Ta=25oC)
I
DD_STB2
I
DD_STB1


Similar Part No. - NJU7680SED

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU7600 NJRC-NJU7600 Datasheet
110Kb / 9P
   PWM control Step-Up / Flyback switching regulator IC
NJU7600M NJRC-NJU7600M Datasheet
110Kb / 9P
   PWM control Step-Up / Flyback switching regulator IC
NJU7600RB1 NJRC-NJU7600RB1 Datasheet
110Kb / 9P
   PWM control Step-Up / Flyback switching regulator IC
NJU7601 NJRC-NJU7601 Datasheet
110Kb / 9P
   PWM control Step-Up / Flyback switching regulator IC
NJU7602 NJRC-NJU7602 Datasheet
110Kb / 9P
   PWM control Step-Up / Flyback switching regulator IC
More results

Similar Description - NJU7680SED

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9851EFV ROHM-BD9851EFV Datasheet
177Kb / 3P
   2ch switching regulator controller
BD95242MUV ROHM-BD95242MUV_10 Datasheet
595Kb / 21P
   2ch Switching Regulator for Desktop PC
BD9536FV ROHM-BD9536FV_10 Datasheet
492Kb / 19P
   2ch Switching Regulator for Desktop PC
BD81870EFV-M ROHM-BD81870EFV-M Datasheet
2Mb / 36P
   Step-up / Inverted 2ch Switching Regulator
BD9757MWV ROHM-BD9757MWV_10 Datasheet
786Kb / 24P
   Switching Regulator IC
logo
NEC
UPC1909 NEC-UPC1909 Datasheet
85Kb / 16P
   SWITCHING REGULATOR CONTROL IC
logo
New Japan Radio
NJM2377 NJRC-NJM2377 Datasheet
355Kb / 10P
   SWITCHING REGULATOR CONTROL IC
logo
Sanken electric
STRS5141G SANKEN-STRS5141G Datasheet
122Kb / 3P
   SWITCHING REGULATOR HYBRID IC
logo
Rohm
BD3775AF ROHM-BD3775AF Datasheet
1Mb / 24P
   2ch Reset & Comparator IC
11-.0SQE1PQ.200G173 0R0e2v0.00-013-
logo
E-Tech Electronics LTD
LR3XXYYB ETL-LR3XXYYB Datasheet
307Kb / 8P
   150mA 2CH LDO REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com