Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NJU7680 Datasheet(PDF) 3 Page - New Japan Radio

Part # NJU7680
Description  2ch switching regulator IC
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJU7680 Datasheet(HTML) 3 Page - New Japan Radio

  NJU7680 Datasheet HTML 1Page - New Japan Radio NJU7680 Datasheet HTML 2Page - New Japan Radio NJU7680 Datasheet HTML 3Page - New Japan Radio NJU7680 Datasheet HTML 4Page - New Japan Radio NJU7680 Datasheet HTML 5Page - New Japan Radio NJU7680 Datasheet HTML 6Page - New Japan Radio NJU7680 Datasheet HTML 7Page - New Japan Radio NJU7680 Datasheet HTML 8Page - New Japan Radio NJU7680 Datasheet HTML 9Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
NJU7680
- 3 -
Ver.2010-03-31
■BLOCK DIAGRAM
0.5V
OSC
2
µA
UVLO
0.8V
0.2V
OUT1
GND
RT
RT
IN-1
FB1
PWM1
ER
⋅AMP1
Regulator
2V
DTC_COMP1
Buffer1
SST1
V
+
VREG
SCP
SCP
ON/OFF
CE2
CE1
RT_ON
DTC1
OUT2
IN-2
FB2
PWM2
ER
⋅AMP2
DTC_COMP2
Buffer2
SST2
DTC2
RT_ON
SW
CH1
CH2
V
+
2k
1V
1V
Vref
1V
RP
V
+
•On/Off Function
The On/Off switch for each channel is controlled by CE pin.
→ Setting the CE low will turn off all applicable channels’ circuit.
→ Turning off both channels will turn off all circuit.
→ Opening the RT pin will turn off all circuit regardless of input signals from CE pin.
Input Signal
Operating State
RT
CE1
CE2
CH1
CH2
H
H
H
ON
ON
H
H
L
ON
OFF
H
L
H
OFF
ON
H
L
L
L
H
H
L
H
L
L
L
H
L
L
L
OFF
Standby Mode


Similar Part No. - NJU7680

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU7600 NJRC-NJU7600 Datasheet
110Kb / 9P
   PWM control Step-Up / Flyback switching regulator IC
NJU7600M NJRC-NJU7600M Datasheet
110Kb / 9P
   PWM control Step-Up / Flyback switching regulator IC
NJU7600RB1 NJRC-NJU7600RB1 Datasheet
110Kb / 9P
   PWM control Step-Up / Flyback switching regulator IC
NJU7601 NJRC-NJU7601 Datasheet
110Kb / 9P
   PWM control Step-Up / Flyback switching regulator IC
NJU7602 NJRC-NJU7602 Datasheet
110Kb / 9P
   PWM control Step-Up / Flyback switching regulator IC
More results

Similar Description - NJU7680

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9851EFV ROHM-BD9851EFV Datasheet
177Kb / 3P
   2ch switching regulator controller
BD95242MUV ROHM-BD95242MUV_10 Datasheet
595Kb / 21P
   2ch Switching Regulator for Desktop PC
BD9536FV ROHM-BD9536FV_10 Datasheet
492Kb / 19P
   2ch Switching Regulator for Desktop PC
BD81870EFV-M ROHM-BD81870EFV-M Datasheet
2Mb / 36P
   Step-up / Inverted 2ch Switching Regulator
BD9757MWV ROHM-BD9757MWV_10 Datasheet
786Kb / 24P
   Switching Regulator IC
logo
NEC
UPC1909 NEC-UPC1909 Datasheet
85Kb / 16P
   SWITCHING REGULATOR CONTROL IC
logo
New Japan Radio
NJM2377 NJRC-NJM2377 Datasheet
355Kb / 10P
   SWITCHING REGULATOR CONTROL IC
logo
Sanken electric
STRS5141G SANKEN-STRS5141G Datasheet
122Kb / 3P
   SWITCHING REGULATOR HYBRID IC
logo
Rohm
BD3775AF ROHM-BD3775AF Datasheet
1Mb / 24P
   2ch Reset & Comparator IC
11-.0SQE1PQ.200G173 0R0e2v0.00-013-
logo
E-Tech Electronics LTD
LR3XXYYB ETL-LR3XXYYB Datasheet
307Kb / 8P
   150mA 2CH LDO REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com