Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S8VM-01505CD Datasheet(PDF) 8 Page - Omron Electronics LLC

Part # S8VM-01505CD
Description  Switch Mode Power Supply
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

S8VM-01505CD Datasheet(HTML) 8 Page - Omron Electronics LLC

Back Button S8VM-01505CD Datasheet HTML 4Page - Omron Electronics LLC S8VM-01505CD Datasheet HTML 5Page - Omron Electronics LLC S8VM-01505CD Datasheet HTML 6Page - Omron Electronics LLC S8VM-01505CD Datasheet HTML 7Page - Omron Electronics LLC S8VM-01505CD Datasheet HTML 8Page - Omron Electronics LLC S8VM-01505CD Datasheet HTML 9Page - Omron Electronics LLC S8VM-01505CD Datasheet HTML 10Page - Omron Electronics LLC S8VM-01505CD Datasheet HTML 11Page - Omron Electronics LLC S8VM-01505CD Datasheet HTML 12Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 37 page
background image
S8VM
8
Construction and Nomenclature (15-W, 30-W, 50-W, 100-W, 150-W Models)
■ Nomenclature
Note: 1. The fuse is located on the (L) side. It is NOT user-replace-
able.
2. If mounting is performed using a DIN Rail, the protective
earthing connection is the panel mounting hole shown in the
figure below.
(A protective earthing connection stipulated in safety stan-
dards is used. Connect the ground completely (S8VM-
@@@@@D only)).
Ground terminal: M3 (Depth: 8 mm max.)/Ground wire:
AWG 18
3. S8VM-
@@@24A@/P@ only
4. S8VM-05024A
@/P@, S8VM-10024A@/P@, S8VM-
15024A
@/P@ only. Housing and terminals of the connector
for undervoltage detection output are also provided. For de-
tails, refer to Undervoltage Alarm Output Connector Har-
ness Manufacture Method on page 33 under Safety
Precautions.
5. When not using the remote sensing function, leave the short
bar in the same state as when shipped.
6. A
@ models: Common terminal (emitter)
P
@ models: Common terminal (collector)
■ Output Color Label
5
4
3
2
1
6
7
89 10
12
12
1
2
11
8
9
10
3
11
4
5
67
12
12
1
2
11
3
11
4
5
12
12
6
7
89 10
12
12
15-W, 30-W, 50-W Models
Open-frame Models
Covered Models
S8VM-015
@@/S8VM-015@@D
S8VM-030
@@/S8VM-030@@D
S8VM-050
@@/S8VM-050@@D
100-W Models
Open-frame Models
Covered Models
S8VM-100
@@/S8VM-100@@D
S8VM-100
@@C@/S8VM-10024A@/P@
150-W Models
Open-frame Models
Covered Models
S8VM-150
@@/S8VM-150@@D
S8VM-150
@@C@/S8VM-15024A@/P@
S8VM-015
@@C@/S8VM-01524A@
S8VM-030
@@C@/S8VM-03024A@
S8VM-050
@@C@/S8VM-05024A@/P@
300-W, 600-W, 1,500-W Models
Note: Refer to page 14.
No.
Name
Function
1
AC input terminals (L), (N)
Connect the input lines to
these terminals. (See note 1.)
2
PE terminal: Protective earthing terminal
(S8VM-
@@@@@C@/S8VM-@@@@@A@/
S8VM-
@@@@@P@)
FG terminal: Frame ground terminal
(S8VM-
@@@@@/S8VM-@@@@@D)
Connect the ground line to this
terminal. (See note 2.)
3
DC output terminals (-V), (+V)
Connect the load lines to these
terminals.
4
Output indicator (DC ON: Green)
Lights (green) while a direct
current (DC) output is ON.
5
Output voltage adjuster (V. ADJ)
Use to adjust the voltage.
6
Undervoltage alarm indicator 1
(DC LOW1: Yellow) (See note 3.)
Lights only when a momentary
drop in output voltage is de-
tected. This status is main-
tained.
7
Undervoltage alarm indicator 2
(DC LOW2: Red) (See note 3.)
Lights only when the output
voltage drops to approximately
20 V or lower.
8
Undervoltage alarm output terminal 1:
(DC LOW1) (See note 4.)
Outputs only when a momen-
tary drop in output voltage is
detected. This status is main-
tained.
(The transistor turns OFF
when a voltage drop occurs.)
9
Undervoltage alarm output terminal 2:
(DC LOW2) (See note 4.)
Outputs only when the output
voltage drops to approximately
20 V or lower.
(The transistor turns OFF
when a voltage drop occurs.)
10
Common terminal for undervoltage alarm
output (See note 4.)
Common terminal (See note
6.) for terminals 8 and 9
11
Remote sensing terminals (See note 5.)
Correct the voltage drop in the
load lines.
12
Short bars (See note 5.)
---
Protective earthing
connection
Ground
Color label identifying output voltage
Green: 5 V
Blue:
12 V
Yellow: 15 V
White: 24 V
This color label identifies the output voltage by color.


Similar Part No. - S8VM-01505CD

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
S8VM-01505CD OMRON-S8VM-01505CD Datasheet
6Mb / 38P
   Power Supply Featuring OMRON?셲 Unique, New Undervoltage Alarm Function with Compact Body Contributing to Machine Downsizing
S8VM-01505CD OMRON-S8VM-01505CD Datasheet
6Mb / 38P
   Switch Mode Power Supply
More results

Similar Description - S8VM-01505CD

ManufacturerPart #DatasheetDescription
logo
Compact Technology Corp...
CF2N60I CTC-CF2N60I Datasheet
1Mb / 5P
   Switch Mode Power Supply
CF2N60S CTC-CF2N60S Datasheet
1Mb / 5P
   Switch Mode Power Supply
logo
Omron Electronics LLC
S8VM03015CD OMRON-S8VM03015CD Datasheet
6Mb / 38P
   Switch Mode Power Supply
S8VK-C OMRON-S8VK-C Datasheet
4Mb / 20P
   Switch Mode Power Supply
logo
Compact Technology Corp...
CF4N60S CTC-CF4N60S Datasheet
1Mb / 5P
   Switch Mode Power Supply
CF6N60S CTC-CF6N60S Datasheet
1Mb / 5P
   Switch Mode Power Supply
logo
Omron Electronics LLC
S8TS OMRON-S8TS Datasheet
274Kb / 3P
   Switch Mode Power Supply
S8VK-X OMRON-S8VK-X Datasheet
6Mb / 29P
   Switch Mode Power Supply
S8JX OMRON-S8JX Datasheet
2Mb / 28P
   Switch Mode Power Supply
logo
Compact Technology Corp...
CF4N60I CTC-CF4N60I Datasheet
753Kb / 5P
   Switch Mode Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com