Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NJM8202V Datasheet(PDF) 8 Page - New Japan Radio

Part # NJM8202V
Description  Single Supply, Rail-to-Rail Output Dual Operational Amplifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM8202V Datasheet(HTML) 8 Page - New Japan Radio

Back Button NJM8202V Datasheet HTML 2Page - New Japan Radio NJM8202V Datasheet HTML 3Page - New Japan Radio NJM8202V Datasheet HTML 4Page - New Japan Radio NJM8202V Datasheet HTML 5Page - New Japan Radio NJM8202V Datasheet HTML 6Page - New Japan Radio NJM8202V Datasheet HTML 7Page - New Japan Radio NJM8202V Datasheet HTML 8Page - New Japan Radio NJM8202V Datasheet HTML 9Page - New Japan Radio NJM8202V Datasheet HTML 10Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
NJM8202
■ TYPICAL CHARACTERISTICS
V.F. Peak vs. Frequency
(Load Capacitance)
V
+/V-=±2.5V, G
V=0dB, Ta=25ºC
-20
-10
0
10
20
0M
1M
10M
100M
1000M
Frequency [Hz]
CL=1000pF
CL=470pF
CL=100pF
CL=10pF
100k
1G
40dBGain/Phase vs. Frequency (Temperature)
V
+/V-=±7.0V, V
IN=-30dBm, GV=40dB, RF=10kΩ, CL=10pF
-60
-40
-20
0
20
40
60
1.E+03
1.E+04
1.E+05
1.E+06
1.E+07
1.E+08
Frequency[Hz]
-180
-120
-60
0
60
120
180
Ta=25ºC
Ta=-40ºC
Ta=85ºC
Gain
Phase
1k
10k
100k
1M
10M
100M
Ta=25ºC
Ta=-40ºC
Ta=85ºC
V.F. Peak vs. Frequency
(Temperature)
V
+/V-=±2.5V, G
V=0dB, CL=10pF
-20
-10
0
10
20
1.E+05
1.E+06
1.E+07
1.E+08
1.E+09
Frequency[Hz]
Ta=85ºC
Ta=25ºC
Ta=-40ºC
100K
1M
10M
100M
1G
40dBGain/Phase vs. Frequency (Load Capacitance)
V
+/V-=±7.0V, V
IN=-30dBm, GV=40dB, RF=10kΩ, Ta=25ºC
-60
-40
-20
0
20
40
60
1.E+03
1.E+04
1.E+05
1.E+06
1.E+07
1.E+08
Frequency[Hz]
-180
-120
-60
0
60
120
180
Gain
Phase
1K
10K
100K
1M
10M
100M
CL=100p
CL=330p
CL=10p
CL=100p
CL=330p
CL=10p
Equivalent Input Noise Voltage vs. Frequency
V
+/V-=±2.5V, G
V=40dB, RF=20kΩ,
RL=10kΩ, Ta=25ºC
0
10
20
30
40
50
60
0k
0k
0k
1k
10k
100k
Frequency[Hz]
1
10
100
Channel Separation vs. Frequency
V
+/V-=±2.5V, V
O=1.5Vrms, GV=40dB, RF=100kΩ,
RL=10kΩ, Ta=25ºC
-160
-150
-140
-130
-120
-110
-100
-90
-80
10
100
1000
10000
100000
Frequency[Hz]
A to B
B to A
1k
10k
100k
- 8 -
Ver.2010-03-25


Similar Part No. - NJM8202V

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM8204 NJRC-NJM8204 Datasheet
696Kb / 15P
   Single Supply, Rail-to-Rail Output Quad Operational Amplifier
Ver.1.0
NJM8204V NJRC-NJM8204V Datasheet
696Kb / 15P
   Single Supply, Rail-to-Rail Output Quad Operational Amplifier
Ver.1.0
More results

Similar Description - NJM8202V

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2746M-TE1 NJRC-NJM2746M-TE1 Datasheet
311Kb / 6P
   Single Supply, Rail-to-Rail Output Dual Operational Amplifier
logo
National Semiconductor ...
LMC6442 NSC-LMC6442 Datasheet
1,011Kb / 16P
   Dual Micropower Rail-to-Rail Output Single Supply Operational Amplifier
logo
Texas Instruments
LMC6442 TI1-LMC6442 Datasheet
1Mb / 24P
[Old version datasheet]   LMC6442 Dual Micropower Rail-to-Rail Output Single Supply Operational Amplifier
logo
New Japan Radio
NJM8204 NJRC-NJM8204 Datasheet
696Kb / 15P
   Single Supply, Rail-to-Rail Output Quad Operational Amplifier
Ver.1.0
logo
National Semiconductor ...
LMC6442 NSC-LMC6442_14 Datasheet
1Mb / 24P
   LMC6442 Dual Micropower Rail-to-Rail Output Single Supply Operational Amplifier
logo
New Japan Radio
NJU7036 NJRC-NJU7036 Datasheet
1Mb / 16P
   High Output Current, Single Supply, Rail-to-Rail Output Dual CMOS Operational Amplifier
logo
Analog Devices
OP450 AD-OP450_15 Datasheet
70Kb / 5P
   CMOS Single-Supply Rail-to-Rail Input/Output Operational Amplifier
REV. 0
OP150 AD-OP150 Datasheet
65Kb / 5P
   CMOS Single-Supply Rail-to-Rail Input/Output Operational Amplifier
REV. 0
logo
SG Micro Corp
SGM8922 SGMICRO-SGM8922 Datasheet
324Kb / 10P
   Dual Rail-to-Rail Output Operational Amplifier
logo
Analog Devices
OP-150 AD-OP-150_15 Datasheet
70Kb / 5P
   CMOS Single-Supply Rail-to-Rail Input/Output Operational Amplifier
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com