Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NJM2857 Datasheet(PDF) 3 Page - New Japan Radio

Part # NJM2857
Description  LOW DROPOUT VOLTAGE REGULATOR
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM2857 Datasheet(HTML) 3 Page - New Japan Radio

  NJM2857 Datasheet HTML 1Page - New Japan Radio NJM2857 Datasheet HTML 2Page - New Japan Radio NJM2857 Datasheet HTML 3Page - New Japan Radio NJM2857 Datasheet HTML 4Page - New Japan Radio NJM2857 Datasheet HTML 5Page - New Japan Radio NJM2857 Datasheet HTML 6Page - New Japan Radio NJM2857 Datasheet HTML 7Page - New Japan Radio NJM2857 Datasheet HTML 8Page - New Japan Radio NJM2857 Datasheet HTML 9Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
NJM2857
- 3 -
Ver.2010-02-08
ELECTRICAL CHARACTERISTICS
(VIN=Vo+1V(Vo<1.6V: VIN=2.6V), CIN=1.0µF, Co=4.7µF(1.7V<Vo≤2.4V: Co=10µF, Vo≤1.7V: Co=22uF), Ta=25°C)
PARAMETER
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Output Voltage
Vo
Io=30mA
-1.0%
-
+1.0%
V
Input Voltage
VIN
-
-
8
V
Quiescent Current
IQ
Io=0mA
-
500
750
µA
Quiescent Current
at Control OFF
IQ (OFF)
VCONT=0V
-
-
100
nA
Output Current
Io
Vo
×0.9V
1500
2000
-
mA
Line Regulation
∆Vo/∆V
IN
VIN=Vo+1V ∼ Vo+6V (Vo≤2V),
VIN=Vo+1V ∼ +8V(Vo>2V),
Io=30mA
-
-
0.10
%/V
Load Regulation
∆Vo/∆Io
Io=0
∼ 1500mA
-
-
0.003
%/mA
Dropout Voltage(*1)
∆V
I -O
Io=1000mA
-
0.20
0.30
V
Vo=1.5V
-
86
-
Vo=2.5V
-
82
-
Vo=3.0V
-
80
-
Vo=3.3V
-
79
-
Ripple Rejection(*2)
RR
ein=200mVrms,
f=1kHz,
Io=10mA
Vo=5.0V
-
78
-
dB
Average Temperature
Coefficient of Output
Voltage
∆Vo/∆Ta
Ta=0
∼ 85°C, Io=10mA
-
± 50
-
ppm/
°C
Vo=1.5V
-
26
-
Vo=2.5V
-
41
-
Vo=3.0V
-
47
-
Vo=3.3V
-
51
-
Output Noise Voltage
VNO
f=10Hz
∼ 80kHz,
Io=10mA,
Vo=5.0V
-
69
-
µVrms
Control Current
ICONT
VCONT=1.6V
-
3
12
µA
Control Voltage for ON-state
VCONT(ON)
1.6
-
-
V
Control Voltage for OFF-state
VCONT(OFF)
-
-
0.6
V
(*1): The output voltage excludes under 2.4V
(*2): Vo>2.0V:VIN=Vo+1V, Vo≤2.0V:VIN=3.0V
The above specification is a common specification for all output voltages.
Therefore, it may be different from the individual specification for a specific output voltage.
POWER DISSIPATION vs. AMBIENT TEMPERATURE
NJM2857DL3 PowerDissipation
(Topr=-40~+85°C,Tj=150°C)
0
500
1000
1500
2000
2500
3000
3500
-50
-25
0
25
50
75
100
Temperature : Ta(°C)
on 4 layers board
on 2 layers board


Similar Part No. - NJM2857

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2855 NJRC-NJM2855 Datasheet
224Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR
NJM2855DL1 NJRC-NJM2855DL1 Datasheet
224Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR
NJM2855DL1-02 NJRC-NJM2855DL1-02 Datasheet
191Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR
NJM2855DL1-03 NJRC-NJM2855DL1-03 Datasheet
191Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR
NJM2855DL1-04 NJRC-NJM2855DL1-04 Datasheet
191Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR
More results

Similar Description - NJM2857

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KA78R08 SAMSUNG-KA78R08 Datasheet
162Kb / 5P
   LOW DROPOUT VOLTAGE REGULATOR
KA78R12 SAMSUNG-KA78R12 Datasheet
164Kb / 5P
   LOW DROPOUT VOLTAGE REGULATOR
logo
Fairchild Semiconductor
KA78R33 FAIRCHILD-KA78R33 Datasheet
40Kb / 8P
   Low Dropout Voltage Regulator
KA278R09 FAIRCHILD-KA278R09 Datasheet
79Kb / 8P
   Low Dropout Voltage Regulator
logo
Toshiba Semiconductor
TA78DL05BS TOSHIBA-TA78DL05BS Datasheet
255Kb / 7P
   LOW DROPOUT VOLTAGE REGULATOR
TA78DL05F TOSHIBA-TA78DL05F Datasheet
332Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR
TA78DS05BP TOSHIBA-TA78DS05BP Datasheet
303Kb / 8P
   LOW DROPOUT VOLTAGE REGULATOR
logo
New Japan Radio
NJM2886 NJRC-NJM2886 Datasheet
156Kb / 8P
   LOW DROPOUT VOLTAGE REGULATOR
NJM2870 NJRC-NJM2870 Datasheet
166Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR
NJM2881 NJRC-NJM2881 Datasheet
219Kb / 10P
   LOW DROPOUT VOLTAGE REGULATOR
NJM2865 NJRC-NJM2865 Datasheet
175Kb / 10P
   LOW DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com