Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

043025090100 Datasheet(PDF) 1 Page - Tyco Electronics

Part # 043025090100
Description  Power Relay 430 3 mm
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

043025090100 Datasheet(HTML) 1 Page - Tyco Electronics

  043025090100 Datasheet HTML 1Page - Tyco Electronics 043025090100 Datasheet HTML 2Page - Tyco Electronics 043025090100 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Datasheet Rev. IJ1
Issued 2009/10
www.tycoelectronics.com
www.schrackrelays.com
Dimensions are in mm unless
otherwise specified and are
shown for reference purposes
only.
Product specification
according to IEC 61810-1.
Product data, technical para-
meters, test conditions and
processing information only
to be used together with the
'Definitions' section in the cat-
alogue or at schrackrelays.com
in the ‘Schrack’ section.
Specifications subject to
change.
General Purpose Relays
SCHRACK
1
Power Relay 430 3 mm
n 1 pole 16 A, 1 NO contact
n Safety mains isolation
n Contact gap > 3 mm
n DC- and AC-coil
n 4 kV / 8 mm coil-contact, reinforced insulation (VDE 0700)
n PCB mounting or quick connect terminals
n Mounting brackets or snap mounting
n Version with arc blow magnet for high DC-loads
n Product in accordance to IEC60335-1
Applications
Domestic appliances, industrial appliances, industrial controls
F0256-B
Approvals
V REG.-Nr. C820, Z E214024
Technical data of approved types on request
Contact data
Contact configuration
1NO
Contact set
bifurcated contact
Type of interruption
full disconnection
Rated voltage / max. switching voltage AC
250 / 400 VAC
Rated current
16 A
Maximum breaking capacity AC
4000 VA
Limiting making capacity, max 4 s, duty factor 10%
25 A
Contact material
AgCu3, AgCdO
Contact gap
> 3 mm
Rated frequency of operation with / without load
15 / 300 min-1
Contact ratings
Type
Contact
Load
Ambient
Cycles
temp. [°C]
IEC 61810
0430 .4 .. 0
NO
16 A, 250 VAC, cos
ϕ=1
70°C
50x103
0430 .4 .. 1
NO
16 A, 250 VAC, cos
ϕ=1
70°C
50x103
Coil data
Rated coil voltage range DC coil
6...110 VDC
AC coil
6...240 VAC
Operative range to IEC 61810
2
Coil versions, DC-coil
Coil
Rated
Operate
Release
Coil
Rated coil
code
voltage
voltage
voltage
resistance
power
VDC
VDC
VDC
Ohm
mW
09
12
7.8
0.6
145
+10%
993
10
24
15.6
1.2
580
+10%
993
11
48
31.2
2.4
2200
+10%
1047
13
110
71.5
5.5
13000
+10%
931
Coil versions, AC-coil 50Hz
Coil
Rated
Operate
Release
Coil
Rated coil
code
voltage
voltage
voltage
resistance
power
VAC
VAC
VAC
Ohm
VA
23
24
18
3.6
145
+10%
1.8
25
60
45
9.0
950
+10%
1.8
26
110
83
16.0
3100
+10%
1.8
27
230
175
35.0
11400
+10%
1.8
28
240
185
36.0
13000
+10%
1.8
All figures are given for coil without preenergization, at ambient temperature +23°C
Other coil voltages on request


Similar Part No. - 043025090100

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
043025091100 MACOM-043025091100 Datasheet
154Kb / 3P
   Power Relay
More results

Similar Description - 043025090100

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
043006030100 MACOM-043006030100 Datasheet
179Kb / 3P
   Power Relay 430
41083 MACOM-41083_09 Datasheet
201Kb / 2P
   Power Relay 410 83 3 mm
logo
NTE Electronics
NTE6128 NTE-NTE6128 Datasheet
18Kb / 2P
   Silicon Power Rectifier Diode, 430 Amp
logo
KR Electronics, Inc.
3007 KR-3007 Datasheet
91Kb / 3P
   430 MHz Lowpass Filter
logo
Elantec Semiconductor
EL6201C ELANTEC-EL6201C Datasheet
135Kb / 2P
   Low Power 430 MHz HFM Oscillator w/Disable
logo
Tyco Electronics
2-1393844-0 MACOM-2-1393844-0 Datasheet
487Kb / 4P
   Power Relay RM 2/3/7
1-1393844-7 MACOM-1-1393844-7 Datasheet
487Kb / 4P
   Power Relay RM 2/3/7
2-1393147-2 MACOM-2-1393147-2 Datasheet
487Kb / 4P
   Power Relay RM 2/3/7
2-1393148-5 MACOM-2-1393148-5 Datasheet
487Kb / 4P
   Power Relay RM 2/3/7
2-1393149-2 MACOM-2-1393149-2 Datasheet
487Kb / 4P
   Power Relay RM 2/3/7
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com