Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

043015090100 Datasheet(PDF) 3 Page - Tyco Electronics

Part # 043015090100
Description  Power Relay 430 3 mm
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

043015090100 Datasheet(HTML) 3 Page - Tyco Electronics

  043015090100 Datasheet HTML 1Page - Tyco Electronics 043015090100 Datasheet HTML 2Page - Tyco Electronics 043015090100 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Datasheet Rev. IJ1
Issued 2009/10
www.tycoelectronics.com
www.schrackrelays.com
Dimensions are in mm unless
otherwise specified and are
shown for reference purposes
only.
Product specification
according to IEC 61810-1.
Product data, technical para-
meters, test conditions and
processing information only
to be used together with the
'Definitions' section in the cat-
alogue or at schrackrelays.com
in the ‘Schrack’ section.
Specifications subject to
change.
General Purpose Relays
SCHRACK
3
Power Relay 430 3 mm (Continued)
Product key
Typical product key
0430
2
5
09
1
100
Type
0430 Power relay 430 3 mm
Mounting
0
PCB version
2
snap mounting
1
mounting brackets
5
DIN-rail mounting
Contact design
4
arc blowing magnet
5
standard
Coil
Coil code: please refer to coil versions table
Contact material
0
AgCu 3
1
AgCdO
Version
100 standard
Other types on request
Product key
Version
Cont-material
Cont.configuration
Coil
Coil
Part number
0430 25 0911 00
snap mounting
AgCdO
1 NO contact
DC-coil
12 VDC
1-1415404-1
0430 25 1011 00
1.0mm plate
24 VDC
1-1415404-3
0430 25 2811 00
AC-coil
240 VAC
1-1415404-6
Dimensions
S0449-AD
Mounting brackets
DIN-rail mount
S0449-CK


Similar Part No. - 043015090100

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
043016030100 MACOM-043016030100 Datasheet
179Kb / 3P
   Power Relay 430
043016030200 MACOM-043016030200 Datasheet
179Kb / 3P
   Power Relay 430
043016030300 MACOM-043016030300 Datasheet
179Kb / 3P
   Power Relay 430
043016030400 MACOM-043016030400 Datasheet
179Kb / 3P
   Power Relay 430
043016030500 MACOM-043016030500 Datasheet
179Kb / 3P
   Power Relay 430
More results

Similar Description - 043015090100

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
043006030100 MACOM-043006030100 Datasheet
179Kb / 3P
   Power Relay 430
41083 MACOM-41083_09 Datasheet
201Kb / 2P
   Power Relay 410 83 3 mm
logo
NTE Electronics
NTE6128 NTE-NTE6128 Datasheet
18Kb / 2P
   Silicon Power Rectifier Diode, 430 Amp
logo
KR Electronics, Inc.
3007 KR-3007 Datasheet
91Kb / 3P
   430 MHz Lowpass Filter
logo
Elantec Semiconductor
EL6201C ELANTEC-EL6201C Datasheet
135Kb / 2P
   Low Power 430 MHz HFM Oscillator w/Disable
logo
Tyco Electronics
2-1393844-0 MACOM-2-1393844-0 Datasheet
487Kb / 4P
   Power Relay RM 2/3/7
1-1393844-7 MACOM-1-1393844-7 Datasheet
487Kb / 4P
   Power Relay RM 2/3/7
2-1393147-2 MACOM-2-1393147-2 Datasheet
487Kb / 4P
   Power Relay RM 2/3/7
2-1393148-5 MACOM-2-1393148-5 Datasheet
487Kb / 4P
   Power Relay RM 2/3/7
2-1393149-2 MACOM-2-1393149-2 Datasheet
487Kb / 4P
   Power Relay RM 2/3/7
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com