Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


4-1415419-9 Datasheet(PDF) 3 Page - Tyco Electronics

Part No. 4-1415419-9
Description  Rast 5 Power Relay 419 11 (EA/..)
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MACOM [Tyco Electronics]
Homepage  http://www.macom.com
Logo 

   
 3 page
background image
Datasheet Rev. IJ1
Issued 2009/10
www.tycoelectronics.com
www.schrackrelays.com
Dimensions are in mm unless
otherwise specified and are
shown for reference purposes
only.
Product specification
according to IEC 61810-1.
Product data, technical para-
meters, test conditions and
processing information only
to be used together with the
'Definitions' section in the cat-
alogue or at schrackrelays.com
in the ‘Schrack’ section.
Specifications subject to
change.
General Purpose Relays
SCHRACK
3
Rast 5 Power Relay 419 11 (EA/..) (Continued)
Product key
Typical product key
0419
1
1
03
0
1
00
Type
0419 Rast 5 Power Relay 419 11 (EA/..)
Mounting
1
Snap mounting, 1.0 mm panel
2
Snap mounting, 1.5 mm panel
3
Screw mounting
Version
1
2 coil connectors
2
3 coil connectors
Coil
Coil code: please refer to coil versions table
Contact material
0
AgCu 3
Contact connectors
1
Silver plated
Version
00 Standard
Other types on request
Product key
Version
Cont-material
Cont.configuration
Coil
Coil
Part number
0419 11 0301 00
Snap Mounting
AgCu3
2 NO
AC-coil
230 VAC
3-1415419-5
0419 11 1201 00
1.0 mm plate
contacts
DC-coil
12 VDC
4-1415419-0
0419 11 1301 00
24 VDC
4-1415419-2
0419 31 0301 00
Screw Mounting
AC-coil
230 VAC
4-1415419-9
0419 31 1301 00
DC-coil
24 VDC
5-1415419-5




Html Pages

1  2  3 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl