Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UMM5-0750-0500 Datasheet(PDF) 7 Page - Omron Electronics LLC

Part # UMM5-0750-0500
Description  Safety Mat/Safety Mat Controller
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

UMM5-0750-0500 Datasheet(HTML) 7 Page - Omron Electronics LLC

Back Button UMM5-0750-0500 Datasheet HTML 3Page - Omron Electronics LLC UMM5-0750-0500 Datasheet HTML 4Page - Omron Electronics LLC UMM5-0750-0500 Datasheet HTML 5Page - Omron Electronics LLC UMM5-0750-0500 Datasheet HTML 6Page - Omron Electronics LLC UMM5-0750-0500 Datasheet HTML 7Page - Omron Electronics LLC UMM5-0750-0500 Datasheet HTML 8Page - Omron Electronics LLC UMM5-0750-0500 Datasheet HTML 9Page - Omron Electronics LLC UMM5-0750-0500 Datasheet HTML 10Page - Omron Electronics LLC UMM5-0750-0500 Datasheet HTML 11Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
UM/MC3
Dimensions
(Unit: mm)
Trims
Safety Mat
Two, R2.2
110
84
75
55
15.3
98
38
61.2
Y2
13 14 23 24 31 32 41 42
Y1 X1 X2 M11 M12 M21 M22
Stop
Run
Mat Clear
LED (red)
Lights when the safety
output from the MC3
Safety Mat Controller is
OFF
LED (green)
Lights when the safety
output from the MC3
Safety Mat Controller is
ON
LED (green)
Lights when the UM
Safety Mat is not
being activated
(i.e., when intrusion
is not being detected)
Safety Mat Controller
MC3
Terminal/LED arrangements
9.4
19.5
63.5
7.6 10.6
13.7
Aluminum Ramp Trim
UMAL
23.1
101.6
Ramp Trim with Yellow PVC Cover
UMRT
@
30.6
30.6
58.4
94.6
72.4
72.4
94.6
58.4
Joining Trim
UMJS
@
21.9
21.9
57.5
94.6
72.4
72.4
94.6
57.5
Molded Outside Corner
UMOC
Molded Inside Corner
UMIC
28.6
91.4
512
500
11.8
50.8
Mat dimension
Mat dimension + 12
Cable position
Example: UMYM5-0500-0500


Similar Part No. - UMM5-0750-0500

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
UMMD022 SECOS-UMMD022 Datasheet
60Kb / 2P
   Surface Mount Small Signal Schottky Barrier Rectifiers
UMMD022 SECOS-UMMD022_15 Datasheet
43Kb / 2P
   Surface Mount Small Signal Schottky Barrier Rectifiers
UMMD024 SECOS-UMMD024 Datasheet
60Kb / 2P
   Surface Mount Small Signal Schottky Barrier Rectifiers
UMMD032 SECOS-UMMD032 Datasheet
792Kb / 8P
   0.3 A Surface Mount Schottky Barrier Rectifiers
UMMD032 SECOS-UMMD032_15 Datasheet
786Kb / 8P
   Surface Mount Schottky Barrier Rectifiers
More results

Similar Description - UMM5-0750-0500

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
XPSUAK12AP SCHNEIDER-XPSUAK12AP Datasheet
198Kb / 6P
   Safety module, Harmony Safety Automation, Cat.4, features XPSUAF PNP/NPN, safety mat, 24v AC/DC, screw
Jan 13, 2022
logo
SICK AG
UE410-XU4T300 SICK-UE410-XU4T300 Datasheet
323Kb / 6P
   SAFETY CONTROLLER
logo
SparkFun Electronics
TOL-14672 SPARKFUN-TOL-14672 Datasheet
144Kb / 2P
   Insulated Silicone Soldering Mat
4??0??8
logo
FCI connector
65781 FCI-CONNECTOR-65781 Datasheet
419Kb / 6P
   HOUSING MAT: FILLED POLYESTER
logo
Bertech.
2059S BERTECH-2059S Datasheet
170Kb / 1P
   ESD Soldering Mats & Mat Kits
logo
FCI connector
71609 FCI-CONNECTOR-71609 Datasheet
65Kb / 1P
   HOUSIN MAT: THERMOPLASTIC GLASS FILLED
logo
Omron Electronics LLC
NE0A-SCPU01 OMRON-NE0A-SCPU01 Datasheet
309Kb / 6P
   Safety Network Controller
logo
FCI connector
71607 FCI-CONNECTOR-71607 Datasheet
61Kb / 1P
   HOUSIN MAT: THERMOPLASTIC GLASS FILLED
76342 FCI-CONNECTOR-76342 Datasheet
78Kb / 2P
   HOUSING MAT: THERMOPLASTIC GLASS FILLED
logo
Molex Electronics Ltd.
SD-34805-001 MOLEX-SD-34805-001 Datasheet
215Kb / 1P
   CTX150 MAT SEAL RECEPTACLE TERMINAL
Rev. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com