Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XW2D-50C6 Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # XW2D-50C6
Description  Slim Connector-Terminal Block Conversion Units
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

XW2D-50C6 Datasheet(HTML) 1 Page - Omron Electronics LLC

  XW2D-50C6 Datasheet HTML 1Page - Omron Electronics LLC XW2D-50C6 Datasheet HTML 2Page - Omron Electronics LLC XW2D-50C6 Datasheet HTML 3Page - Omron Electronics LLC XW2D-50C6 Datasheet HTML 4Page - Omron Electronics LLC XW2D-50C6 Datasheet HTML 5Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
CSM_XW2D_DS_E_1_2
1
Slim Connector-Terminal Block Conversion Units
XW2D
New Slim Connector-Terminal Block
Conversion Units.
• Mounting area reduced by 35% (in comparison with
40-pole XW2B Units) to contribute to downsizing
control panels and automatic equipment.
• Fallout prevention for terminal screws.
• Round or forked crimp terminals can be used.
• Mount to DIN Track or via screws.
Unique DIN Track lock can maintain open status
during DIN Track attachment and removal.
• Terminal cover can be locked open.
• Screw terminals are arranged by color in groups
of five to simplify counting terminal numbers.
Ordering Information
Connectors
*1. This model has built-in bleeder resistance and is used for inputs to Units with Fujitsu connectors, i.e., the CJ1W-ID231/-ID261/-MD261.
*2. This model has built-in bleeder resistance and is used for inputs on Units with MIL connectors, i.e., the CJ1W-ID232/-ID262/-MD263/-MD563.
*3. The MR Connector is made by Honda Tsushin Kogyo.
Accessories (Order Separately)
Connecting Cables for Connector-Terminal Block Conversion Units
Refer to the XW2Z Datasheet.
Ratings and Specifications
Mounted Con-
nector
No. of
poles
Model
Dimension
A
Dimension
B
Mounted Connector model
Cable Connector model
XG4A
MIL Connectors
20
XW2D-20G6
79
57
XG4A-2031
XG4M-2030-T
34
XW2D-34G6
128
100
XG4A-3431
XG4M-3430-T
40
XW2D-40G6
149
110
XG4A-4031
XG4M-4030-T
XW2D-40G6-RF *1
149
110
XG4A-4031
XG4M-4030-T
XW2D-40G6-RM *2
149
110
XG4A-4031
XG4M-4030-T
50
XW2D-50G6
184
144
XG4A-5031
XG4M-5030-T
XG4C
MIL Connectors
20
XW2D-20C6
79
57
XG4C-2031
XG4M-2030-U
34
XW2D-34C6
128
100
XG4C-3431
XG4M-3430-U
40
XW2D-40C6
149
110
XG4C-4031
XG4M-4030-U
50
XW2D-50C6
184
144
XG4C-5031
XG4M-5030-U
MR Sockets
20
XW2D-20X6
79
57
MR-20RFD2 *3
MR-20M *3
34
XW2D-34X6
128
100
MR-34RFD2 *3
MR-34M *3
50
XW2D-50X6
184
144
MR-50RFD2 *3
MR-50M *3
MR Plugs
20
XW2D-20Y6
79
57
MR-20RMD2 *3
MR-20F*3
34
XW2D-34Y6
128
100
MR-34RMD2 *3
MR-34F*3
50
XW2D-50Y6
184
144
MR-50RMD2 *3
MR-50F *3
Rated current
1 A
Rated voltage
125 VAC, 24 VDC
Insulation resistance
100 M
Ω min. (at 500 VDC)
Dielectric strength
500 VAC for 1 min (leakage current: 1 mA max.)
Ambient operating tem-
perature
0 to 55
°C


Similar Part No. - XW2D-50C6

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
XW2D-50G6 OMRON-XW2D-50G6 Datasheet
1Mb / 12P
   SmartStep 2 servo drive
More results

Similar Description - XW2D-50C6

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
XW2Z OMRON-XW2Z Datasheet
1Mb / 11P
   Connecting Cables for Connector-Terminal Block Conversion Units (Shielded)
logo
M-System Co.,Ltd.
CNT MSYSTEM-CNT Datasheet
113Kb / 2P
   CONNECTOR TERMINAL BLOCK
logo
DDK Ltd.
ADAPTER DDK-ADAPTER Datasheet
673Kb / 31P
   Conversion Connector
logo
FCI connector
20020109 FCI-CONNECTOR-20020109 Datasheet
230Kb / 3P
   TERMINAL BLOCK
logo
Adam Technologies, Inc.
EBYD-XX-J-GY ADAM-TECH-EBYD-XX-J-GY Datasheet
76Kb / 1P
   TERMINAL BLOCK
EB110-XX-C ADAM-TECH-EB110-XX-C Datasheet
64Kb / 1P
   TERMINAL BLOCK
EB111-XX-C ADAM-TECH-EB111-XX-C Datasheet
109Kb / 1P
   TERMINAL BLOCK
EB115-XX-U ADAM-TECH-EB115-XX-U Datasheet
77Kb / 1P
   TERMINAL BLOCK
EB49-XX-B ADAM-TECH-EB49-XX-B Datasheet
73Kb / 1P
   TERMINAL BLOCK
EB50-A-XX-B ADAM-TECH-EB50-A-XX-B Datasheet
73Kb / 1P
   TERMINAL BLOCK
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com