Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDSUW1030A4-C-S Datasheet(PDF) 1 Page - Tyco Electronics

Part # CDSUW1030A4-C-S
Description  Corcom Facility EMI Filters Product Guide
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

CDSUW1030A4-C-S Datasheet(HTML) 1 Page - Tyco Electronics

  CDSUW1030A4-C-S Datasheet HTML 1Page - Tyco Electronics CDSUW1030A4-C-S Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Corcom Facility EMI Filters Product Guide
Dimensions are in inches and millimeters unless otherwise specified. Values in italics are metric
USA Cust. Svc.:
1-800-468-2023
equivalents. Dimensions are shown for reference purposes only. Specifications subject to change.
Corcom Prods:
1-847-680-7400
18
Catalog: 1654986
Issue Date: 11.2009
www.tycoelectronics.com
www.corcom.com
CDSUW-C Series
CDSUW-C Series
Features
• Sealed, constructed of 16 gauge cold rolled steel
• All non-conductive surfaces protected with suitable
painting or electroplating
• Removable input cover for terminal access and field
wiring connection
• Threaded conduit fitting with flexible lead on the load
side
• Knockouts provided on the input side
• Discharge bleeder resistor provided to reduce shock
hazard
• Surge protector provided upon request
Electrical Characteristics
Voltage Drop:
Less than 1% @ unity power factor
Overload:
140% of rated current for 15 minutes
Harmonic Distortion:
Less than 2% @ full rated current
Dielectric Withstanding Voltage:
Per MIL-PRF-15733 and UL1283
D.C. Insulation Resistance:
Per MIL-STD-202, Method 302
Terminal Strength:
Per MIL-STD-202, Method 211, Condition E
Temperature Rise:
Per MIL-PRF-15733 and UL1283
R.F. Radiation:
100 dB minimum shielding effectiveness
Insertion Loss:
100 dB from 14 kHz - 10 GHz per MIL-STD-220A, under
load condition
Applicable Publications:
MIL-PRF-15733 — Filters, radio interference
MIL-STD-202 — Test methods for Components
MIL-STD-220A — Test method of Insertion Loss
MIL-STD-285 — Test method for Shielding Effectiveness
NFPA 70-1987 — National Electric Code
486A - 1983 — Wire Connectors and Lug
UL1283 — Underwriter Laboratories
6P16 †
How to Order:
† 60 Hz Models Only
CDSUW 2 030 A6 - C - S
Voltage/Frequency
A6 - 120/208V, 60Hz
B6 - 277/480V, 60Hz
A4 - 120/208V, 400Hz
Surge Arrestors (optional)
Conduit Fitting (supplied)
Current Rating
# of Filters
Series
Examples: CDSUW2030A6-C-S, CDSUW1010B6-C
1
2
Note 1:
Surge Arrestor for A6/A4* Models: V251BA60
Surge Arrestor for B6 Models: V481BA60
Note 2:
Current configuration listed as 3 digits with leading zeros


Similar Part No. - CDSUW1030A4-C-S

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
CDSUW-C MACOM-CDSUW-C Datasheet
275Kb / 2P
   CDSUW-C Series
CDSUW-C MACOM-CDSUW-C_11 Datasheet
275Kb / 2P
   CDSUW-C Series
More results

Similar Description - CDSUW1030A4-C-S

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
1773449-2 TEC-1773449-2 Datasheet
513Kb / 6P
   Corcom High Current AC Power Line Filters
logo
Frontier Electronics.
FCLF-8520 FRONTIER-FCLF-8520 Datasheet
1Mb / 5P
   Product Guide
logo
Samsung semiconductor
K4S640832K SAMSUNG-K4S640832K_07 Datasheet
153Kb / 8P
   SDRAM Product Guide
logo
Bel Fuse Inc.
MAGJACK BEL-MAGJACK Datasheet
1Mb / 4P
   MAGJACK PRODUCT GUIDE
logo
Samsung semiconductor
K4H641638N SAMSUNG-K4H641638N Datasheet
239Kb / 10P
   DDR SDRAM Product Guide
logo
List of Unclassifed Man...
SI4063-B0B-FM ETC2-SI4063-B0B-FM Datasheet
1Mb / 12P
   WIRELESS PRODUCT SELECTOR GUIDE
logo
Pulse A Technitrol Comp...
JK0-0177NL PULSE-JK0-0177NL Datasheet
976Kb / 2P
   LAN Product Guide - Servers
logo
List of Unclassifed Man...
SI4060-B0B-FM ETC2-SI4060-B0B-FM Datasheet
1Mb / 12P
   WIRELESS PRODUCT SELECTOR GUIDE
logo
TDK Electronics
CGA3E1X5R1C225K080AC TDK-CGA3E1X5R1C225K080AC Datasheet
9Mb / 64P
   2012 MLCC PRODUCT GUIDE
logo
Advanced Linear Devices
EPRODSEL ALD-EPRODSEL Datasheet
18Kb / 2P
   EPAD짰 PRODUCT SELECTION GUIDE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com