Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M7E-01MB2-S2 Datasheet(PDF) 5 Page - Omron Electronics LLC

Part # M7E-01MB2-S2
Description  Digital Display (14 mm)
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

M7E-01MB2-S2 Datasheet(HTML) 5 Page - Omron Electronics LLC

  M7E-01MB2-S2 Datasheet HTML 1Page - Omron Electronics LLC M7E-01MB2-S2 Datasheet HTML 2Page - Omron Electronics LLC M7E-01MB2-S2 Datasheet HTML 3Page - Omron Electronics LLC M7E-01MB2-S2 Datasheet HTML 4Page - Omron Electronics LLC M7E-01MB2-S2 Datasheet HTML 5Page - Omron Electronics LLC M7E-01MB2-S2 Datasheet HTML 6Page - Omron Electronics LLC M7E-01MB2-S2 Datasheet HTML 7Page - Omron Electronics LLC M7E-01MB2-S2 Datasheet HTML 8Page - Omron Electronics LLC M7E-01MB2-S2 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
M7E
5
Decimal/Hexadecimal Display Unit
Models with Zero Suppression
Positive logic (M7E-01DRP2/M7E-01DGP2/M7E-01HRP2/
M7E-01HGP2)
Note: The display will go blank when the data input is “0” and the DP
is OFF.
* Either high or low
Negative logic (M7E-01DRN2/M7E-01DGN2/M7E-
01DRGN2/M7E-01HRN2/M7E-01HGN2)
Note: The display will go blank when the data input is “0” and the DP
is OFF.
* Either high or low
Input
Out-
put
Display condition
Connector
pin No.
C E FG HD
I
J
Terminal
number
35
67
84
9
10
Terminal
symbol
LE
D
C
B
A
DP RBI
RBO
Decimal Hexadeci-
mal
Input
signals
LL
LL
LL
L
L
0
LL
LL
H
L
*
L
1
LL
L
H
LL
*
L
2
LL
L
H
H
L
*
L
3
LL
H
L
LL
*
L
4
L
L
HLHL
*
L
5
LL
H
H
LL
*
L
6
LL
H
H
H
L
*
L
7
L
H
LL
LL
*
L
8
LHL
L
HL
*
L
9
LHLHL
L
*
L
a
LHLH
HL
*
L
Blank
b
L
H
H
L
L
L
*
L
Blank
c
LH
HLHL
*
L
Blank
d
L
H
H
H
L
L
*
L
Blank
e
L
H
H
H
H
L
*
L
Blank
f
L*
*
*
*
H
*
L
*
L
L
L
L
L
H
H
Blank (See note.)
H
*
*
*
*
*
*
*
Retains the display
conditions of A
through D and DP
terminals before LE
goes high. RBI is not
related.
Input
Out-
put
Display condition
Connector
pin No.
CE FG HD
I
J
Terminal
number
35
67
84
9
10
Terminal
symbol
LE
D
C
B
A
DP
RBI
RBO
Decimal Hexadec-
imal
Input
signals
HH
HH
HH
H
H
0
HH
HH
L
H
*
H
1
HH
H
L
HH
*
H
2
HH
H
L
L
H
*
H
3
HH
L
H
HH
*
H
4
H
H
LHLH
*
H
5
HH
L
L
HH
*
H
6
HH
L
L
L
H
*
H
7
H
L
HH
HH
*
H
8
HLH
H
LH
*
H
9
HLHLH
H
*
H
a
HLHL
LH
*
H
Blank
b
H
L
L
H
H
H
*
H
Blank
c
HL
LHLH
*
H
Blank
d
H
L
L
L
H
H
*
H
Blank
e
H
L
L
L
L
H
*
H
Blank
f
H*
*
*
*
L
*
H
*
H
H
H
H
H
L
L
Blank (See note.)
L
*
*
*
*
*
*
*
Retains the display
conditions of A
through D, DP and
R/G terminals before
LE goes low. RBI is
not related.


Similar Part No. - M7E-01MB2-S2

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
M7E-01BGD2 OMRON-M7E-01BGD2 Datasheet
1,000Kb / 16P
   New Models with Blanking Function Added to the Series
M7E-01BGN2 OMRON-M7E-01BGN2 Datasheet
1,000Kb / 16P
   New Models with Blanking Function Added to the Series
M7E-01BGP2 OMRON-M7E-01BGP2 Datasheet
1,000Kb / 16P
   New Models with Blanking Function Added to the Series
M7E-01BRD2 OMRON-M7E-01BRD2 Datasheet
1,000Kb / 16P
   New Models with Blanking Function Added to the Series
M7E-01BRN2 OMRON-M7E-01BRN2 Datasheet
1,000Kb / 16P
   New Models with Blanking Function Added to the Series
More results

Similar Description - M7E-01MB2-S2

ManufacturerPart #DatasheetDescription
logo
BRIGHT LED ELECTRONICS ...
BS-A346RD-B BRIGHT-BS-A346RD-B Datasheet
133Kb / 3P
   0.39(10.00.MM) high single DIGIT 14-segments alphanumeric DISPLAY
logo
FIBOX Enclosing innovat...
4712053 FIBOX-4712053 Datasheet
47Kb / 1P
   Spacer 14 mm
26.07.2023
logo
Honeywell Solid State E...
RDD100 HONEYWELL-RDD100 Datasheet
92Kb / 2P
   Remote Digital Display
logo
ATMEL Corporation
FCD4B14 ATMEL-FCD4B14 Datasheet
265Kb / 20P
   Thermal Fingerprint Sensor with 0.4 mm x 14 mm Sensing Area and Digital Output
logo
Lite-On Technology Corp...
LTP-3784E LITEON-LTP-3784E Datasheet
167Kb / 5P
   0.54 inch (13.8 mm) digit height dual digit 14-segment alphanumeric display
logo
List of Unclassifed Man...
LDS30361SRA ETC-LDS30361SRA Datasheet
77Kb / 3P
   0.36 inch DIGITAL DISPLAY
LDS40361SRA ETC1-LDS40361SRA Datasheet
77Kb / 3P
   0.36 inch DIGITAL DISPLAY
FK3C3508024 ETC2-FK3C3508024 Datasheet
79Kb / 3P
   Display for Digital Signals
LDS20361SRA ETC1-LDS20361SRA Datasheet
112Kb / 3P
   0.36 INCH DIGITAL DISPLAY
logo
NXP Semiconductors
MCVVQ201 NXP-MCVVQ201 Datasheet
438Kb / 24P
   VirtuoVueE DIGITAL DISPLAY DRIVER
Rev 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com