Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MKS2P-V-2 Datasheet(PDF) 6 Page - Omron Electronics LLC

Part # MKS2P-V-2
Description  General-purpose Relays
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

MKS2P-V-2 Datasheet(HTML) 6 Page - Omron Electronics LLC

  MKS2P-V-2 Datasheet HTML 1Page - Omron Electronics LLC MKS2P-V-2 Datasheet HTML 2Page - Omron Electronics LLC MKS2P-V-2 Datasheet HTML 3Page - Omron Electronics LLC MKS2P-V-2 Datasheet HTML 4Page - Omron Electronics LLC MKS2P-V-2 Datasheet HTML 5Page - Omron Electronics LLC MKS2P-V-2 Datasheet HTML 6Page - Omron Electronics LLC MKS2P-V-2 Datasheet HTML 7Page - Omron Electronics LLC MKS2P-V-2 Datasheet HTML 8Page - Omron Electronics LLC MKS2P-V-2 Datasheet HTML 9Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
MK-S
6
Hold-down Clips
Mounting Tracks
Mounting Height with Sockets
Surface-mounting Sockets
Note: PF083A(-E) and PF113A(-E) allow either track or screw mounting.
PF083A-D
Terminal Arrangement
Mounting Holes
Eight, M4 screws
Two, M4 or two 4.5-dia. hole
4
5.5
65
27
8
5
21
22
4
12
1
11
2
A1
7
A2
3
14
6
24
38
8
30
PF113A-D
4
5.5
65
27
1
6
11
21
2
A1
11
31
5
22
7
24
10
A2
9
34
3
14
4
12
8
32
38
8
30
Terminal Arrangement
Mounting Holes
Two, M4 or two 4.5-dia. hole
Eight, M4 screws
PFC-A1
4.6
62
60.8
4.5
6
(2 pieces per set)
4.5
15
25
25
25
25 *
10
10
1000 (500)*
7.3
±0.15
35
±0.3
27
±0.15
1
4.5
15
25
25
25
25 15
10
10
1000
±4
35
±0.3 27
24
16
29.2
1
1.5
* This dimension applies to the PFP-50N Mounting Track.
* A total of twelve 25
× 4.5 elliptic holes is provided with six
holes cut from each track end at a pitch of 10 mm.
PFP-100N, PFP-50N
(Conforming to EN 50022)
PFP-100N2
(Conforming to EN 50022)
74.3
84.3
PF083A(-E)
PF113A(-E)
77.8
(See
note.)
87.8
(See
note.)
Two
poles
Three
poles


Similar Part No. - MKS2P-V-2

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
MKS2P-V-2 OMRON-MKS2P-V-2 Datasheet
2Mb / 10P
   General Purpose Relays
More results

Similar Description - MKS2P-V-2

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
3-1393240-9 MACOM-3-1393240-9 Datasheet
582Kb / 4P
   General Purpose Relays PCB Relays
R10-E1Y4-V700 MACOM-R10-E1Y4-V700 Datasheet
762Kb / 6P
   General Purpose Relays Industrial Relays
3-1393224-5 MACOM-3-1393224-5 Datasheet
399Kb / 4P
   General Purpose Relays PCB Relays
2-1393115-1 MACOM-2-1393115-1 Datasheet
617Kb / 3P
   General Purpose Relays Industrial Relays
2-1393115-6 MACOM-2-1393115-6 Datasheet
599Kb / 3P
   General Purpose Relays Industrial Relays
2-1393117-3 MACOM-2-1393117-3 Datasheet
1Mb / 5P
   General Purpose Relays Industrial Relays
2-1393117-4 MACOM-2-1393117-4 Datasheet
1Mb / 5P
   General Purpose Relays Industrial Relays
logo
Omron Electronics LLC
MKS OMRON-MKS Datasheet
2Mb / 10P
   General Purpose Relays
logo
Tyco Electronics
T77V1D10-24 MACOM-T77V1D10-24 Datasheet
401Kb / 2P
   General Purpose Relays PCB Relays
2-1393115-2 MACOM-2-1393115-2 Datasheet
617Kb / 3P
   General Purpose Relays Industrial Relays
logo
TE Connectivity Ltd
T9S TEC-T9S Datasheet
290Kb / 2P
   General Purpose Relays Power Relays
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com