Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M7E-012M-1 Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # M7E-012M-1
Description  Digital Display (14 mm)
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

M7E-012M-1 Datasheet(HTML) 4 Page - Omron Electronics LLC

  M7E-012M-1 Datasheet HTML 1Page - Omron Electronics LLC M7E-012M-1 Datasheet HTML 2Page - Omron Electronics LLC M7E-012M-1 Datasheet HTML 3Page - Omron Electronics LLC M7E-012M-1 Datasheet HTML 4Page - Omron Electronics LLC M7E-012M-1 Datasheet HTML 5Page - Omron Electronics LLC M7E-012M-1 Datasheet HTML 6Page - Omron Electronics LLC M7E-012M-1 Datasheet HTML 7Page - Omron Electronics LLC M7E-012M-1 Datasheet HTML 8Page - Omron Electronics LLC M7E-012M-1 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
M7E
4
Terminal Functions
Note: 1. Refer to the input code table for RBO and RBI control.
2. Applicable to the M7E-01DRGN2 and -01DRGN2-B only.
Decimal/Hexadecimal Display Unit
(Single-color Models with Zero Suppression)
Decimal/Hexadecimal Display Unit
(Single-color Model with Blanking)
■ Input Codes
±1. Display Unit
Positive Logic (M7E-01BRP2/M7E-01BGP2)
Note: BI takes precedence over any input signal.
* Either high or low.
Negative Logic (M7E-01BRN2/M7E-01BGN2)
Note: BI takes precedence over any input signal.
* Either high or low.
Unit Display Unit
This display lights when voltage is applied to the power supply
terminals (V and G).
Ter-
minal
sym-
bol
Name
Function
Decimal/Hexadecimal Display Unit
± Display Unit
Models with Zero
Suppression
Models with
Blanking
VPower
supply
Positive power supply input terminal
RBO
Control
output
Zero-suppress output
(See note 1.)
---
---
RBI
Control
input
Zero-suppress output
(See note 1.)
Blanking input (Turns
OFF all the displays
including decimal
point.)
---
BI
Control
input
---
---
Blanking input
(Turns OFF all the
displays including
decimal point.)
A
B
C
D
Data
inputs
Applicable to Decimal/
Hexadecimal Display Unit
•Displays a digit or symbol
corresponding to the value of the
binary code signal.
•Decimal display uses 0 to 9;
nothing will be displayed for higher
values.
---
1 +
Data
inputs
---
---
Applicable to
±1.
Display Unit only
For each input
terminal, the input
of a signal causes
a display to light.
DP
Data
inputs
The decimal point lights.
LE
Control
input
Latch input
The immediately preceding display condition is retained.
R/G
Control
input
Color selection input (See note 2.)
Set low for green display and high for red
display.
---
GPower
supply
0-V power-supply (ground) input terminal (GND)
A (20)
B (21)
C (22)
D (23)
Control output (zero-suppress output)
Control input (zero-suppress input)
NRT-
@ Connector pin
number
Power supply input (+)
Data input
Decimal point input
Control input (latch input)
Open
Power supply input 0 V
Terminal symbol
NRT-
@ Connector pin
number
Power supply input (+)
Data input
Decimal point input
Control input (latch input)
Open
Power supply input 0 V
Terminal symbol
Control input (blank input)
Open
Models with Positive or Negative Logic
Input signal
Display
conditions
Connector pin
No.
IG
FHD
Terminal
symbol
BI
+
1DP
Input signals
LLL
LL
Blank
LH
L
L
L
LL
H
L
L
LLL
H
L
LLL
L
H
H
*
*
*
*
Blank (See note.)
Input signal
Display
conditions
Connector
pin No.
IG
FHD
Terminal
symbol
BI
+
1DP
Input signals
HH
HHH
Blank
H
L
HHH
HH
L
H
H
HH
H
L
H
HH
HH
L
L
*
*
*
*
Blank (See note.)
V-G terminals
Display
Open circuit
Blank
Voltage applied
Lit


Similar Part No. - M7E-012M-1

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
M7E-01BGD2 OMRON-M7E-01BGD2 Datasheet
1,000Kb / 16P
   New Models with Blanking Function Added to the Series
M7E-01BGN2 OMRON-M7E-01BGN2 Datasheet
1,000Kb / 16P
   New Models with Blanking Function Added to the Series
M7E-01BGP2 OMRON-M7E-01BGP2 Datasheet
1,000Kb / 16P
   New Models with Blanking Function Added to the Series
M7E-01BRD2 OMRON-M7E-01BRD2 Datasheet
1,000Kb / 16P
   New Models with Blanking Function Added to the Series
M7E-01BRN2 OMRON-M7E-01BRN2 Datasheet
1,000Kb / 16P
   New Models with Blanking Function Added to the Series
More results

Similar Description - M7E-012M-1

ManufacturerPart #DatasheetDescription
logo
BRIGHT LED ELECTRONICS ...
BS-A346RD-B BRIGHT-BS-A346RD-B Datasheet
133Kb / 3P
   0.39(10.00.MM) high single DIGIT 14-segments alphanumeric DISPLAY
logo
FIBOX Enclosing innovat...
4712053 FIBOX-4712053 Datasheet
47Kb / 1P
   Spacer 14 mm
26.07.2023
logo
Honeywell Solid State E...
RDD100 HONEYWELL-RDD100 Datasheet
92Kb / 2P
   Remote Digital Display
logo
ATMEL Corporation
FCD4B14 ATMEL-FCD4B14 Datasheet
265Kb / 20P
   Thermal Fingerprint Sensor with 0.4 mm x 14 mm Sensing Area and Digital Output
logo
Lite-On Technology Corp...
LTP-3784E LITEON-LTP-3784E Datasheet
167Kb / 5P
   0.54 inch (13.8 mm) digit height dual digit 14-segment alphanumeric display
logo
List of Unclassifed Man...
LDS30361SRA ETC-LDS30361SRA Datasheet
77Kb / 3P
   0.36 inch DIGITAL DISPLAY
LDS40361SRA ETC1-LDS40361SRA Datasheet
77Kb / 3P
   0.36 inch DIGITAL DISPLAY
FK3C3508024 ETC2-FK3C3508024 Datasheet
79Kb / 3P
   Display for Digital Signals
LDS20361SRA ETC1-LDS20361SRA Datasheet
112Kb / 3P
   0.36 INCH DIGITAL DISPLAY
logo
NXP Semiconductors
MCVVQ201 NXP-MCVVQ201 Datasheet
438Kb / 24P
   VirtuoVueE DIGITAL DISPLAY DRIVER
Rev 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com