Electronic Components Datasheet Search |
|
M7E-01HRP2-B Datasheet(PDF) 10 Page - Omron Electronics LLC |
|
M7E-01HRP2-B Datasheet(HTML) 10 Page - Omron Electronics LLC |
10 / 14 page M7E 10 PLC Dynamic Output Unit PLC Custom IC A to D, DP, LE +24 VDC COM (0 V) +24 VDC DATA0 to 7 STB0 to 7 12 to 24 VDC PLC Custom IC A to D, DP, LE Signal name Pin No. DATA0 to 7 STB0 to 7 Pull-up resistor: 2.0 to 3.9 k Ω PLC Custom IC A to D, DP, LE Pull-up resistor PLC Dynamic Output Unit DATA0 to 7 STB0 to 7 Using Dynamic Output Units 1. M7E-01 @@D2 Dynamic Output Model 1. Connected to C500-OD211 Transistor Output Unit 2. M7E-01 @@P2 Positive Logic Model An external pull-up resistor is required. Connected to C500-OD211 or C200H-OD215 2. Connected to C200-OD215 Transistor Output Unit Note: 1. Supply 24 VDC only. The PLC does not operate with the M7E Negative Logic Model. 2. The resistance of the pull- up resistor is 2.0 to 3.9 k Ω (1 W). A resistance of 3.3 k Ω is recommended. Note: 1. When using the C200H- OD215, the selector on the rear cover of the C200H-OD215 must be set as follows: 2. Refer to the C200H High- density I/O Unit operation manual for the C200H-OD215 and refer to the hardware section of the C500 operation manual for the C500-OD211. SW1 (dynamic output mode) ON SW2 OFF SW3 OFF SW4 OFF SW5 (positive logic output) ON SW6 OFF |
Similar Part No. - M7E-01HRP2-B |
|
Similar Description - M7E-01HRP2-B |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |