Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E5EN-R3HHMTD-500-N Datasheet(PDF) 11 Page - Omron Electronics LLC

Part # E5EN-R3HHMTD-500-N
Description  Basic-type Digital Temperature Controller
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E5EN-R3HHMTD-500-N Datasheet(HTML) 11 Page - Omron Electronics LLC

Back Button E5EN-R3HHMTD-500-N Datasheet HTML 7Page - Omron Electronics LLC E5EN-R3HHMTD-500-N Datasheet HTML 8Page - Omron Electronics LLC E5EN-R3HHMTD-500-N Datasheet HTML 9Page - Omron Electronics LLC E5EN-R3HHMTD-500-N Datasheet HTML 10Page - Omron Electronics LLC E5EN-R3HHMTD-500-N Datasheet HTML 11Page - Omron Electronics LLC E5EN-R3HHMTD-500-N Datasheet HTML 12Page - Omron Electronics LLC E5EN-R3HHMTD-500-N Datasheet HTML 13Page - Omron Electronics LLC E5EN-R3HHMTD-500-N Datasheet HTML 14Page - Omron Electronics LLC E5EN-R3HHMTD-500-N Datasheet HTML 15Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
11
E5AN/E5EN
External Connections
• A voltage output (control output 1, for driving SSR) is not electrically insulated from the internal circuits. When using a grounding thermocouple,
do not connect any of the control output terminals to ground. If the control output terminals are connected to ground, errors will occur in the
measured temperature values as a result of leakage current.
The voltage output (control output 2, for driving SSR) has basic insulation provided for the internal circuit.
• Consult with your OMRON representative before using the external power supply for the ES1B for any other purpose.
A heater burnout alarm, heater short alarm,
heater overcurrent alarm, or input alarm is
sent to the output to which the alarm 1
function is assigned.
Communications
E53-EN03
RS-485
B (
+)
11
A (
−)
12
DO NOT USE
13
E53-EN01
RS-232C
SD
11
RD
12
SG
13
E53-AKB
Event inputs
11
12
13
250 VAC, 3 A
(resistive load)
Relay outputs
• 100 to 240 VAC
• 24 VAC/VDC (no polarity)
Current output
0 to 20 mA DC
Voltage output
(for driving SSR)
12 VDC, 40 mA
Load: 600
Ω max.
4 to 20 mA DC
Relay output
250 VAC, 5A
(resistive load)
Voltage output
(for driving SSR)
12 VDC, 21 mA
Long-life relay output
250 VAC, 3 A
(resistive load)
EV
EV2
CT1/CT2
Control output 2
Auxiliary output
1, 2, 3
Control output 1
Input power supply
Auxiliary output 2
1
2
3
4
5
13
14
15
6
7
8
9
10
16
17
18
19
Control output 1
Analog input
TC/Pt
universal-input
B
V
mA
Auxiliary output 3
20
CT1
CT2
EV1
EV2
CT1/CT2 Control Output 2
Control output 2
DO NOT
USE
External power supply
12 VDC, 20 mA
DO NOT
USE
External Power Supply
DO NOT
USE
B
A
DO NOT
USE
DO NOT
USE
DO NOT
USE
Auxiliary output 1
Event Inputs
11
12
The E5
@N-@@@T@ is set for a K-type thermocouple
(input type = 5) by default. An input error (
s.err) will
occur if the input type setting does not agree with the
temperature sensor. Check the input type.
Controllers
Option Units


Similar Part No. - E5EN-R3HHMTD-500-N

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E5EN-H OMRON-E5EN-H Datasheet
1Mb / 16P
   Advanced Digital Temperature Controller
E5EN-HAA2HBM-500 OMRON-E5EN-HAA2HBM-500 Datasheet
1Mb / 16P
   Advanced Digital Temperature Controller
E5EN-HAA2HBM-W-500 OMRON-E5EN-HAA2HBM-W-500 Datasheet
1Mb / 16P
   Advanced Digital Temperature Controller
E5EN-HAA2HBMD-500 OMRON-E5EN-HAA2HBMD-500 Datasheet
1Mb / 16P
   Advanced Digital Temperature Controller
E5EN-HAA2HBMD-W-500 OMRON-E5EN-HAA2HBMD-W-500 Datasheet
1Mb / 16P
   Advanced Digital Temperature Controller
More results

Similar Description - E5EN-R3HHMTD-500-N

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E5GN OMRON-E5GN_09 Datasheet
1Mb / 17P
   Basic-type Digital Temperature Controller
E5CN-U OMRON-E5CN-U Datasheet
1Mb / 15P
   Basic-type Digital Temperature Controller
logo
SELEC Controls Pvt. Ltd
PID528 SELEC-PID528 Datasheet
728Kb / 2P
   Basic PID Temperature Controller
TC518 SELEC-TC518 Datasheet
707Kb / 2P
   Basic PID Temperature Controller
logo
Omron Electronics LLC
E5CC-800 OMRON-E5CC-800 Datasheet
8Mb / 36P
   Digital Temperature Controller (Simple Type)
04/12
logo
Fuji Electric
EDS11-90B FUJI-EDS11-90B Datasheet
277Kb / 4P
   DIGITAL TEMPERATURE CONTROLLER
logo
Omron Electronics LLC
E5XC OMRON-E5XC Datasheet
12Mb / 112P
   Digital Temperature Controller
E5CN-H OMRON-E5CN-H Datasheet
1Mb / 13P
   Advanced Digital Temperature Controller
E5AN-H OMRON-E5AN-H Datasheet
1Mb / 16P
   Advanced Digital Temperature Controller
logo
Fuji Electric
EDS11-81 FUJI-EDS11-81 Datasheet
286Kb / 5P
   DIGITAL SETTING TEMPERATURE CONTROLLER DIGIZET MINI(DUAL Output Type)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com