Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E5GN-C101TD-FLK Datasheet(PDF) 9 Page - Omron Electronics LLC

Part # E5GN-C101TD-FLK
Description  Basic-type Digital Temperature Controller
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E5GN-C101TD-FLK Datasheet(HTML) 9 Page - Omron Electronics LLC

Back Button E5GN-C101TD-FLK Datasheet HTML 5Page - Omron Electronics LLC E5GN-C101TD-FLK Datasheet HTML 6Page - Omron Electronics LLC E5GN-C101TD-FLK Datasheet HTML 7Page - Omron Electronics LLC E5GN-C101TD-FLK Datasheet HTML 8Page - Omron Electronics LLC E5GN-C101TD-FLK Datasheet HTML 9Page - Omron Electronics LLC E5GN-C101TD-FLK Datasheet HTML 10Page - Omron Electronics LLC E5GN-C101TD-FLK Datasheet HTML 11Page - Omron Electronics LLC E5GN-C101TD-FLK Datasheet HTML 12Page - Omron Electronics LLC E5GN-C101TD-FLK Datasheet HTML 13Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
E5GN
9
Specifications
Ratings
Power supply voltage
No D in model number: 100 to 240 VAC, 50/60 Hz
D in model number: 24 VAC, 50/60 Hz; 24 VDC
Operating voltage range
85% to 110% of rated supply voltage
Power
consump-
tion
E5GN
Screw terminal
block
100 to 240 VAC: 5.5 VA (max.)
24 VAC/VDC: 3 VA/2 W (max.)
E5GN-
@-C
Screwless clamp
terminal block
100 to 240 VAC: 5.5 VA (max.)
24 VAC/VDC: 3 VA/2 W (max.)
Sensor input
Models with temperature inputs
Thermocouple: K, J, T, E, L, U, N, R, S, B, W, or PL II
Platinum resistance thermometer: Pt100 or JPt100
Infrared temperature sensor: 10 to 70
°C, 60 to 120°C, 115 to 165°C, or 140 to 260°C
Voltage input: 0 to 50 mV
Models with analog inputs
Current input: 4 to 20 mA or 0 to 20 mA
Voltage input: 1 to 5 V, 0 to 5 V, or 0 to 10 V
Input impedance
Current input: 150
Ω max., Voltage input: 1 MΩ min. (Use a 1:1 connection when connecting the ES2-HB.)
Control method
ON/OFF control or 2-PID control (with auto-tuning)
Control
outputs
Relay output
SPST-NO, 250 VAC, 2 A (resistive load), electrical life: 100,000 operations, minimum applicable load: 5 V,
10 mA
Voltage output
(for driving SSR)
Output voltage: 12 VDC
±15% (PNP), max. load current: 21 mA, with short-circuit protection circuit
Current output
4 to 20 mA DC/0 to 20 mA DC, load: 500
Ω max., resolution: approx. 10,000
Auxiliary
outputs
Number of outputs 1 or 2 max. (Depends on the model.)
Output
specifications
Relay output: SPST-NO, 250 VAC, 2 A (resistive load), electrical life: 100,000 operations, minimum
applicable load: 5 V, 10 mA
Event
inputs
Number of inputs
2
External contact
input
specifications
Contact input: ON: 1 k
Ω max., OFF: 100 kΩ min.
Non-contact input: ON: Residual voltage: 1.5 V max., OFF: Leakage current: 0.1 mA max.
Current flow: Approx. 7 mA per contact
Setting method
Digital setting using front panel keys
Indication method
11-segment digital display and individual indicators (7-segment display also possible)
Character height: PV: 7.5 mm, SV: 3.6 mm
Multi SP
Up to four set points (SP0 to SP3) can be saved and selected using event inputs, key operations, or serial
communications.
Bank switching
Not supported
Other functions
Manual output, heating/cooling control, loop burnout alarm, SP ramp, other alarm functions, heater burnout
detection, 40% AT, 100% AT, MV limiter, input digital filter, self-tuning, temperature input shift, run/stop,
protection functions, control output ON/OFF counter, extraction of square root, MV change rate limit, logic
operations, PV/SV status display, simple program, automatic cooling coefficient adjustment
Ambient operating temperature
−10 to 55°C (with no condensation or icing), for 3-year warranty: −10 to 50°C
Ambient operating humidity
25% to 85%
Storage temperature
−25 to 65°C (with no condensation or icing)


Similar Part No. - E5GN-C101TD-FLK

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E5GN-Q03P-FLKAC/DC24 OMRON-E5GN-Q03P-FLKAC/DC24 Datasheet
104Kb / 6P
   Digital Temperature Controllers
E5GN-Q03P-FLKAC100-240 OMRON-E5GN-Q03P-FLKAC100-240 Datasheet
104Kb / 6P
   Digital Temperature Controllers
E5GN-Q03TC-FLKAC/DC24 OMRON-E5GN-Q03TC-FLKAC/DC24 Datasheet
104Kb / 6P
   Digital Temperature Controllers
E5GN-Q03TC-FLKAC100-240 OMRON-E5GN-Q03TC-FLKAC100-240 Datasheet
104Kb / 6P
   Digital Temperature Controllers
E5GN-Q1PAC/DC24 OMRON-E5GN-Q1PAC/DC24 Datasheet
104Kb / 6P
   Digital Temperature Controllers
More results

Similar Description - E5GN-C101TD-FLK

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E5AN OMRON-E5AN Datasheet
1Mb / 15P
   Basic-type Digital Temperature Controller
E5CN-U OMRON-E5CN-U Datasheet
1Mb / 15P
   Basic-type Digital Temperature Controller
logo
SELEC Controls Pvt. Ltd
PID528 SELEC-PID528 Datasheet
728Kb / 2P
   Basic PID Temperature Controller
TC518 SELEC-TC518 Datasheet
707Kb / 2P
   Basic PID Temperature Controller
logo
Omron Electronics LLC
E5CC-800 OMRON-E5CC-800 Datasheet
8Mb / 36P
   Digital Temperature Controller (Simple Type)
04/12
logo
Fuji Electric
EDS11-90B FUJI-EDS11-90B Datasheet
277Kb / 4P
   DIGITAL TEMPERATURE CONTROLLER
logo
Omron Electronics LLC
E5XC OMRON-E5XC Datasheet
12Mb / 112P
   Digital Temperature Controller
E5CN-H OMRON-E5CN-H Datasheet
1Mb / 13P
   Advanced Digital Temperature Controller
E5AN-H OMRON-E5AN-H Datasheet
1Mb / 16P
   Advanced Digital Temperature Controller
logo
Fuji Electric
EDS11-81 FUJI-EDS11-81 Datasheet
286Kb / 5P
   DIGITAL SETTING TEMPERATURE CONTROLLER DIGIZET MINI(DUAL Output Type)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com