Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S8VM-03005 Datasheet(PDF) 9 Page - Omron Electronics LLC

Part # S8VM-03005
Description  Switch Mode Power Supply
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

S8VM-03005 Datasheet(HTML) 9 Page - Omron Electronics LLC

Back Button S8VM-03005 Datasheet HTML 5Page - Omron Electronics LLC S8VM-03005 Datasheet HTML 6Page - Omron Electronics LLC S8VM-03005 Datasheet HTML 7Page - Omron Electronics LLC S8VM-03005 Datasheet HTML 8Page - Omron Electronics LLC S8VM-03005 Datasheet HTML 9Page - Omron Electronics LLC S8VM-03005 Datasheet HTML 10Page - Omron Electronics LLC S8VM-03005 Datasheet HTML 11Page - Omron Electronics LLC S8VM-03005 Datasheet HTML 12Page - Omron Electronics LLC S8VM-03005 Datasheet HTML 13Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 37 page
background image
S8VM
9
Engineering Data (15-W, 30-W, 50-W, 100-W, 150-W Models)
■ Derating Curve
300W/600W/1,500W
Note: Refer to page 15.
Note: 1. Internal parts may occasionally be deteriorated or damaged. Do not use the Power Supply in areas outside the derating curves (i.e., the area shown by
shading
A in the above graphs).
2. If there is a derating problem, use forced air-cooling.
3. When mounting two or more Power Supplies side-by-side, allow at least 20 mm spacing between them. Multiple 100- and 150-W models cannot be used
side by side. Be sure to install the Power Supplies as far away from heat-generating sources as possible. As a reference value, allow at least 50 mm spacing
on the right and left sides. If only 20 mm spacing is allowed, use the Power Supply at a load ratio of 80% or less.
4. When using 150-W models for a long period of time at an input voltage of 90 VAC or lower, reduce the load to 80% or less of the above derating curves.
15W/30W
Standard Mounting/Horizontal Mounting/Face-up Mounting
50W
Standard Mounting/Horizontal Mounting
Face-up Mounting
100W
Standard Mounting
Horizontal Mounting/Face-up Mounting
150W
Standard Mounting
Horizontal Mounting
Face-up Mounting
−20 −10 0
10
20
30
40
50
60
70 80
120
100
80
60
40
20
0
Ambient temperature (
°C)
Open-frame type
Covered type
A
−20 −10 0
10
20
30
40
50
60
70 80
120
100
80
60
40
20
0
Ambient temperature (
°C)
Open-frame type
Covered type
A
−20 −10 0
10
20
30
40
50
60
70 80
120
100
80
60
40
20
0
A
Ambient temperature (
°C)
Open
-frame type
Covered type
−20 −10 0
10
20
30
40
50
60
70 80
120
100
80
60
40
20
0
Ambient temperature (
°C)
Open-frame type
Covered type
A
−20 −10 0
10
20
30
40
50
60
70 80
120
100
80
60
40
20
0
A
Ambient temperature (°C)
Open
-frame type
Covered type
−20 −10 0
10
20
30
40
50
60
70 80
120
100
80
60
40
20
0
Ambient temperature (
°C)
Open-frame type
Covered type
A
120
100
80
60
40
20
0
−20 −10 0
10
20
30
40
50
60
70 80
Ambient temperature (
°C)
Open
-frame type
Covered type
A
120
100
80
60
40
20
0
−20 −10 0
10
20
30
40
50
60
70 80
Ambient temperature (
°C)
Open
-frame type
Covered type
A


Similar Part No. - S8VM-03005

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
S8VM-03005 OMRON-S8VM-03005 Datasheet
6Mb / 38P
   Power Supply Featuring OMRON?셲 Unique, New Undervoltage Alarm Function with Compact Body Contributing to Machine Downsizing
S8VM-03005 OMRON-S8VM-03005 Datasheet
6Mb / 38P
   Switch Mode Power Supply
S8VM-03005C OMRON-S8VM-03005C Datasheet
6Mb / 38P
   Power Supply Featuring OMRON?셲 Unique, New Undervoltage Alarm Function with Compact Body Contributing to Machine Downsizing
S8VM-03005C OMRON-S8VM-03005C Datasheet
6Mb / 38P
   Switch Mode Power Supply
S8VM-03005CD OMRON-S8VM-03005CD Datasheet
6Mb / 38P
   Power Supply Featuring OMRON?셲 Unique, New Undervoltage Alarm Function with Compact Body Contributing to Machine Downsizing
More results

Similar Description - S8VM-03005

ManufacturerPart #DatasheetDescription
logo
Compact Technology Corp...
CF2N60I CTC-CF2N60I Datasheet
1Mb / 5P
   Switch Mode Power Supply
CF2N60S CTC-CF2N60S Datasheet
1Mb / 5P
   Switch Mode Power Supply
logo
Omron Electronics LLC
S8VM03015CD OMRON-S8VM03015CD Datasheet
6Mb / 38P
   Switch Mode Power Supply
S8VK-C OMRON-S8VK-C Datasheet
4Mb / 20P
   Switch Mode Power Supply
logo
Compact Technology Corp...
CF4N60S CTC-CF4N60S Datasheet
1Mb / 5P
   Switch Mode Power Supply
CF6N60S CTC-CF6N60S Datasheet
1Mb / 5P
   Switch Mode Power Supply
logo
Omron Electronics LLC
S8TS OMRON-S8TS Datasheet
274Kb / 3P
   Switch Mode Power Supply
S8VK-X OMRON-S8VK-X Datasheet
6Mb / 29P
   Switch Mode Power Supply
S8JX OMRON-S8JX Datasheet
2Mb / 28P
   Switch Mode Power Supply
logo
Compact Technology Corp...
CF4N60I CTC-CF4N60I Datasheet
753Kb / 5P
   Switch Mode Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com