Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K8AB-VS2 Datasheet(PDF) 7 Page - Omron Electronics LLC

Part # K8AB-VS2
Description  Single-phase Voltage Relay
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

K8AB-VS2 Datasheet(HTML) 7 Page - Omron Electronics LLC

Back Button K8AB-VS2 Datasheet HTML 2Page - Omron Electronics LLC K8AB-VS2 Datasheet HTML 3Page - Omron Electronics LLC K8AB-VS2 Datasheet HTML 4Page - Omron Electronics LLC K8AB-VS2 Datasheet HTML 5Page - Omron Electronics LLC K8AB-VS2 Datasheet HTML 6Page - Omron Electronics LLC K8AB-VS2 Datasheet HTML 7Page - Omron Electronics LLC K8AB-VS2 Datasheet HTML 8Page - Omron Electronics LLC K8AB-VS2 Datasheet HTML 9Page - Omron Electronics LLC K8AB-VS2 Datasheet HTML 10Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
K8AB-VS
7
■ Operation and Setting Methods
Setting Ranges and Wiring Connections
Connections
1. Input
Connect the input between terminals V1-COM, V2-COM, or V3-COM, depending on the input
voltage.
Malfunctions may occur if the input is connected to unused terminals and the Unit will not operate
correctly
2. Power Supply
Connect the power supply to terminals A1 and A2.
3. Outputs
SPDT relays are output to terminals 11, 12, and 14.
Note: Use the recommended ferrules if using twisted wires.
DIP Switch Settings
The power ON lock time, resetting method, relay drive method, and operating mode are set using the DIP switch located on the bottom of the Unit.
Model
Measuring current
Wiring connection
K8AB-VS1
6 to 60 mV AC/DC
V1-COM
10 to 100 mV AC/DC
V2-COM
30 to 300 mV AC/DC
V3-COM
K8AB-VS2
1 to 10 V AC/DC
V1-COM
3 to 30 V AC/DC
V2-COM
15 to 150 V AC/DC
V3-COM
K8AB-VS3
20 to 200 V AC/DC
V1-COM
30 to 300 V AC/DC
V2-COM
60 to 600 V AC/DC
V3-COM
Load
Power supply
voltage
Voltage input
Signal output
14
12
A1
A2
V1
V2
V3
11
Relay
signal
output
COM
Single-phase power
ON
OFF
SW1
SW2
SW3
SW4
DIP switch
DIP Switch Functions
Note: All pins are set to OFF at the factory.
SWITCH
ON
● ↑
OFF
❍ ↓
Power ON
lock time
5 s
---
---
---
1 s
---
---
---
Resetting
method
Automatic reset
---
---
---
Manual reset
---
---
---
Relay drive
method
Normally closed
---
---
---
Normally open
---
---
---
Operating
mode
Undervoltage
---
---
---
Overvoltage
---
---
---
ON
OFF
4
3
2
1


Similar Part No. - K8AB-VS2

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
K8AB-VW OMRON-K8AB-VW Datasheet
1,019Kb / 10P
   Single-phase Voltage Relay
K8AB-VW1 OMRON-K8AB-VW1 Datasheet
1,019Kb / 10P
   Single-phase Voltage Relay
K8AB-VW2 OMRON-K8AB-VW2 Datasheet
1,019Kb / 10P
   Single-phase Voltage Relay
K8AB-VW3 OMRON-K8AB-VW3 Datasheet
1,019Kb / 10P
   Single-phase Voltage Relay
More results

Similar Description - K8AB-VS2

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
K8AB-VW OMRON-K8AB-VW Datasheet
1,019Kb / 10P
   Single-phase Voltage Relay
K8AB-AS OMRON-K8AB-AS Datasheet
906Kb / 10P
   Single-phase Current Relay
K8AB-PW OMRON-K8AB-PW Datasheet
835Kb / 10P
   Three-phase Voltage Relay
logo
DB Lectro Inc
HG4506 DBLECTRO-HG4506 Datasheet
46Kb / 2P
   Single Phase Motor Starter Relay
logo
Littelfuse
201-XXX-SP-DPDT LITTELFUSE-201-XXX-SP-DPDT Datasheet
351Kb / 2P
   Single-phase voltage/phase monitor
2016 Rev: 1-A-062716
201-XXX-SP LITTELFUSE-201-XXX-SP Datasheet
278Kb / 2P
   Single-phase voltage/phase monitor
2020 Rev: 1-A-062716
logo
celduc-relais
SO86596H CELDUC-SO86596H Datasheet
489Kb / 6P
   Single phase Power Solid State Relay
logo
Schneider Electric
RM35UB330 SCHNEIDER-RM35UB330 Datasheet
121Kb / 6P
   Modular 3-phase voltage control relay
logo
ON Semiconductor
NCP81250 ONSEMI-NCP81250 Datasheet
301Kb / 18P
   Single-Phase Voltage Regulator
September, 2015 ??Rev. 1
NCP81252 ONSEMI-NCP81252 Datasheet
301Kb / 18P
   Single-Phase Voltage Regulator
September, 2015 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com