Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H5S-YB4D-X Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # H5S-YB4D-X
Description  Digital Time Switch
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

H5S-YB4D-X Datasheet(HTML) 3 Page - Omron Electronics LLC

  H5S-YB4D-X Datasheet HTML 1Page - Omron Electronics LLC H5S-YB4D-X Datasheet HTML 2Page - Omron Electronics LLC H5S-YB4D-X Datasheet HTML 3Page - Omron Electronics LLC H5S-YB4D-X Datasheet HTML 4Page - Omron Electronics LLC H5S-YB4D-X Datasheet HTML 5Page - Omron Electronics LLC H5S-YB4D-X Datasheet HTML 6Page - Omron Electronics LLC H5S-YB4D-X Datasheet HTML 7Page - Omron Electronics LLC H5S-YB4D-X Datasheet HTML 8Page - Omron Electronics LLC H5S-YB4D-X Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
H5S
3
Ordering Information
■ List of Models
■ Accessories (Order Separately)
Specifications
■ Ratings
Note: 1. Do not use inverter output as a power supply. For details, refer to Precautions for Safe Use, item 24, on page 12.
2. The capacity is 15 A per circuit, but derating of the total current for two circuits is required as shown below depending on the ambient
temperature.
Control cycle
Number of outputs
Mounting method
Supply voltage
Models
Weekly
2 circuits
Flush mounting
100 to 240 VAC
H5S-WB2
24 VDC
H5S-WB2D
Surface mounting/
track mounting
100 to 240 VAC
H5S-WFB2
24 VDC
H5S-WFB2D
Yearly
2 circuits
Flush mounting
100 to 240 VAC
H5S-YB2-X
24 VDC
H5S-YB2D-X
Surface mounting/
track mounting
100 to 240 VAC
H5S-YFB2-X
24 VDC
H5S-YFB2D-X
4 circuits
Flush mounting
100 to 240 VAC
H5S-YB4-X
24 VDC
H5S-YB4D-X
Surface mounting/
track mounting
100 to 240 VAC
H5S-YFB4-X
24 VDC
H5S-YFB4D-X
Name
Model
Protective Cover
Y92A-72C
Track Mounting Base
Y92F-90
Large Terminal Cover (in pairs)
Y92A-72H
Item
Weekly 2-circuit Models
(H5S-W
@2)
Yearly 2-circuit Models
(H5S-Y
@2)
Yearly 4-circuit Models
(H5S-Y
@4)
Rated supply voltage
100 to 240 VAC (50/60 Hz), 24 VDC (See note 1.)
Operating voltage range
AC: 85% to 110% rated supply voltage
DC: 85% to 120% rated supply voltage
Power consumption
Approx. 2.9 VA at 264 VAC 60 Hz
Approx. 0.8 W at 28.8 VDC
Approx. 3.2 VA at 264 VAC 60 Hz
Approx. 0.9 W at 28.8 VDC
Approx. 3.5 VA at 264 VAC 60 Hz
Approx. 1.0 W at 28.8 VDC
Control
outputs
Number of circuits
SPST-NO
× 2 circuits
SPST-NO
× 4 circuits
Circuits
Power supply circuit and other (no-voltage) circuit
Capacity
Resistive load
(cos
φ = 1)
15 A at 250 VAC (See note 2.)
3 A at 250 VAC
Inductive load 10 A at 250 VAC (cos
φ = 0.7)
2 A at 250 VAC (cos
φ = 0.4)
Ambient operating temperature
−10 to 55°C (with no icing or condensation)
Ambient operating humidity
25 to 85%
Storage temperature
−25 to 65°C (with no icing or condensation)
Case color
Light gray (Munsell 5Y7/1)
40
30
20
10
0
10
0
20
40
50 55 60
80
Ambient temperature (°C)


Similar Description - H5S-YB4D-X

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT728985 IDT-IDT728985 Datasheet
119Kb / 13P
   TIME SLOT INTERCHANGE DIGITAL SWITCH
logo
ams AG
AS3588A AMSCO-AS3588A Datasheet
98Kb / 15P
   DIGITAL TIME/SPACE CROSSPOINT SWITCH
logo
Integrated Device Techn...
IDT72V70840 IDT-IDT72V70840 Datasheet
132Kb / 21P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH
IDT72V90823 IDT-IDT72V90823 Datasheet
180Kb / 27P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH
logo
Renesas Technology Corp
IDT72V70200 RENESAS-IDT72V70200 Datasheet
503Kb / 25P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH
AUGUST 2001
IDT72V70190 RENESAS-IDT72V70190 Datasheet
463Kb / 21P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH
DECEMBER 2004
IDT72V70180 RENESAS-IDT72V70180 Datasheet
425Kb / 21P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH
MARCH 2003
logo
Integrated Device Techn...
IDT7290820 IDT-IDT7290820 Datasheet
167Kb / 27P
   TIME SLOT INTERCHANGE DIGITAL SWITCH 2,048 x 2,048
IDT728981 IDT-IDT728981 Datasheet
81Kb / 10P
   TIME SLOT INTERCHANGE DIGITAL SWITCH 128 x 128
logo
Renesas Technology Corp
IDT728981 RENESAS-IDT728981 Datasheet
279Kb / 11P
   TIME SLOT INTERCHANGE DIGITAL SWITCH 128 x 128
JANUARY 2001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com