Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

G3PF-525B-STB Datasheet(PDF) 6 Page - Omron Electronics LLC

Part # G3PF-525B-STB
Description  Solid State Relays with Built-in Current Transformer
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G3PF-525B-STB Datasheet(HTML) 6 Page - Omron Electronics LLC

Back Button G3PF-525B-STB Datasheet HTML 2Page - Omron Electronics LLC G3PF-525B-STB Datasheet HTML 3Page - Omron Electronics LLC G3PF-525B-STB Datasheet HTML 4Page - Omron Electronics LLC G3PF-525B-STB Datasheet HTML 5Page - Omron Electronics LLC G3PF-525B-STB Datasheet HTML 6Page - Omron Electronics LLC G3PF-525B-STB Datasheet HTML 7Page - Omron Electronics LLC G3PF-525B-STB Datasheet HTML 8Page - Omron Electronics LLC G3PF-525B-STB Datasheet HTML 9Page - Omron Electronics LLC G3PF-525B-STB Datasheet HTML 10Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
G3PF
6
Engineering Data
● Load Current vs. Ambient Temperature
Note: The data above assumes that the Unit is mounted on a vertical surface. If it is mounted on a horizontal surface, reduce the load current shown above by 30%.
● One Cycle Surge Withstand Current
G3PF-
@25B
G3PF-
@25B-@TB
G3PF-
@35B
G3PF-
@35B-@TB
G3PF-
@25B
G3PF-
@25B-@TB
G3PF-
@35B
G3PF-
@35B-@TB
40
30
25
20
15
10
0
−30 −20
0
20
40
60
80
100
Ambient temperature (
°C)
G3PF-225B
Individual or
close mounting
40
35
30
20
10
0
−30 −20
0
20
40
60
80
100
Ambient temperature (
°C)
G3PF-235B
21
17
Individual mounting
Close mounting
Non-repetitive input (For repetitive input, the figure will be less than the value for surge current withstand
indicated by the broken line.)
250
200
150
100
50
0
10
30 50
100
300 500 1,000
3,000 5,000
Energized time (ms)
500
400
300
200
100
0
10
30 50
100
300 500 1,000
3,000 5,000
Energized time (ms)


Similar Part No. - G3PF-525B-STB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
G3PA ETC-G3PA Datasheet
249Kb / 16P
   Power Solid-state Relay
logo
Omron Electronics LLC
G3PA OMRON-G3PA Datasheet
2Mb / 16P
   Solid State Relays
G3PA OMRON-G3PA Datasheet
2Mb / 18P
   Extremely Thin Relays Integrated with Heat Sinks
G3PA OMRON-G3PA Datasheet
694Kb / 36P
   Digital Controller
logo
List of Unclassifed Man...
G3PA-210B-VD ETC-G3PA-210B-VD Datasheet
249Kb / 16P
   Power Solid-state Relay
More results

Similar Description - G3PF-525B-STB

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G3NE OMRON-G3NE_1 Datasheet
452Kb / 8P
   Solid State Relays
logo
Allen-Bradley
700-SH ALLEN-BRADLEY-700-SH Datasheet
598Kb / 7P
   Solid-State Relays
logo
PHOENIX CONTACT
2982689 PHOENIX-2982689 Datasheet
168Kb / 4P
   Solid-State Relays
logo
TT Electronics.
OSSRD1001A TTELEC-OSSRD1001A Datasheet
586Kb / 15P
   Solid State Relays
logo
GREEGOO Electric Co.,Lt...
GRV1024PW GREEGOO-GRV1024PW Datasheet
428Kb / 1P
   Solid State Relays
logo
Omron Electronics LLC
G3M OMRON-G3M Datasheet
419Kb / 8P
   Solid State Relays
logo
Allen-Bradley
700-SF ALLEN-BRADLEY-700-SF Datasheet
374Kb / 4P
   Solid-State Relays
700-SC ALLEN-BRADLEY-700-SC Datasheet
391Kb / 5P
   Solid-State Relays
logo
PHOENIX CONTACT
PLC-HSC-24DC PHOENIX-PLC-HSC-24DC Datasheet
98Kb / 6P
   Solid-state relays
logo
Opto Electronics Co,. L...
240A25 E-OEC-240A25 Datasheet
753Kb / 23P
   Solid-State Relays
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com