Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K8AB-PM Datasheet(PDF) 5 Page - Omron Electronics LLC

Part # K8AB-PM
Description  Three-phase Phase-sequence Phase-loss Relay
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

K8AB-PM Datasheet(HTML) 5 Page - Omron Electronics LLC

  K8AB-PM Datasheet HTML 1Page - Omron Electronics LLC K8AB-PM Datasheet HTML 2Page - Omron Electronics LLC K8AB-PM Datasheet HTML 3Page - Omron Electronics LLC K8AB-PM Datasheet HTML 4Page - Omron Electronics LLC K8AB-PM Datasheet HTML 5Page - Omron Electronics LLC K8AB-PM Datasheet HTML 6Page - Omron Electronics LLC K8AB-PM Datasheet HTML 7Page - Omron Electronics LLC K8AB-PM Datasheet HTML 8Page - Omron Electronics LLC K8AB-PM Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
K8AB-PM
5
Nomenclature
■ Front
Indicators
Note: The input across L1 and L2 is used for the internal power
supply. Therefore, the power indicator will not be lit if there is no
input across L1 and L2.
Setting Knobs
Note: 1. Use either a solid wire of 2.5 mm2 maximum or a ferrule with
insulating sleeve for the terminal connection.
The length of the exposed current-carrying part inserted
into the terminal must be 8 mm or less to maintain dielectric
strength after connection.
Recommended ferrules
Phoenix Contact
• Al 1,5-8BK (for AWG16)
• Al 1-8RD (for AWG18)
• Al 0,75-8GY (for AWG18)
2. Tightening torque
Recommended: 0.49 N·m
Maximum:
0.54 N·m
Power indicator
Relay status indicator
Overvoltage knob
(OVER)
Undervoltage knob
(UNDER)
Operating time knob (T)
Alarm indicator
Terminal block
(See notes 1 and 2.)
Terminal block
(See notes 1 and 2.)
0.1
Item
Meaning
Power indicator
(PWR: Green)
Lit when power is being supplied (see note).
Relay status indicator
(RY: Yellow)
Lit when relay is operating (normally lit).
Alarm
indicator
Overvoltage:
Red
Lit when there is an overvoltage.
The indicator flashes to indicate the error status after
the overvoltage has exceeded the threshold value
while the operating time is being clocked.
Undervoltage:
Red
• Lit when there is an undervoltage or phase loss.
The indicator flashes to indicate the error status
after the undervoltage has exceeded the threshold
value while the operating time is being clocked.
• Lit when there is a phase sequence error.
Item
Usage
Overvoltage knob
(OVER)
Can be set between
−30% and 25% of the rated
input.
Undervoltage knob
(UNDER)
Can be set between
−30% and 25% of the rated
input.
Operating time knob (T) Used to set the operating time to 0.1 to 30 s.
For 2.5 mm2 or
smaller solid wires
For ferrules with
insulating sleeves
8 mm max.
8 mm max.


Similar Part No. - K8AB-PM

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
K8AB-PA OMRON-K8AB-PA Datasheet
876Kb / 11P
   Three-phase Asymmetry and Phase-sequence Phase-loss Relay
K8AB-PA1 OMRON-K8AB-PA1 Datasheet
876Kb / 11P
   Three-phase Asymmetry and Phase-sequence Phase-loss Relay
K8AB-PA2 OMRON-K8AB-PA2 Datasheet
876Kb / 11P
   Three-phase Asymmetry and Phase-sequence Phase-loss Relay
K8AB-PH OMRON-K8AB-PH Datasheet
569Kb / 6P
   Phase-sequence Phase-loss Relay
K8AB-PH1 OMRON-K8AB-PH1 Datasheet
569Kb / 6P
   Phase-sequence Phase-loss Relay
More results

Similar Description - K8AB-PM

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
K8AB-PA OMRON-K8AB-PA Datasheet
876Kb / 11P
   Three-phase Asymmetry and Phase-sequence Phase-loss Relay
K8DS-PH1 OMRON-K8DS-PH1 Datasheet
1Mb / 12P
   Phase-sequence Phase-loss Relay
K8AB-PH OMRON-K8AB-PH Datasheet
569Kb / 6P
   Phase-sequence Phase-loss Relay
logo
List of Unclassifed Man...
DPA71DM23 ETC2-DPA71DM23 Datasheet
107Kb / 3P
   Monitoring Relays 3-Phase Sequence and Phase Loss
DPA01CM44 ETC2-DPA01CM44 Datasheet
115Kb / 3P
   Monitoring Relays 3-Phase Sequence and Phase Loss
logo
ZIEHL industrie-elektro...
DRR10 ZIEHL-DRR10 Datasheet
271Kb / 1P
   Phase sequence Relay Type DRR10 automatic change of wrong Phase sequence
P222505 ZIEHL-P222505 Datasheet
262Kb / 1P
   Phase asymmetry Relay Type PS2DK Monitoring of Phase-Asymmetry and Phase Sequence
logo
List of Unclassifed Man...
DPB02CM23 ETC2-DPB02CM23 Datasheet
164Kb / 4P
   Monitoring Relays True RMS 3-Phase, Phase Sequence/Loss - Asymmetry
EUAC220 ETC2-EUAC220 Datasheet
133Kb / 2P
   Current and Voltage Controls 3-Phase Sequence and Phase Loss
logo
Extech Instruments Corp...
480400 EXTECH-480400 Datasheet
131Kb / 6P
   Phase Sequence Tester
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com