Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K8AB-AS3 Datasheet(PDF) 8 Page - Omron Electronics LLC

Part # K8AB-AS3
Description  Single-phase Current Relay
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

K8AB-AS3 Datasheet(HTML) 8 Page - Omron Electronics LLC

Back Button K8AB-AS3 Datasheet HTML 2Page - Omron Electronics LLC K8AB-AS3 Datasheet HTML 3Page - Omron Electronics LLC K8AB-AS3 Datasheet HTML 4Page - Omron Electronics LLC K8AB-AS3 Datasheet HTML 5Page - Omron Electronics LLC K8AB-AS3 Datasheet HTML 6Page - Omron Electronics LLC K8AB-AS3 Datasheet HTML 7Page - Omron Electronics LLC K8AB-AS3 Datasheet HTML 8Page - Omron Electronics LLC K8AB-AS3 Datasheet HTML 9Page - Omron Electronics LLC K8AB-AS3 Datasheet HTML 10Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
K8AB-AS
8
2. Hysteresis
Hysteresis is set using the hysteresis knob (HYS.)
The setting range is 5 to 50% of the operating value.
Turn the knob while there is an input to the input terminals until the alarm indicator flashes (when the set value and the input have reached the
same level.)
Use this as a guide to set the hysteresis.
Example: Maximum of 200 A AC, Current Setting (SV) of 50%, and Overcurrent Operation
Operation will be at 100 A and resetting at 90 A when the hysteresis (HYS.) is set to 10%.
3. Operating Time
The operating time is set using the operating time knob (T).
The operating time can be set to between 0.1 and 30 s.
Turn the knob while there is an input to the input terminals until the alarm indicator flashes (when the set value and the input have reached the
same level.)
Use this as a guide to set the operating time.
If the input current exceeds (drops lower than) the current setting, the alarm indicator will start flashing for the set period and then stay lit.
4. Startup Lock Time
The startup lock time is set using the startup lock time knob (LOCK).
The startup lock time can be set to between 0 and 30 s.
Turn the knob while there is an input to the input terminals until the alarm indicator flashes
(when the set value and the input have reached the same level.)
Use this as a guide to set the startup lock time.
The startup lock time will start when the input current reaches 30% or more of the current
setting.
Use startup lock time to prevent unwanted operation, e.g., as a result of inrush current.
Dimensions
(Unit: mm)
Single-phase Current Relays
OMRON CT
Inrush current
Current setting
30% of current setting
Startup lock timer start
Startup lock time
There are no outputs
during this period.
22.5
100
72
90
5
5
K8AB-AS1
K8AB-AS2
K8AB-AS3
1.8
76
4.1
10
10
5.9
5.2
20
Two M5 screw holes or
two 5.5-dia. holes
57
30 dia.
14.5
14.5
6
8.5
50
33.5
34.5
81.5
13.5
86
54
63
11
4.7
Four M4
× 6 screws
17
20
9.3
1.7
1.7
9.3
76
Mounting Hole Dimensions
Note: The OMRON Current Transformer (CT) is
designed to be used with the K8AB-AS3.
Use terminals k and l for connections.
(Terminals kt and lt are not used.)
K8AC-CT200L


Similar Part No. - K8AB-AS3

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
K8AB-PA OMRON-K8AB-PA Datasheet
876Kb / 11P
   Three-phase Asymmetry and Phase-sequence Phase-loss Relay
K8AB-PA1 OMRON-K8AB-PA1 Datasheet
876Kb / 11P
   Three-phase Asymmetry and Phase-sequence Phase-loss Relay
K8AB-PA2 OMRON-K8AB-PA2 Datasheet
876Kb / 11P
   Three-phase Asymmetry and Phase-sequence Phase-loss Relay
K8AB-PH OMRON-K8AB-PH Datasheet
569Kb / 6P
   Phase-sequence Phase-loss Relay
K8AB-PH1 OMRON-K8AB-PH1 Datasheet
569Kb / 6P
   Phase-sequence Phase-loss Relay
More results

Similar Description - K8AB-AS3

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
K8AB-VS OMRON-K8AB-VS Datasheet
959Kb / 10P
   Single-phase Voltage Relay
K8AB-VW OMRON-K8AB-VW Datasheet
1,019Kb / 10P
   Single-phase Voltage Relay
logo
Schneider Electric
RM35JA31MW SCHNEIDER-RM35JA31MW Datasheet
162Kb / 7P
   Modular 1-phase current control relay
logo
DB Lectro Inc
HG4506 DBLECTRO-HG4506 Datasheet
46Kb / 2P
   Single Phase Motor Starter Relay
logo
Schneider Electric
RM35JA32MW SCHNEIDER-RM35JA32MW Datasheet
162Kb / 7P
   Modular 1-phase current control relay
logo
celduc-relais
SO86596H CELDUC-SO86596H Datasheet
489Kb / 6P
   Single phase Power Solid State Relay
logo
DONGGUAN YOU FENG WEI E...
KBPC1506 YFWDIODE-KBPC1506 Datasheet
562Kb / 3P
   15A HIGH CURRENT SINGLE-PHASE
KBPC2506 YFWDIODE-KBPC2506 Datasheet
562Kb / 3P
   25A HIGH CURRENT SINGLE-PHASE
KBPC3506 YFWDIODE-KBPC3506 Datasheet
566Kb / 3P
   35A HIGH CURRENT SINGLE-PHASE
logo
Littelfuse
77C LITTELFUSE-77C Datasheet
373Kb / 4P
   Single-Phase Current & Voltage Monitor
2022 Littelfuse, Inc
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com