Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H5S-WFB2D Datasheet(PDF) 9 Page - Omron Electronics LLC

Part # H5S-WFB2D
Description  Digital Time Switch
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

H5S-WFB2D Datasheet(HTML) 9 Page - Omron Electronics LLC

Back Button H5S-WFB2D Datasheet HTML 5Page - Omron Electronics LLC H5S-WFB2D Datasheet HTML 6Page - Omron Electronics LLC H5S-WFB2D Datasheet HTML 7Page - Omron Electronics LLC H5S-WFB2D Datasheet HTML 8Page - Omron Electronics LLC H5S-WFB2D Datasheet HTML 9Page - Omron Electronics LLC H5S-WFB2D Datasheet HTML 10Page - Omron Electronics LLC H5S-WFB2D Datasheet HTML 11Page - Omron Electronics LLC H5S-WFB2D Datasheet HTML 12Page - Omron Electronics LLC H5S-WFB2D Datasheet HTML 13Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
H5S
9
Display
Display Description
No.
Function
1
Lights when power is supplied to the Time
Switch.
2
When 12-hour display is selected, either AM
or PM lights. (24-hour display is the default.)
3
Lights when summer time (+1 h) is activated.
4
Displays the current time and other values.
5
Displays the unit for the pulse width.
6
Lights when the total time or count value
exceeds the alarm setting.
7
Displays the number of remaining steps for
programming in setting mode.
8
Displays the number of the circuit (output)
that has been set.
9
Displays the time for the next operation, the
date (yearly models only), and other values.
10
Displays the next operation and other
information in chart form.
11
Displays the bank name (weekly models) or
season name (yearly models).
12
Lights when setting the ON/OFF time or
when setting a day override operation.
13
Lit during the temporary holiday operation or
when setting a temporary holiday.
14
Lit during the day override operation or when
setting a day override operation.
15
Lit during setting a yearly program.
16
Flashes during the Time Adjustment mode.
17
Displays the current day or the day set for an
operation.
18
Displays the number of the circuit (output) for
which output is ON.
Weekly Two-circuit Models
5. Pulse width unit indicator
4. Main display
9. Sub-display
10. Timing chart display
17. Day indicator
11. Bank indicator
12. From/To indicator
14. Copy indicator
1. Power indicator
2. AM/PM indicator
3. Summer time indicator
2. AM/PM indicator
13. Holiday indicator
7. Display of number
of remaining steps
8. Set circuit number
indicator
6. Total value alarm
indicator
18. Output circuit number
indicator
16. Time adjustment mode
indicator
Yearly Two-circuit Models
4. Main display
9. Sub-display
10. Timing chart display
17. Day indicator
11. Season indicators
12. From/To indicator
13. Holiday indicator
1. Power indicator
2. AM/PM indicator
3. Summer time indicator
2. AM/PM indicator
15. Year indicator
7. Display of number
of remaining steps
8. Set circuit number
indicator
6. Total value alarm
indicator
16. Time adjustment mode
indicator
5. Pulse width unit
indicator
18. Output circuit number
indicator
Yearly Four-circuit Models
4. Main display
9. Sub-display
10. Timing chart display
17. Day indicators
11. Season indicator
12. From/To indicator
13. Holiday indicator
1. Power indicator
2. AM/PM indicator
3. Summer time indicator
2. AM/PM indicator
15. Year indicator
7. Display of number
of remaining steps
8. Set circuit number
indicator
16. Time adjustment mode
indicator
5. Pulse width unit
indicator
18. Output circuit number
indicator


Similar Description - H5S-WFB2D

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT728985 IDT-IDT728985 Datasheet
119Kb / 13P
   TIME SLOT INTERCHANGE DIGITAL SWITCH
logo
ams AG
AS3588A AMSCO-AS3588A Datasheet
98Kb / 15P
   DIGITAL TIME/SPACE CROSSPOINT SWITCH
logo
Integrated Device Techn...
IDT72V70840 IDT-IDT72V70840 Datasheet
132Kb / 21P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH
IDT72V90823 IDT-IDT72V90823 Datasheet
180Kb / 27P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH
logo
Renesas Technology Corp
IDT72V70200 RENESAS-IDT72V70200 Datasheet
503Kb / 25P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH
AUGUST 2001
IDT72V70190 RENESAS-IDT72V70190 Datasheet
463Kb / 21P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH
DECEMBER 2004
IDT72V70180 RENESAS-IDT72V70180 Datasheet
425Kb / 21P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH
MARCH 2003
logo
Integrated Device Techn...
IDT7290820 IDT-IDT7290820 Datasheet
167Kb / 27P
   TIME SLOT INTERCHANGE DIGITAL SWITCH 2,048 x 2,048
IDT728981 IDT-IDT728981 Datasheet
81Kb / 10P
   TIME SLOT INTERCHANGE DIGITAL SWITCH 128 x 128
logo
Renesas Technology Corp
IDT728981 RENESAS-IDT728981 Datasheet
279Kb / 11P
   TIME SLOT INTERCHANGE DIGITAL SWITCH 128 x 128
JANUARY 2001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com