Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K8AB-AS1 Datasheet(PDF) 7 Page - Omron Electronics LLC

Part # K8AB-AS1
Description  Single-phase Current Relay
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

K8AB-AS1 Datasheet(HTML) 7 Page - Omron Electronics LLC

Back Button K8AB-AS1 Datasheet HTML 2Page - Omron Electronics LLC K8AB-AS1 Datasheet HTML 3Page - Omron Electronics LLC K8AB-AS1 Datasheet HTML 4Page - Omron Electronics LLC K8AB-AS1 Datasheet HTML 5Page - Omron Electronics LLC K8AB-AS1 Datasheet HTML 6Page - Omron Electronics LLC K8AB-AS1 Datasheet HTML 7Page - Omron Electronics LLC K8AB-AS1 Datasheet HTML 8Page - Omron Electronics LLC K8AB-AS1 Datasheet HTML 9Page - Omron Electronics LLC K8AB-AS1 Datasheet HTML 10Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
K8AB-AS
7
■ Operation and Setting Methods
Setting Ranges and Wiring Connections
Note: 1. The DC input terminals have no polarity.
2. The K8AB-AS3 is designed to be used in combination with
the OMRON K8AC-CT200L Current Transformer (CT).
(Direct input is not possible.)
Connections
1. Input
Connect the input between the I1-COM, I2-COM, or I3-COM terminals, according to the input
current. Malfunctions may occur if the input is connected to unused terminals and the Unit will
not operate correctly.
Terminal I1 is not used by the K8AB-AS3.
If using the OMRON K8AC-CT200L CT, connect to terminals k and l on the K8AC-CT200L.
(Terminals kt and lt are not used.)
2. Power Supply
Connect the power supply to terminals A1 and A2.
3. Outputs
SPDT relays are output to terminals 11, 12, and 14.
Note: Use the recommended ferrules if using twisted wires.
DIP Switch Settings
The resetting method, relay drive method, and operating mode are set using the DIP switch located on the bottom of the Unit.
K8AB-AS
@ does not use SW1.
Setting Method
1. Setting Current
The current knob (SV) is used to set the current.
The current can be set to 10% to 100% of the maximum measuring current.
Turn the knob while there is an input to the input terminals until the alarm indicator flashes (when the set value and the input have reached the
same level.)
Use this as a guide to set the current.
The maximum measuring current will differ depending on the model and the input terminal.
Example: K8AB-AS3 Using Input Terminals I3-COM
The maximum measuring current will be 200 A AC and the setting range will be 20 to 200 A.
Model
Measuring current
Wiring
connection
K8AB-AS1
2 to 20 mA AC/DC
I1-COM
10 to 100 mA AC/DC
I2-COM
50 to 500 mA AC/DC
I3-COM
K8AB-AS2
0.1 to 1 A AC/DC
I1-COM
0.5 to 5 A AC/DC
I2-COM
0.8 to 8 A AC/DC
I3-COM
K8AB-AS3
10 to 100 A AC (See note 2.)
I2-COM
20 to 200 A AC (See note 2.)
I3-COM
<For K8AB-AS3>
k
l
Load
Current input
Signal output
K8AC-
CT200L
14
12
A1
A2
I1
I2
I3
11
Relay
signal
output
COM
K8AB-AS3
Single-phase power
Power supply
voltage
ON
OFF
SW1
SW2
SW3
SW4
DIP switch
DIP Switch Functions
Note: All pins are set to OFF at the factory.
SWITCH
ON
● ↑
OFF
❍ ↓
Resetting method
Automatic reset
---
---
NO USE
Manual reset
---
---
Relay drive method Normally closed
---
---
Normally open
---
---
Operating mode
Undercurrent
---
---
Overcurrent
---
---
ON
OFF
4
3
2
1


Similar Part No. - K8AB-AS1

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
K8AB-PA OMRON-K8AB-PA Datasheet
876Kb / 11P
   Three-phase Asymmetry and Phase-sequence Phase-loss Relay
K8AB-PA1 OMRON-K8AB-PA1 Datasheet
876Kb / 11P
   Three-phase Asymmetry and Phase-sequence Phase-loss Relay
K8AB-PA2 OMRON-K8AB-PA2 Datasheet
876Kb / 11P
   Three-phase Asymmetry and Phase-sequence Phase-loss Relay
K8AB-PH OMRON-K8AB-PH Datasheet
569Kb / 6P
   Phase-sequence Phase-loss Relay
K8AB-PH1 OMRON-K8AB-PH1 Datasheet
569Kb / 6P
   Phase-sequence Phase-loss Relay
More results

Similar Description - K8AB-AS1

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
K8AB-VS OMRON-K8AB-VS Datasheet
959Kb / 10P
   Single-phase Voltage Relay
K8AB-VW OMRON-K8AB-VW Datasheet
1,019Kb / 10P
   Single-phase Voltage Relay
logo
Schneider Electric
RM35JA31MW SCHNEIDER-RM35JA31MW Datasheet
162Kb / 7P
   Modular 1-phase current control relay
logo
DB Lectro Inc
HG4506 DBLECTRO-HG4506 Datasheet
46Kb / 2P
   Single Phase Motor Starter Relay
logo
Schneider Electric
RM35JA32MW SCHNEIDER-RM35JA32MW Datasheet
162Kb / 7P
   Modular 1-phase current control relay
logo
celduc-relais
SO86596H CELDUC-SO86596H Datasheet
489Kb / 6P
   Single phase Power Solid State Relay
logo
DONGGUAN YOU FENG WEI E...
KBPC1506 YFWDIODE-KBPC1506 Datasheet
562Kb / 3P
   15A HIGH CURRENT SINGLE-PHASE
KBPC2506 YFWDIODE-KBPC2506 Datasheet
562Kb / 3P
   25A HIGH CURRENT SINGLE-PHASE
KBPC3506 YFWDIODE-KBPC3506 Datasheet
566Kb / 3P
   35A HIGH CURRENT SINGLE-PHASE
logo
Littelfuse
77C LITTELFUSE-77C Datasheet
373Kb / 4P
   Single-Phase Current & Voltage Monitor
2022 Littelfuse, Inc
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com