Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E5EN-HPRR2BM-500 Datasheet(PDF) 6 Page - Omron Electronics LLC

Part # E5EN-HPRR2BM-500
Description  Advanced Digital Temperature Controller
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E5EN-HPRR2BM-500 Datasheet(HTML) 6 Page - Omron Electronics LLC

Back Button E5EN-HPRR2BM-500 Datasheet HTML 2Page - Omron Electronics LLC E5EN-HPRR2BM-500 Datasheet HTML 3Page - Omron Electronics LLC E5EN-HPRR2BM-500 Datasheet HTML 4Page - Omron Electronics LLC E5EN-HPRR2BM-500 Datasheet HTML 5Page - Omron Electronics LLC E5EN-HPRR2BM-500 Datasheet HTML 6Page - Omron Electronics LLC E5EN-HPRR2BM-500 Datasheet HTML 7Page - Omron Electronics LLC E5EN-HPRR2BM-500 Datasheet HTML 8Page - Omron Electronics LLC E5EN-HPRR2BM-500 Datasheet HTML 9Page - Omron Electronics LLC E5EN-HPRR2BM-500 Datasheet HTML 10Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
E5AN-H/E5EN-H
6
Input Ranges
Thermocouple/Platinum Resistance Thermometer (Fully Universal Inputs)
Input
type
Platinum resistance
thermometer
Thermocouple
Analog input
Name
Pt100
JPt100
K
J
T
E
L
U
N
R
S
B
W
PL
II
4 to
20 m
A
0 to
20 m
A
1 to
5V
0 to
5V
0 to
10 V
2300
1800
1700
1600
1500
1400
1300
1200
1100
1000
900
800
700
600
500
400
300
200
100
0
−100.0
−200.0
2300.0
Usable in the following
ranges by scaling:
−19999 to 32400,
−1999.9 to 3240.0,
−199.99 to 324.00, or
−19.999 to 32.400
1800.0
1700.01700.0
1300.0
1300.0
1300.0
850.0
850.0
850.0
600.0
500.0
500.0
500.0
400.0
400.0 400.0
400.0 400.0
200.00
200.00
200.00
200.00
100.0
100.0
100.0
0.0
0.0
0.0
0.0
0.0
0.0
−50.00
−20.0 −50.00−100.0 −20.0 −50.00
−50.00
−100.0
−200.0−199.9
−199.9
−200.0
−200.0−199.9
−200.0
−200.0−199.9−200.0
Setting
number
012
24
34
5
6
21
7
8
22
9
1023
11121314151617
181920
25
26
27
28
29
Shaded settings are the default settings.
The applicable standards for the input types are as follows:
K, J, T, E, N, R, S, B: JIS C 1602-1995, IEC 584-1
L: Fe-CuNi, DIN 43710-1985
U: Cu-CuNi, DIN 43710-1985
W: W5Re/W26Re, ASTM E988-1990
JPt100: JIS C 1604-1989, JIS C 1606-1989
Pt100: JIS C 1604-1997, IEC 751
PL II: According to Platinel II electromotive force charts from BASF (previously
Engelhard)


Similar Part No. - E5EN-HPRR2BM-500

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E5EN-C3ML-500-N OMRON-E5EN-C3ML-500-N Datasheet
1Mb / 15P
   Basic-type Digital Temperature Controller
E5EN-C3MT-500-N OMRON-E5EN-C3MT-500-N Datasheet
1Mb / 15P
   Basic-type Digital Temperature Controller
E5EN-C3MT-W-500-N OMRON-E5EN-C3MT-W-500-N Datasheet
1Mb / 15P
   Basic-type Digital Temperature Controller
E5EN-C3MTD-500-N OMRON-E5EN-C3MTD-500-N Datasheet
1Mb / 15P
   Basic-type Digital Temperature Controller
E5EN-C3MTD-W-500-N OMRON-E5EN-C3MTD-W-500-N Datasheet
1Mb / 15P
   Basic-type Digital Temperature Controller
More results

Similar Description - E5EN-HPRR2BM-500

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E5CN-H OMRON-E5CN-H Datasheet
1Mb / 13P
   Advanced Digital Temperature Controller
logo
Fuji Electric
EDS11-90B FUJI-EDS11-90B Datasheet
277Kb / 4P
   DIGITAL TEMPERATURE CONTROLLER
logo
Omron Electronics LLC
E5XC OMRON-E5XC Datasheet
12Mb / 112P
   Digital Temperature Controller
logo
Texas Instruments
DLPC150 TI1-DLPC150 Datasheet
1Mb / 55P
[Old version datasheet]   Digital Controller for Advanced Light Control
DLPC900 TI1-DLPC900 Datasheet
1Mb / 72P
[Old version datasheet]   Digital Controller for Advanced Light Control
logo
Omron Electronics LLC
E5GN OMRON-E5GN_09 Datasheet
1Mb / 17P
   Basic-type Digital Temperature Controller
E5CC-800 OMRON-E5CC-800 Datasheet
8Mb / 36P
   Digital Temperature Controller (Simple Type)
04/12
E5AN OMRON-E5AN Datasheet
1Mb / 15P
   Basic-type Digital Temperature Controller
E5CN-U OMRON-E5CN-U Datasheet
1Mb / 15P
   Basic-type Digital Temperature Controller
logo
Texas Instruments
DLPC350 TI1-DLPC350_14 Datasheet
2Mb / 62P
[Old version datasheet]   Digital Controller for Portable Advanced Light Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com