Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPM3012 Datasheet(PDF) 3 Page - Power-One

Part # UPM3012
Description  NON-ISOLATED, 40 WATT
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

UPM3012 Datasheet(HTML) 3 Page - Power-One

  UPM3012 Datasheet HTML 1Page - Power-One UPM3012 Datasheet HTML 2Page - Power-One UPM3012 Datasheet HTML 3Page - Power-One  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
C105
OPTIONS
When ordering equipment options, use the following suffix information. Select the option(s) that
you prefer and add them to the model number. Example ordering options are located below the
options table.
OPTION
SUFFIX
APPLICABLE SERIES
REMARKS
Negative Logic
N
HAS, HBD, HBS, HES, LES, QBS,
QES, TES, TQD
TTL “Low” Turns Module ON
TTL “High” Turns Module OFF
Lucent Compatible Trim
T
HAS, HBD, HBS, HES, QBS, QES
Terminal Strip
TS
XWS, XWD, XWT
Trim
1
IAS, LES
Enable
2
IAD, IAS, LES, SMS
Trim and Enable
3
IAS, LES
Current Share
4
SMS
Headerless
Y
Encapsulated EWS, IWS, OWS
PIN LENGTH AND HEATSINK
OPTIONS
Standard Pin Length is 0.180”
(4.6mm)
0.110” (2.8mm) Pin Length
8
All Units (Except SMS)
0.150” (3.8mm) Pin Length
9
All Units (Except SMS)
0.24” (6.1mm) Horizontal Heatsink
1H
All Units (Except DIP, SIP, and SM
Packages)
Includes Thermal Pad
0.24” (6.1mm) Vertical Heatsink
1V
All Units (Except DIP, SIP, and SM
Packages)
Includes Thermal Pad
0.45” (11.4mm) Horizontal
Heatsink
2H
All Units (Except DIP, SIP, and SM
Packages)
Includes Thermal Pad
0.45” (11.4mm) Vertical Heatsink
2V
All Units (Except DIP, SIP, and SM
Packages)
Includes Thermal Pad
0.95” (24.1mm) Horizontal
Heatsink
3H
All Units (Except DIP, SIP, and SM
Packages)
Includes Thermal Pad
0.95” (24.1mm) Vertical Heatsink
3V
All Units (Except DIP, SIP, and SM
Packages)
Includes Thermal Pad
Example Options: HBS050ZG-ANT3V = HBS050ZG-A with negative logic, Lucent compatible trim, and
0.95” vertical heatsink.
LES015YJ-3N = LES015YJ with optional trim and enable, negative logic.
QBS066ZG-AT8 = QBS066ZG-A with Lucent compatible trim and 0.110” pin length.
NUCLEAR AND MEDICAL APPLICATIONS Power-One products are not authorized for use as critical components in life support systems,
equipment used in hazardous environments, or nuclear control systems without the express written consent of the President of Power-One, Inc.
TECHNICAL REVISIONS The appearance of products, including safety agency certifications pictured on labels, may change depending on the
date manufactured. Specifications are subject to change without notice.


Similar Part No. - UPM3012

ManufacturerPart #DatasheetDescription
logo
Power-One
UPM-EA POWER-ONE-UPM-EA Datasheet
93Kb / 4P
   Programmable-Output, 45 Watts
logo
Nichicon corporation
UPM0J101MDD NICHICON-UPM0J101MDD Datasheet
131Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UPM0J102MDD NICHICON-UPM0J102MDD Datasheet
111Kb / 7P
   ALUMINUM ELECTROLYTIC CAPACITORS
UPM0J102MED NICHICON-UPM0J102MED Datasheet
111Kb / 7P
   ALUMINUM ELECTROLYTIC CAPACITORS
UPM0J102MHD NICHICON-UPM0J102MHD Datasheet
111Kb / 7P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results

Similar Description - UPM3012

ManufacturerPart #DatasheetDescription
logo
Power-One
SIP305 POWER-ONE-SIP305 Datasheet
134Kb / 3P
   NON-ISOLATED, 20 WATT
logo
SL Power Electronics
PENT1040C SLPOWER-PENT1040C Datasheet
257Kb / 2P
   Universal 40 Watt (IEEE802.3af Non-Compliant)
logo
Naina Semiconductor ltd...
N3D40 NAINA-N3D40 Datasheet
183Kb / 2P
   Non-isolated Diode Module, 40 Amps
logo
SL Power Electronics
PENT1040A SLPOWER-PENT1040A Datasheet
258Kb / 2P
   Universal 40 Watt (IEEE802.3af Non-Compliant)
logo
Artesyn Technologies
SIL10E-05W3V3-VJ ARTESYN-SIL10E-05W3V3-VJ_15 Datasheet
721Kb / 3P
   49.9 Watt (10 Amp) Non-Isolated DC-DC Converters
logo
Astrodyne Corporation
FEC40 ASTRODYNE-FEC40_16 Datasheet
499Kb / 4P
   Isolated and Regulated 40 WATT Modular DC/DC Converters
logo
Artesyn Technologies
SIL10E-05W3V3-VJ ARTESYN-SIL10E-05W3V3-VJ Datasheet
721Kb / 3P
   49.9 Watt (10 Amp) Non-Isolated DC-DC Converters
logo
Astrodyne Corporation
FDC40 ASTRODYNE-FDC40_16 Datasheet
277Kb / 5P
   Isolated and Regulated 40 WATT Modular DC/DC Converters
FDC40 ASTRODYNE-FDC40 Datasheet
540Kb / 5P
   Isolated and Regulated 40 WATT Modular DC/DC Converters
FEC40 ASTRODYNE-FEC40 Datasheet
633Kb / 4P
   Isolated and Regulated 40 WATT Modular DC/DC Converters
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com