Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E5AR-TCE3MB-FLK Datasheet(PDF) 8 Page - Omron Electronics LLC

Part # E5AR-TCE3MB-FLK
Description  Programmable Digital Controller
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E5AR-TCE3MB-FLK Datasheet(HTML) 8 Page - Omron Electronics LLC

Back Button E5AR-TCE3MB-FLK Datasheet HTML 4Page - Omron Electronics LLC E5AR-TCE3MB-FLK Datasheet HTML 5Page - Omron Electronics LLC E5AR-TCE3MB-FLK Datasheet HTML 6Page - Omron Electronics LLC E5AR-TCE3MB-FLK Datasheet HTML 7Page - Omron Electronics LLC E5AR-TCE3MB-FLK Datasheet HTML 8Page - Omron Electronics LLC E5AR-TCE3MB-FLK Datasheet HTML 9Page - Omron Electronics LLC E5AR-TCE3MB-FLK Datasheet HTML 10Page - Omron Electronics LLC E5AR-TCE3MB-FLK Datasheet HTML 11Page - Omron Electronics LLC E5AR-TCE3MB-FLK Datasheet HTML 12Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
E5AR-T
8
E5AR-TQ43DW-FLK (2-loop Control)
E5AR-TC43DW-FLK (2-loop Control)
E5AR-TQQE3MW-FLK (2-loop Control)
6
5
4
3
2
1
6
5
4
3
2
1
BE
D
C
A
K
J
I
H
G
F
COM
SUB1
SUB2
COM
SUB3
SUB4
3
6
5
4
2
1
EV6
EV5
EV4
3
6
5
4
2
1
B
E
COM
V
I
3
6
5
4
2
1
++
V
I
+
+
K
+
+
+
3
6
5
4
2
1
F
!
100 to 240 VAC
B(
+)
A(
−)
OUT2
Voltage output 12 V 40 mA
OUT1
Voltage output 12 V
40 mA or
Current output
4 to 20 mA DC, 500
Ω max.
0 to 20 mA DC, 500
Ω max.
(Switched by output type setting.)
RS-485
Event input
(Current) (Voltage)
(Resistance temperature input sensor)
(Thermocouple)
Input 2
Input 1
Auxiliary output
(Relay output)
EV3
TC
PT
TC
PT
6
5
4
3
2
1
6
5
4
3
2
1
BE
C
A
K
J
I
H
G
F
D
SUB1
SUB2
SUB3
SUB4
3
6
5
4
2
1
EV6
EV5
EV4
EV3
3
6
5
4
2
1
B
E
V
I
3
6
5
4
2
1
+
V
I
+
+
+
K
+
+
+
3
6
5
4
2
1
F
!
100 to 240 VAC
(Current) (Voltage)
(Resistance temperature input sensor)
(Thermocouple)
Input 2
Input 1
Event input
Auxiliary output
(Relay output)
COM
COM
B(
+)
A(
−)
RS-485
OUT2
Current output
4 to 20 mA DC, 500
Ω max.
0 to 20 mA DC, 500
Ω max.
(Switched by output
type setting.)
OUT1
Current output
4 to 20 mA DC, 500
Ω max.
0 to 20 mA DC, 500
Ω max.
(Switched by output type setting.)
COM
TC
PT
TC
PT
Note
The power supply voltage must be 100 to 240 VAC or 24 VAC/DC for the E5AR-T to comply with CE
marking requirements.
The power supply voltage must be 100 to 120 VAC or 24 VAC/DC for the E5AR-T to comply with UL
requirements.
6
5
4
3
2
1
6
5
4
3
2
1
BE
C
A
K
J
I
H
G
F
D
+
3
6
5
4
2
1
3
6
5
4
2
1
B
E
D
C
+
+
+
+
TC
V
3
6
5
4
2
1
++
V
I
I
+
+
+
+
3
6
5
4
2
1
G
K
+
+
+
3
6
5
4
2
1
F
+
!
24 VAC/DC
100 to 240 VAC
Input power supply
depends on model.
100 to 240 VAC or 24
VAC/DC (no polarity)
Voltage output 12 V
40 mA
OUT2
OUT1
Voltage output 12 V
40 mA or
Current output
4 to 20 mA DC, 500
Ω max.
0 to 20 mA DC, 500
Ω max.
(Switched by output type setting.)
B(
+)
A(
−)
RS-485
Voltage output 12 V
40 mA
OUT4
OUT3
Voltage output 12 V
40 mA or
Current output
4 to 20 mA DC, 500
Ω max.
0 to 20 mA DC, 500
Ω max.
(Switched by output type setting.)
Event input
(Current) (Voltage)
(Resistance temperature input sensor)
(Thermocouple)
Input 2
Input 1
EV3(E), EV7(D)
EV4(E), EV8(D)
EV5(E), EV9(D)
EV6(E), EV10(D)
COM
Auxiliary output
(Transistor output)
SUB1(B), SUB6(C)
SUB2(B), SUB7(C)
SUB3(B), SUB8(C)
SUB4(B), SUB9(C)
SUB5(B), SUB10(C)
COM
PT
PT
TC


Similar Part No. - E5AR-TCE3MB-FLK

ManufacturerPart #DatasheetDescription
logo
Microdiode Electronics ...
E5AB CHENDA-E5AB Datasheet
630Kb / 2P
   SURFACE MOUNT SUPERFAST RECOVERY RECTIFIER
logo
Omron Electronics LLC
E5AC OMRON-E5AC Datasheet
12Mb / 112P
   Digital Temperature Controller
E5AC-T OMRON-E5AC-T Datasheet
12Mb / 112P
   Digital Temperature Controller
E5AK OMRON-E5AK Datasheet
694Kb / 36P
   Digital Controller
E5AK-AA2 OMRON-E5AK-AA2 Datasheet
694Kb / 36P
   Digital Controller
More results

Similar Description - E5AR-TCE3MB-FLK

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E5ER-T OMRON-E5ER-T Datasheet
939Kb / 10P
   Programmable Digital Controller
logo
Fuji Electric
EDS11-132B FUJI-EDS11-132B Datasheet
142Kb / 12P
   Digital Controller COMPACT CONTROLLER M [CC-M](PROGRAMMABLE CONTINUOUS OUTPUT TYPE)
EDS11-140B FUJI-EDS11-140B Datasheet
143Kb / 12P
   Digital Controller COMPACT CONTROLLER M [CC-M](PROGRAMMABLE STEP OUTPUT TYPE)
EDSX11-140A FUJI-EDSX11-140A Datasheet
112Kb / 12P
   Digital Controller COMPACT CONTROLLER M [CC-M] (PROGRAMMABLE STEP OUTPUT TYPE)
EDSX11-132E FUJI-EDSX11-132E Datasheet
120Kb / 12P
   Digital Controller COMPACT CONTROLLER M [CC-M] (PROGRAMMABLE CONTINUOUS OUTPUT TYPE)
logo
Toshiba Semiconductor
TLP621 TOSHIBA-TLP621_07 Datasheet
245Kb / 10P
   Programmable Controller
logo
Omron Electronics LLC
CP2E OMRON-CP2E Datasheet
8Mb / 47P
   Programmable Controller
CQM1-DA022 OMRON-CQM1-DA022 Datasheet
1Mb / 22P
   Programmable Controller
HMC-EF583 OMRON-HMC-EF583 Datasheet
3Mb / 24P
   Programmable Controller
logo
Advanced Micro Devices
AM8257 AMD-AM8257 Datasheet
519Kb / 8P
   Programmable DMA Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com